Part Number Hot Search : 
1A010 2149F 1A010 BJ22A 2SA719 LS1240 H8S2237 TL062BCN
Product Description
Full Text Search
  pullup Datasheet PDF File

For pullup Found Datasheets File :: 12177    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    DELTA[Delta Electronics, Inc.]
Part No. GBIC-1250B3FR GBIC-1250B5QR GBIC-1250A3FR GBIC-1250A3QR GBIC-1250A5FR GBIC-1250A5QR GBIC-1250B3QR GBIC-1250B5FR
OCR Text ...r compat-ible,4.7 K to 10 K Ohm pullup to VDDT on host RX_LOS 1 Transmitter Signals TGND VDDT +TX_DAT -TX_DAT TX_DISABLE 8,9,17,20 Transmitter Ground (may be connected with RGND internally) Ground, to GBIC 16 18 19 7 Transmitter +5...
Description RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet

File Size 369.17K  /  11 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ... external data bus The internal pullup is active only when the pin is outputting a logic 1 during external memory access An external pullup resistor is required on Port 0 when it is serving as an output port Ports 1 2 3 4 and 5 have quasi-b...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    DS2484

Maxim Integrated Products
Part No. DS2484
OCR Text ... i 2 c and 1-wire side. strong pullup features support 1-wire power deliv - ery to 1-wire devices such as eeproms and sensors. when not in use, the ds2484 can be put in sleep mode where power consumption is minimal. applications printers...
Description Single-Channel 1-Wire Master

File Size 2,061.52K  /  29 Page

View it Online

Download Datasheet

    ICS81006I

Integrated Device Technology
Part No. ICS81006I
OCR Text ...packages BLOCK DIAGRAM OE0 (pullup) PIN ASSIGNMENT GND VDDO OE0 SYNC Q0 VC LP Filter XTAL_IN XTAL_OUT 1 2 3 4 5 20 19 18 17 16 15 14 13 12 6 OE1 Q0 Q1 GND Q2 VDDO Q3 GND Q1 XTAL_IN VDD VC VCXO ...
Description VCXO-TO-LVCMOS OUTPUTS

File Size 641.12K  /  14 Page

View it Online

Download Datasheet

    ICL232CBE ICL232CPE ICL232LBE ICL232LPE ICL232 ICL232MJE

Intersil, Corp.
INTERSIL[Intersil Corporation]
Part No. ICL232CBE ICL232CPE ICL232LBE ICL232LPE ICL232 ICL232MJE
OCR Text ...N , Input Logic High, VlH Logic pullup Current, IP RS-232 Input Voltage Range, VIN Receiver Input Impedance, RIN Receiver Input Low Threshold, VlN (H-L) Receiver Input High Threshold, VIN (L-H) Receiver Input Hysteresis, VHYST TTL/CMOS Rece...
Description 5V Powered, Dual RS-232 Transmitter/Receiver 5V的技术,双路RS - 232发送器/接收
5V Powered/ Dual RS-232 Transmitter/Receiver

File Size 103.12K  /  6 Page

View it Online

Download Datasheet

    ICM7217 ICM7217CIPL FN3167 ICM7217AIPI ICM7217IJI LCM7217BLJL

INTERSIL[Intersil Corporation]
Part No. ICM7217 ICM7217CIPL FN3167 ICM7217AIPI ICM7217IJI LCM7217BLJL
OCR Text ...rrent, ISEG ST, RS, UP/DN Input pullup Current, IP 3 Level Input Impendance, ZIN BCD I/O Input, High Voltage VBIH BCD I/O Input, Low Voltage VBIL BCD I/O Input, pullup Current IBPU BCD I/O Input Pulldown Current, IBPD BCD I/O, ZERO, EQUAL O...
Description From old datasheet system
4-Digit LED Display, Programmable Up/Down Counter

File Size 136.17K  /  19 Page

View it Online

Download Datasheet

    DS1065 DS1065-80 DS1065-100 DS1065-60 DS1065-66

Maxim Integrated Products, Inc.
Dallas Semiconducotr
DALLAS[Dallas Semiconductor]
MAXIM - Dallas Semiconductor
Part No. DS1065 DS1065-80 DS1065-100 DS1065-60 DS1065-66
OCR Text ...o enter a programming mode if a pullup resistor is connected between IN/OUT and the supply voltage pin prior to power-up. The method used for programming is a variant of the 1-WireTM protocol used on a number of Dallas Semiconductor product...
Description EconOscillator/Divider EconOscillator/分频
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight

File Size 181.57K  /  10 Page

View it Online

Download Datasheet

    AN221E04 AN221E04-QFPSP AN221E04-QFPTR AN221E04-QFPTY AN221D04-DEVLP AN221D04-EVAL

ETC
Part No. AN221E04 AN221E04-QFPSP AN221E04-QFPTR AN221E04-QFPTY AN221D04-DEVLP AN221D04-EVAL
OCR Text ...rrent Source External Resistive pullup Cmax Rmin Isnkmax Isrcmax Rpullupext 4.5 50 5 7.5 Vdd 50 2.5 200 10 V pF Kohm mA A Kohm Vss 200 mV Symbol Vil Vih Vol Voh Min 0 70 Vss 4.5 Typ Max 30 100 Unit % % mV V Comment % ...
Description Dynamically Reconfigurable FPAA With Enhanced I/O

File Size 430.75K  /  21 Page

View it Online

Download Datasheet

For pullup Found Datasheets File :: 12177    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pullup

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2478439807892