Part Number Hot Search : 
MX98748 1SMB11 AD1011 B1605 MMA7455L MX98748 GH100 00101
Product Description
Full Text Search
  profi Datasheet PDF File

For profi Found Datasheets File :: 114    Search Time::10.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

    AFEM-S102-TR1G

AVAGO TECHNOLOGIES LIMITED
Part No. AFEM-S102-TR1G
OCR Text ... 2 9 7 8 10 5 46 13 9 refl ow profi le recommendations typical smt refl ow profi le for maximum temperature = 260 +0/-5 c typical smt refl ow profi le for maximum temperature = 260 +0/-5 c profi le feature sn-pb solder pb-free solder aver...
Description AFEM-S102 2.5 GHz WiFi/BT FEM

File Size 175.41K  /  12 Page

View it Online

Download Datasheet





    AVAGO TECHNOLOGIES LIMI...
Part No. ASSR-5211
OCR Text ... 4 solder refl ow temperature profi le recommended refl ow condition as per jedec standard, j-std-020 (latest revision). non-halide flux should be used. regulatory information the assr-5211 is approved by the following organizations: ul ...
Description    High Current, 1 Form A, Solid State Relay (MOSFET) (600V/0.2A/16)

File Size 169.27K  /  11 Page

View it Online

Download Datasheet

    AVAGO TECHNOLOGIES LIMI...
Part No. MGA-64606-BLKG
OCR Text profi le package data sheet description avago technologies mga-64606 is an economical, easy-to-use gaas mmic low noise amplifi er (lna) with bypass/ shutdown mode. the lna has low noise and high linearity achieved through the use of av...
Description Low Noise Amplifi er with switchable Bypass/Shutdown Mode in Low profi le Package

File Size 964.43K  /  20 Page

View it Online

Download Datasheet

    AVAGO TECHNOLOGIES LIMI...
Part No. ACPL-H312
OCR Text ...a 88324. recommended pb-free ir profi le recommended refl ow condition as per jedec standard, j-std-020 (latest revision). non-halide flux should be used. 5 table 1. iec/en/din en 60747-5-2 insulation characteristics [1] (acpl-h312/k31...
Description 2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8

File Size 216.99K  /  17 Page

View it Online

Download Datasheet

    VS-401-12

Vectron International, Inc
Part No. VS-401-12
OCR Text ... 24 500 12 recommended refl ow profi le profi le feature pb-free assembly/sn-pb as- sembly profi le feature pb-free assembly/sn-pb assembly average ramp-up rate (t l to t p ) 3c/second max. time 25c to peak temperature 8 minutes max...
Description Voltage Controlled SAW Oscillator High Frequency

File Size 221.66K  /  6 Page

View it Online

Download Datasheet

    ASSR-V621

AVAGO TECHNOLOGIES LIMITED
Part No. ASSR-V621
OCR Text ....003) - 0.002) 4 lead free ir profi le regulatory information the assr-v621-002e and assr-v622-002e are approved by the following organizations: ul approved under ul 1577, component recognition program up to v iso = 3750 v rms csa approv...
Description Dual Channel Photovoltaic MOSFET Driver (6.5V/15A)

File Size 102.86K  /  6 Page

View it Online

Download Datasheet

    ACPL-W314-500E

AVAGO TECHNOLOGIES LIMITED
Part No. ACPL-W314-500E
OCR Text ...method b partial discharge test profi les. ** refer to the following fi gure for dependence of p s and i s on ambient temperature. recommended pb-free ir profi le recommended refl ow condition as per jedec standard, j-std-020 (latest ...
Description ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler

File Size 208.57K  /  14 Page

View it Online

Download Datasheet

    MGA-675T6-TR1G MGA-675T6-TR2G MGA-675T6-BLKG

AVAGO TECHNOLOGIES LIMITED
Part No. MGA-675T6-TR1G MGA-675T6-TR2G MGA-675T6-BLKG
OCR Text profi le package for 4.9 C 6 ghz application data sheet description avago technologies mga-675t6 is an economical, easy- to-use wideband gaas mmic low noise amplifi er (lna) with shutdown mode. the lna has low noise and high linearity a...
Description Low Noise Amplifi er with Shutdown Mode in Low profi le Package for 4.9 - 6 GHz Application

File Size 213.29K  /  16 Page

View it Online

Download Datasheet

    HSMP-3824-TR1G HSMP-3824-TR2G HSMP-3823-BLKG HSMP-3824-BLKG HSMP-3822-TR2G HSMP-3822-TR1G HSMP-3823-TR2G

AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
Part No. HSMP-3824-TR1G HSMP-3824-TR2G HSMP-3823-BLKG HSMP-3824-BLKG HSMP-3822-TR2G HSMP-3822-TR1G HSMP-3823-TR2G
OCR Text ...fi ed to the time- temperature profi le shown in figure 21. this profi le is representative of an ir refl ow type of surface mount assembly process. after ramping up from room temperature, the circuit board with components attached ...
Description Surface Mount RF PIN Switch and Limiter Diodes

File Size 139.45K  /  10 Page

View it Online

Download Datasheet

For profi Found Datasheets File :: 114    Search Time::10.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of profi

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.7314121723175