Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
  printed-circuit Datasheet PDF File

For printed-circuit Found Datasheets File :: 44434    Search Time::3.407ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    http://
Alpha Industries, Inc.
ALPHA[Alpha Industries]
Alpha Industries Inc
Part No. AA022N1-65
OCR Text ...ize the gap between package and printed circuit board. The gap should be no more than 0.005" (0.127 mm). The base of the package should be mounted directly to a surface that provides a good ground plane for the printed circuit board and pro...
Description 20-24 GHz Low Noise Amplifier
204 GHz Low Noise Amplifier

File Size 660.28K  /  4 Page

View it Online

Download Datasheet





    BAS321

Philips Semiconductors
Part No. BAS321
OCR Text ...ote 1. Device mounted on an FR4 printed circuit-board. total power dissipation storage temperature junction temperature Tamb = 25 C; note 1 - - - - -65 - 9 3 1.7 300 +150 150 A A A mW C C CONDITIONS MIN. - - - - MAX. 250 200 250 625 V V mA ...
Description General purpose diode

File Size 71.95K  /  12 Page

View it Online

Download Datasheet

    BAV20 BAV20_3 BAV21 BAV21/A52R

Philips Semiconductors
Part No. BAV20 BAV20_3 BAV21 BAV21/A52R
OCR Text ...ote 1. Device mounted on an FR4 printed circuit-board; lead length 10 mm. total power dissipation storage temperature junction temperature Tamb = 25 C; note 1 - - - - -65 - see Fig.2; note 1 - - - - PARAMETER repetitive peak reverse voltage...
Description 4-Mbit (256K x 16) Static RAM
From old datasheet system
General purpose diodes

File Size 56.00K  /  12 Page

View it Online

Download Datasheet

    RFM[RF Monolithics, Inc]
Part No. TX6004
OCR Text ...nal information. No connection. Printed circuit board pad may be grounded or floating. No connection. Printed circuit board pad may be grounded or floating. No connection. Printed circuit board pad may be grounded or floating. No connection...
Description 914.00 MHz Hybrid Transmitter

File Size 43.10K  /  6 Page

View it Online

Download Datasheet

    RF Monolithics, Inc.
RFM[RF Monolithics, Inc]
RF Monolithics Inc
Part No. TX5003
OCR Text ...nal information. No connection. Printed circuit board pad may be grounded or floating. No connection. Printed circuit board pad may be grounded or floating. No connection. Printed circuit board pad may be grounded or floating. No connection...
Description 303.825 MHz Hybrid Transmitter 303.825兆赫发射机混

File Size 71.77K  /  6 Page

View it Online

Download Datasheet

    RFM[RF Monolithics, Inc]
Part No. TX5002
OCR Text ...nal information. No connection. Printed circuit board pad may be grounded or floating. No connection. Printed circuit board pad may be grounded or floating. No connection. Printed circuit board pad may be grounded or floating. No connection...
Description 418.00 MHz Hybrid Transmitter

File Size 42.71K  /  6 Page

View it Online

Download Datasheet

    ETC[ETC]
Part No. TS6601HK TS6601H TS6601HA TS6601HB TS6601HC TS6601HD TS6601HE TS6601HF TS6601HG
OCR Text ... max (Ambient temperature of printed circuit board on its soldering side) 45 sec max. To such an extent that fluxes will be kept flush with the printed circuit board`s top surface on which components are mounted. Preparatory flux must no...
Description Tact Switch Series (6x6mm)

File Size 78.07K  /  7 Page

View it Online

Download Datasheet

    AN-1029

Fairchild Semiconductor
Part No. AN-1029
OCR Text ...rrounding case material, to the printed circuit board, and eventually to the ambient environment. there are also secondary heat paths. one is from the package to the ambient air. the other is from the drain lead frame to the detached sourc...
Description Maximum Power Enhancement Techniques for SO-8 Power MOSFETs

File Size 256.51K  /  13 Page

View it Online

Download Datasheet

    BC847BTT1-D

ON Semiconductor
Part No. BC847BTT1-D
OCR Text ...ed foot- print on a glass epoxy printed circuit board to achieve a power dissipation of 150 milliwatts. another alternative would be to use a ceramic substrate or an aluminum core board such as thermal clad ? . using a board material such ...
Description General Purpose Transistors NPN Silicon

File Size 85.82K  /  8 Page

View it Online

Download Datasheet

    1PS226

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 1PS226
OCR Text ...ote 1. Device mounted on an FR4 printed-circuit board. total power dissipation storage temperature junction temperature Tamb = 25 C; note 1 - - - -65 - 4 0.5 250 +150 150 A A mW C C - - - - - 85 80 215 125 500 V V mA mA mA PARAMETER CONDITI...
Description High-speed double diode

File Size 32.44K  /  6 Page

View it Online

Download Datasheet

For printed-circuit Found Datasheets File :: 44434    Search Time::3.407ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of printed-circuit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.88973498344421