Part Number Hot Search : 
GFP70N03 X24012 186CRP VS2009 SMCJ33CA M48T8607 MSKW2036 C100EP
Product Description
Full Text Search
  polarities Datasheet PDF File

For polarities Found Datasheets File :: 1737    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TVB200SA04

Tyco Electronics
Part No. TVB200SA04
OCR Text ... DEVICE RATINGS @ 25 C (Both polarities) Parameter Repetitive off-State Voltage, Maximum at ID = 5 A Non-Repetitive Peak Telcordia GR-1089 CORE 10x1000 s Impulse Current TIA-968 lightning Type A Metallic 10/560 s Double exponential TIA-9...
Description Thyristor Surge Protectors

File Size 62.75K  /  2 Page

View it Online

Download Datasheet





    X7306

rfsolutions.ltd
Part No. X7306
OCR Text ...peration: ? ensure that the polarities of the controller and camera connections are correct. ? set the jumpers on the transmitter and receiver pcbs to the rs232 settings. ? connect 12vdc 500ma supplies to the power i nput terminal...
Description 458MHz PZT Telemetry System

File Size 241.15K  /  8 Page

View it Online

Download Datasheet

    NP0640SXT3G

ON Semiconductor
Part No. NP0640SXT3G
OCR Text ...ax unit breakover voltage (both polarities) np0640sxt3g np0720sxt3g np0900sxt3g np1100sxt3g np1300sxt3g np1500sxt3g np1800sxt3g np2100sxt3g np2300sxt3g np2600sxt3g np3100sxt3g np3500sxt3g v (bo) 77 88 98 130 160 180 220 240 260 300 350 400 ...
Description Thyristor Surge Protectors High Voltage Bidirectional 晶闸管浪涌保护器高压双向

File Size 47.69K  /  5 Page

View it Online

Download Datasheet

    MMT10B230T3-D

ON Semiconductor
Part No. MMT10B230T3-D
OCR Text ...rs apply to forward and reverse polarities. characteristic symbol min typ max unit breakover voltage (both polarities) (dv/dt = 100 v/ m s, i sc = 1.0 a, vdc = 1000 v) mmt10b230t3 mmt10b260t3 mmt10b310t3 (+65 c) mmt10b230t3 mmt10b260t3 m...
Description Thyristor Surge Protectors High Voltage Bidirectional TSPD

File Size 51.42K  /  8 Page

View it Online

Download Datasheet

    MMT05B230T3-D

ON Semiconductor
Part No. MMT05B230T3-D
OCR Text ...rs apply to forward and reverse polarities. characteristics symbol min typ max unit breakover voltage (both polarities) (dv/dt = 100 v/ m s, i sc = 1.0 a, vdc = 1000 v) mmt05b230t3 mmt05b260t3 mmt05b310t3 (+65 c) mmt05b230t3 mmt05b260t3 ...
Description Thyristor Surge Protectors High Voltage Bidirectional TSPD

File Size 54.81K  /  8 Page

View it Online

Download Datasheet

    MMT05A230T3-D

ON Semiconductor
Part No. MMT05A230T3-D
OCR Text ...rs apply to forward and reverse polarities. characteristics symbol min typ max unit breakover voltage (both polarities) (dv/dt = 100 v/ m s, i sc = 1.0 a, vdc = 1000 v) mmt05a230t3 mmt05a260t3 mmt05a310t3 (+65 c) mmt05a230t3 mmt05a260t3 ...
Description Thyristor Surge Protectors High Voltage Bidirectional TSPD

File Size 51.17K  /  8 Page

View it Online

Download Datasheet

    Power-One, Inc.
POWER-ONE INC
Part No. HCC5-6/OVP-ACC CP510-ACP510 HN12-5.1-AN HC12-3.4-AC HB28-1-AB HN24-3.6-AN
OCR Text ...nd can be used as either + or - polarities. output output model voltage current (input voltage case additional (vdc) (amps) of 100 to 240vac) type features & notes single output models- 5v to 48vout 5 1.5 ha5-1.5/ovp-a b a 5 3 hb5-3/ovp-a b...
Description 2-OUTPUT AC-DC REG PWR SUPPLY MODULE MODULE-9
1-OUTPUT AC-DC REG PWR SUPPLY MODULE

File Size 836.11K  /  9 Page

View it Online

Download Datasheet

    MMT05A230T3

ON Semiconductor
Part No. MMT05A230T3
OCR Text ...rs apply to forward and reverse polarities. characteristics symbol min typ max unit breakover voltage (both polarities) (dv/dt = 100 v/ s, i sc = 1.0 a, vdc = 1000 v) mmt05a230t3 mmt05a260t3 mmt05a310t3 (+65 c) mmt05a230t3 mmt05a260t3 m...
Description (MMT05A230T3 - MMT05A310T3) Thyristor Surge Protectors High Voltage Bidirectional TSPD

File Size 85.22K  /  7 Page

View it Online

Download Datasheet

    MC145403 MC145403DW MC145403P MC145404DW MC145404P MC145405DW MC145405P MC145405SD MC145408DW MC145408P MC145404 MC14540

MOTOROLA[Motorola, Inc]
MOTOROLA[Motorola Inc]
Part No. MC145403 MC145403DW MC145403P MC145404DW MC145404P MC145405DW MC145405P MC145405SD MC145408DW MC145408P MC145404 MC145405 MC145408
OCR Text ...ELECTRICAL CHARACTERISTICS (All polarities referenced to GND = 0 V, TA = - 40 to + 85C) Parameter DC Supply Voltage Symbol VDD VSS VCC VDD = + 12 V VSS = - 12 V VCC = + 5 V IDD ISS ICC Min 4.5 - 4.5 4.5 -- -- -- Typ 5 to 12 - 5 to - 12 5 4...
Description DRIVER / RECEIVERS
Drivers/Receivers

File Size 181.08K  /  9 Page

View it Online

Download Datasheet

    MC145407 MC145407DW MC145407P

Motorola, Inc
Part No. MC145407 MC145407DW MC145407P
OCR Text ...OLA MAXIMUM RATINGS (Voltage polarities referenced to GND) Rating DC Supply Voltages Input Voltage Range Rx1 - Rx3 Inputs DI1 - DI3 Inputs DC Current per Pin Power Dissipation Operating Temperature Range Storage Temperature Range I PD T...
Description 5 Volt Only Driver / Recevier
5 VOLT ONLY DRIVER / RECEIVER

File Size 175.44K  /  8 Page

View it Online

Download Datasheet

For polarities Found Datasheets File :: 1737    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of polarities

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4128038883209