|
|
|
Freescale Semiconductor
|
Part No. |
MPXV5004XXX
|
OCR Text |
... j k pin 1 identifier h seating plane -t- dim min max min max millimeters inches a 10.54 0.425 0.415 10.79 b 10.54 0.425 0.415 10.79 c 5.38 0.230 0.212 5.84 d 0.96 0.042 0.038 1.07 g 0.100 bsc 2.54 bsc h 0.002 0.010 0.05 0.25 j 0.009 0.011 ... |
Description |
(MPXV5004G Series) Integrated Silicon Pressure Sensor On-Chip Signal Conditioned
|
File Size |
469.63K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Vishay Siliconix
|
Part No. |
SI4466DY-T1-GE3
|
OCR Text |
...per. to creat e this pattern, a plane of copper overlies the drain pins . the copper plane connects the drain pins electrically, but more importantly provides planar copper to draw heat fr om the drain leads and start the process of spreadi... |
Description |
TRANSISTOR 9.5 A, 20 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Power
|
File Size |
227.69K /
8 Page |
View
it Online |
Download Datasheet |
|
|
|
Allegro Micro Systems
|
Part No. |
A8480
|
OCR Text |
... connect directly to the ground plane. ? 7 gnd signal ground reference; connect directly to the ground plane. a2 9 cap this is the connection to the output capacitor for the boost regulator output. a3 10 sw this is the connection between th... |
Description |
Boost Regulator
|
File Size |
509.78K /
13 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|