|
|
|
HIROSE ELECTRIC Co., Ltd.
|
Part No. |
HDSP-703A HDSP-701G HDSP-701E HDSP-701A
|
Description |
Low-Cost Molded VRS sensor, 6,2 mm [0.243 in] diameter, 10 Vp-p, -18 ºC to 60 ºC [0 ºF to 140 ºF], 32 DP (module 0.80) or coarser, 19 mm [0.75 in] approx. length Low-Cost Molded VRS sensor, 6,4 mm [0.250 in] diameter, 10 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 32 DP (module 0.80) or coarser, 25 mm [1.00 in] approx. length Low-Cost Molded VRS sensor, 11,2 mm [0.438 in] diameter, 17.5 Vp-p, -18 ºC to 930 ºC [0 ºF to 200 ºF], 26 DP (module 0.98) or coarser, 32 mm [1.25 in] approx. length High Resolution VRS sensor, 9,5 mm [0.375 in] M12 diameter, 55 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 36 DP (module 0.70) or coarser, 40 kHz, 32 mm [1.25 in] approx. length High Resolution VRS sensor, 9,5 mm [0.375 in] M12 diameter, 55 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 36 DP (module 0.70) or coarser, 40 kHz, 32 mm [1.25 in] approx. length 17.3毫米.68英寸)通用5x7点阵的字母数字显示器
|
File Size |
212.19K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
Agilent (Hewlett-Packard)
|
Part No. |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E4412A E4413A V8486A 8482B 8487A 8482H 8481D
|
Description |
8485A Power sensor, 50 MHz to 26.5 GHz 8485D Diode Power sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power sensor, 33 GHz to 50 GHz W8486A Waveguide Power sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power sensor, 33 GHz to 50 GHz R8486D Waveguide Power sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power sensor, E-Series E4413A Wide Dynamic Range Power sensor, E-Series V8486A V-band Power sensor, 50 GHz to 75 GHz 8482B High-Power sensor, 100 kHz to 4.2 GHz, 25W 8487A Power sensor, 50 MHz to 50 GHz 8482H Power sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power sensor, 10 MHz to 18 GHz
|
File Size |
989.30K /
22 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|