Part Number Hot Search : 
TLP1032 RH105 M29LV M3529XR AZV39309 MM74C42 THC63L HL1566AF
Product Description
Full Text Search
  pins. Datasheet PDF File

For pins. Found Datasheets File :: 135144    Search Time::2.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. 2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6X M27C64A-20C1TR M27C64A-20C1X M27C64A-20C6TR M27C64A-20C6X M27C64A-25C1TR M27C64A-25F6X M27C64A-25F6TR M27C64A-15C6X M27C64A-15F1X M27C64A-15F6X M27C64A-15C1TR M27C64A-15F6TR M27C64A-15C6TR M27C64A-15F1TR M27C64A-20F1TR M27C64A-25F1X M27C64A-25F1TR M27C64A-25C1X M27C64A-25C6TR M27C64A-25C6X M27C64A-15C1X
OCR Text ...used to gate data to the output pins, independent of device selection. Assuming that the addresses are stable, the address access time (tAVQV) isequal to the delay from E to output (tELQV). Data is available at the output after a delay of t...
Description 64K (8K x 8) UV EPROM and OTP ROM 64K的(8K的8)紫外线EPROM和检察官办公室光

File Size 97.89K  /  11 Page

View it Online

Download Datasheet





    27C4001 M27C4001 M27C4001-10B1 M27C4001-10B1TR M27C4001-10B1X M27C4001-10B6TR M27C4001-10B6X M27C4001-10C1TR M27C4001-10

ST Microelectronics
STMicroelectronics
Part No. 27C4001 M27C4001 M27C4001-10B1 M27C4001-10B1TR M27C4001-10B1X M27C4001-10B6TR M27C4001-10B6X M27C4001-10C1TR M27C4001-10C1X M27C4001-10C6TR M27C4001-10C6X M27C4001-10F1TR M27C4001-10F1X M27C4001-10F6TR M27C4001-10F6X M27C4001-10L1TR M27C4001-10L1X M27C4001-10L6TR M27C4001-10L6X M27C4001-10N1TR M27C4001-10N1X M27C4001-10N6TR M27C4001-10N6X M27C4001-10XB1TR M27C4001-10XB1X M27C4001-10XB6TR M27C4001-10XB6X M27C4001-10XC1TR M27C4001-10XC1X M27C4001-10XC6TR M27C4001-10XC6X M27C4001-10XF1TR M27C4001-10XF1X M27C4001-10XF6TR M27C4001-10XF6X M27C4001-10XL1TR M27C4001-10XL1X M27C4001-10XL6TR M27C4001-10XL6X M27C4001-10XN1TR M27C4001-10XN1X M27C4001-10XN6TR M27C4001-10XN6X M27C4001-12B1TR M27C4001-12B1X M27C4001-12B6TR M27C4001-12B6X M27C4001-12C1TR M27C4001-12C1X M27C4001-12C6TR M27C4001-12C6X M27C4001-12F1TR M27C4001-12F1X M27C4001-12F6TR M27C4001-12F6X M27C4001-12L1TR M27C4001-12L1X M27C4001-12L6TR M27C4001-12L6X M27C4001-12N1TR M27C4001-12N1X M27C4001-12N6TR M27C4001-12N6X M27C4001-12XB1TR M27C4001-12XB1X M27C4001-12XB6TR M27C4001-12XB6X M27C4001-12XC1TR M27C4001-12XC1X M27C4001-12XC6TR M27C4001-12XC6X M27C4001-12XF1TR M27C4001-12XF1X M27C4001-12XF6TR M27C4001-12XF6X M27C4001-12XL1TR M27C
OCR Text ...used to gate data to the output pins, independent of device selection. Assuming that the addresses are stable, the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is available at the output after a delay of ...
Description From old datasheet system
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM

File Size 110.77K  /  16 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78L52/P/F
OCR Text .../o port with internal pull-ups. pins p1.0 and p1.1 also serve as t2 (timer 2 external input) and t2ex (timer 2 capture/reload trigger), respectively. p2.0 ? p2.7 port 2, bits 0 through 7. port 2 is a bidirectional i/o port with internal pul...
Description W78C52D Wide Voltage Version

File Size 174.31K  /  18 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text .../o port with internal pull-ups. pins p1.0 and p1.1 also serve as t2 (timer 2 external input) and t2ex (timer 2 capture/reload trigger), respectively. p2.0 ? p2.7 port 2, bits 0 through 7. port 2 is a bidirectional i/o port with internal pul...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    TJA1081BTS

NXP Semiconductors
Part No. TJA1081BTS
OCR Text ...s feedback 2.4 protection ? bus pins protected against ? 6 kv esd pulses according to iec61000-4-2 and hbm ? pins v bat and wake protected against ? 6 kv esd pulses according to iec61000-4-2 ? bus pins protected against transients in aut...
Description FlexRay node transceiver

File Size 873.06K  /  45 Page

View it Online

Download Datasheet

    PERICOM SEMICONDUCTOR CORP
Part No. PI74FET162344ETA PI74FET162344ETV
OCR Text ...cc = max. v in = v cc (input pins) 1 a i il input low current v cc = max. v in = gnd (input & i/o pins) 1 a i ozh high impedance v cc = max. v out = 2.7v 1 a i ozl output current (3-state output pins) v out = 0.5v 1 v ik cla...
Description FCT SERIES, LOW SKEW CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO56

File Size 63.41K  /  6 Page

View it Online

Download Datasheet

    椋???″????浣?涓??)??????
Part No. MPXV5010D
OCR Text ...body package pin numbers (1) 1. pins 4, 5, and 6 are internal device connections. do not connect to external circuitry or ground. pin 1 is noted by the notch in the lead. 1 v out 4 n/c 2 gnd 5 n/c 3 v s 6 n/c small outline package pin n...
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

File Size 438.93K  /  18 Page

View it Online

Download Datasheet

    HY5R256HCXXX HY5R256HC745

Hynix Semiconductor
Part No. HY5R256HCXXX HY5R256HC745
OCR Text ...n description signal i/o type # pins center description sio1,sio0 i/o cmos a 2 serial input/output. pins for reading from and writing to the control registers using a serial access protocol. also used for power manage- ment. cmd i cmos a 1...
Description RDRAM

File Size 2,710.80K  /  64 Page

View it Online

Download Datasheet

For pins. Found Datasheets File :: 135144    Search Time::2.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pins.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7853090763092