Part Number Hot Search : 
SR810 NJM741V DAC33 32900 SBL3040C 93L66 N25F40 3266P501
Product Description
Full Text Search
  photodetector Datasheet PDF File

For photodetector Found Datasheets File :: 1301    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1417G5A 1417H5A

Agere Systems
Part No. 1417G5A 1417H5A
OCR Text ... range receiver with InGaAs PIN photodetector LVTTL signal-detect output Low power dissipation Raised ECL (PECL) logic data and clock interfaces Operating case temperature range: -40 C to +85 C Agere Systems Inc. Reliability and Qualificati...
Description NetLight 1417G5 and 1417H5-Type ATM/SONET/SDH Transceivers with Clock Recovery

File Size 153.77K  /  13 Page

View it Online

Download Datasheet





    G7096-01 G7096 G4176 G4176-01

Hamamatsu Photonics
HAMAMATSU[Hamamatsu Corporation]
Part No. G7096-01 G7096 G4176 G4176-01
OCR Text ...trafast responses. The GaAs MSM photodetector G4176 features 30ps response time for both rise & fall while keeping a low dark current (100pA at Ta=25 C). The rise time of the InGaAs MSM photodetector G7096 is 40ps. Symmetrical and interdigi...
Description ULTRAFAST MSM photodetectorS

File Size 115.51K  /  4 Page

View it Online

Download Datasheet

    HEDR-8100 HEDR-8000 HEDR-8010

Agilent(Hewlett-Packard)
Part No. HEDR-8100 HEDR-8000 HEDR-8010
OCR Text ...ts of an LED light source and a photodetector IC in a single SO-8 surface mount package. When used with a reflective codewheel or codestrip, this device can sense rotary or linear position. NOTE: HEDR-8000 series products are classified as ...
Description Reflective Optical Surface Mount Encoders

File Size 93.70K  /  7 Page

View it Online

Download Datasheet

    ANADIGICS Inc
ANADIGICS[ANADIGICS Inc]
ANADIGICS[ANADIGICS, Inc]
Part No. AMT128503T46L AMT128503T56F AMT128503 AMT128503T46F AMT128503AT46F AMT128503AT46L AMT128503AT56F
OCR Text ... Automatic Gain Control * 850nm photodetector with 100 mm x 100 mm Active Area * Integrated MSM detector & TIA * TO-46 Ultra Flat Window or Lens Package * TO-56 Ultra Flat Window Package APPLICATIONS * * Gigabit Ethernet (1.250Gb/s) Fibre C...
Description 125 Gb/s integrated 850 nm MSM-TIA
1.25Gb/s Integrated 850nm MSM-TIA
1.25 Gb/s Integrated 850nm MSM-TIA

File Size 632.34K  /  12 Page

View it Online

Download Datasheet

    AMT8304T46F AMT8304T46L AMT8304 AMT8304T4TL

Anadigics Inc
ANADIGICS[ANADIGICS, Inc]
Part No. AMT8304T46F AMT8304T46L AMT8304 AMT8304T4TL
OCR Text ...Metal-Semiconductor-Metal (MSM) photodetector and transimpedance amplifier (TIA) used to convert an 850nm input optical signal into a differential output voltage, and is manufactured in ANADIGICS' 6" GaAs wafer fabrication facility. The int...
Description The ANADIGICS AMT8304 is a 3.3V monolithically integrated Metal-Semiconductor-Metal (MSM) photodetector and transimpedance amplifier ...
2.125 Gb/s Integrated 850nm MSM-TIA

File Size 469.00K  /  12 Page

View it Online

Download Datasheet

    HFCT-5942AG HFCT-5942 HFCT-5942TG HFCT-5942TL HFCT-5942L HFCT-5942AL HFCT-5942ATG HFCT-5942ATL HFCT-5942G HFCT-5005

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HFCT-5942AG HFCT-5942 HFCT-5942TG HFCT-5942TL HFCT-5942L HFCT-5942AL HFCT-5942ATG HFCT-5942ATL HFCT-5942G HFCT-5005
OCR Text ...an MOVPE grown planar SEDET PIN photodetector for low dark current and excellent responsivity. A positive ECL logic interface simplifies interface to external circuitry. The transceivers are supplied in the new industry standard 2 x 10 DIP ...
Description HFCT-5942TL · 2488 Mbit/s SMF (15km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) 0C to 70C: w/ EMI Shield
HFCT-5942TG · 2488 Mbit/s SMF (15km) 2x10 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/o EMI Shield
HFCT-5942L · 2488 Mbit/s SMF (2km) 2x10 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/ EMI Shield
HFCT-5942G · 2488 Mbit/s SMF (2km) 2x10 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/o EMI Shield
HFCT-5942ATL · 2488 Mbit/s SMF (15km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) -20C to 85C: w/ EMI Shield
HFCT-5942ATG · 2488 Mbit/s SMF (15km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) -20C to 85C: w/o EMI Shield
HFCT-5942AL · 2488 Mbit/s SMF (2km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) -40C to 85C: w/ EMI Shield
HFCT-5942AG · 2488 Mbit/s SMF (2km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) -40C to 85C: w/o EMI Shield
HFCT-5005 · Evaluation Kit for SFF LC for SONET/ATM OC-48 or Gigabit Ethernet or Dual Spec Applications
Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-48/SDH STM-16 Part of the Agilent METRAK family

File Size 275.37K  /  18 Page

View it Online

Download Datasheet

    SP8034A

Sipex Corporation
Part No. SP8034A
OCR Text ...n APC amplifier with integrated photodetector. This device monitors the light intensity of the laser diode in CD-R, CD-RW, DVD-R, DVD-RW and DVD-RAM assemblies by sensing the laser power with an integrated photodiode. The amplified signal f...
Description 250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability

File Size 65.92K  /  6 Page

View it Online

Download Datasheet

    Promate_Electronic
Part No. PMLCM140RM-MB
OCR Text ...ted with the following formula. photodetector output when LCD is at "White" state Contrast ratio (CR)= -------------------------------------------------------------photodetector output when LCD is at "Black" state Note 4. Definition of "Res...
Description LCD_Module

File Size 2,555.88K  /  29 Page

View it Online

Download Datasheet

For photodetector Found Datasheets File :: 1301    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of photodetector

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.88067698478699