Part Number Hot Search : 
1N4768A 1021B SUR1060 C5295 ZTTCR 74571 LA4168M SD336
Product Description
Full Text Search
  pga-127 Datasheet PDF File

For pga-127 Found Datasheets File :: 263    Search Time::2.312ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AI4100

A1 PROs co., Ltd.
Part No. AI4100
OCR Text ...a direct signal input to ADC or PGA at 1.0 VPP (Typ.) CCD signal input level : 1.1 VP-P (Max.) 10-bit ADC (up to 20MHz) - DNL : 0.6 LSB (Typ.) Black level neutralizer, target setting : 16~127 LSB Built-in serial interface Ai4100 CCD CDS...
Description CCD CDS/PGA/10b-20M-ADC

File Size 363.49K  /  18 Page

View it Online

Download Datasheet





    Sharp Corporation
Sharp, Corp.
Part No. LH543601M-20 LH543601M-25 LH543601M-30 LH543601P-25 LH543601P-20 LH543601M-35 LH543601P-30 LH543601P-35
OCR Text ...pqfp and tqfp packages pqfp to pga package conversion 1 functional description the lh543601 contains two fifo buffers, fifo #1 and fifo #2...127 126 125 124 123 122 121 120 119 118 117 d 12a d 13a d 14a v sso d 15a d 16a d 17a hf 1 af 1 ff 1...
Description 256 x 36 x 2 Bidirectional FIFO 256 × 36 × 2双向先进先出

File Size 366.72K  /  43 Page

View it Online

Download Datasheet

    Cypress Semiconductor Corp.
Part No. CYIL1SM4000AA-GDC
OCR Text ... is housed in a 127-pin ceramic pga package. this data sheet allows the us er to develop a camera-system based on the described timing and interfacing. main features the main features of the image sensor are identified as: ? 2048 x 2048 act...
Description 4M Pixel CMOS Image Sensor

File Size 1,050.02K  /  38 Page

View it Online

Download Datasheet

    CYIL1SM4000AA-GWCES CYIL1SM4000-EVAL CYIL1SM4000AA-GDCN CYIL1SM4000AA09 CYIL1SM4000AA-GDC

Cypress Semiconductor
Part No. CYIL1SM4000AA-GWCES CYIL1SM4000-EVAL CYIL1SM4000AA-GDCN CYIL1SM4000AA09 CYIL1SM4000AA-GDC
OCR Text ... is housed in a 127-pin ceramic PGA package. This data sheet allows the user to develop a camera system based on the described timing and interfacing. The LUPA 4000 is available in color and monochrome without the cover glass. For engineeri...
Description 4 MegaPixel CMOS Image Sensor

File Size 1,090.12K  /  31 Page

View it Online

Download Datasheet

    SPT7725BIG SPT7725BIJ SPT7725BIQ SPT7725AIG SPT7725AIJ SPT7725AIQ SPT7725BCU

Cadeka Microcircuits LLC.
Cadeka Microcircuits LL...
Part No. SPT7725BIG SPT7725BIJ SPT7725BIQ SPT7725AIG SPT7725AIJ SPT7725AIQ SPT7725BCU
OCR Text ...nt 44-lead cerquad, and 46-lead PGA packages (all are pin-compatible with the SPT7710); the cerquad and PGA packages allow access to additio...127 D6 256 to 8-Bit Encoder D6 ECL Latches and Buffers D5 D4 64 D5 VR1 63 D4 D3 2...
Description 8-BIT, 300 MSPS, FLASH A/D CONVERTER

File Size 221.75K  /  12 Page

View it Online

Download Datasheet

    LUPA-4000-M

Cypress Semiconductor
Part No. LUPA-4000-M
OCR Text ... is housed in a 127-pin ceramic pga package. this data sheet allows the us er to develop a camera-system based on the described timing and interfacing. main features the main features of the image sensor are identified as: ? 2048 x 2048 act...
Description    4M Pixel CMOS Image Sensor

File Size 1,121.04K  /  38 Page

View it Online

Download Datasheet

    Holtek Semiconductor Inc.
HOLTEK[Holtek Semiconductor Inc]
Part No. HT82V842-48LQFP-A HT82V842
OCR Text PGA/10b-20M-ADC Features * Operating voltage: 2.7V~3.6V * Low power consumption: 70mW (Typ.) * Power down mode: less than 30mW * Accepts a...127 127 3/4 Unit LSB LSB LSB CCAL STCAL Note: ADC Output Black Level Calibration Code Calibrat...
Description CCD CDS/PGA/10b-20M-ADC
From old datasheet system

File Size 155.64K  /  18 Page

View it Online

Download Datasheet

    SHARP[Sharp Electrionic Components]
Part No. LH543601P-35 LH543601 LH543601M-20 LH543601M-25 LH543601M-30 LH543601M-35 LH543601P-20 LH543601P-25 LH543601P-30
OCR Text ...QFP and TQFP Packages * PQFP to PGA Package Conversion 1 NOTE: 1. For PQFP-to-PGA conversion for thru-hole board designs, Sharp recommend...127 126 125 124 123 122 121 120 119 118 117 VCCO D10A D9A D8A VSSO D7A D6A D5A VCCO D4A D3A D2A VSS...
Description 256 x 36 x 2 Bidirectional FIFO

File Size 358.28K  /  43 Page

View it Online

Download Datasheet

    CYPRESS SEMICONDUCTOR CORP
Part No. CYIL1SM4000AA-GWC
OCR Text ...onal temperature range 127-pin pga package power dissipation: < 200 mw applications intelligent traffic system high speed machine vision overview this document describe s the interfac ing and drivin g of the lupa 4000 image sensor. this...
Description LUPA 4000: 4 MegaPixel CMOS Image Sensor; Application: Machine Vision, Traffic Monitoring, License Plate Capture; Features: Pipelined Sync Shutter, Windowing, SPI, Double Slope; Frame Rate: 15 fps; Optical Format: 35 mm

File Size 1,089.02K  /  31 Page

View it Online

Download Datasheet

For pga-127 Found Datasheets File :: 263    Search Time::2.312ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pga-127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.7061140537262