Part Number Hot Search : 
PIC647 54210 MMBD4 MC4460 NX6306GK ADT2210 HI45H11 S9013
Product Description
Full Text Search
  permissible Datasheet PDF File

For permissible Found Datasheets File :: 9632    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LYE675-T2V1-11 LYE675

OSRAM GmbH
Part No. LYE675-T2V1-11 LYE675
OCR Text ... Durchlassstrom IF = f (T) Max. permissible Forward Current 80 mA IF 70 60 OHL01413 IF Relative Lichtstarke IV/IV(25 C) = f (TA) Relative Luminous Intensity IF = 50 mA 1.40 OHL01015 IV IV (25 C) TA TS 1.00 0.80 50 40 0....
Description Power TOPLED Hyper-Bright LED

File Size 141.21K  /  15 Page

View it Online

Download Datasheet





    B32231D1334000 B32231D1224000 B32231D1154000 B32231D1475000 B32231D3475000 B32231D6154000 B32231D3104000 B32231D1155000

EPCOS
Part No. B32231D1334000 B32231D1224000 B32231D1154000 B32231D1475000 B32231D3475000 B32231D6154000 B32231D3104000 B32231D1155000 B32231D8474000 B32231D1105000 B32231D8224000 B32231D6104000 B32231D6105000 B32231D3225000 B32231D3155000 B32231D1685000 B32231D3684000 B32231D1474000 B32231D1335000 B32231D3474000 B32231D3154000 B32231D8154000 B32231D6474000 B32231D8104000 B32231D1684000 B32231D1106000 B32231D6225000 B32231D8684000 B32231D6684000 B32231D6334000
OCR Text ... "dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in V/s. "k0" represents the maximum permissible pulse characteristic of the waveform applied to the capacitor, expressed in V...
Description Metallized Polyester Film Capacitors (MKT)

File Size 112.80K  /  8 Page

View it Online

Download Datasheet

    DDMZ0315 DDML0315

Vishay Siliconix
Part No. DDMZ0315 DDML0315
OCR Text ... Recommended Mounting Hole permissible REACTIVE POWER: 5.4VAr (Class 2), 100VAr (Class 1B,1F) permissible POWER LOSS: 150mW DIRECT CURRENT IDC: 10A MARKING: Capacitance value, Tolerance letter, Ceramic dielectric color cod...
Description Ceramic Singlelayer Feed-Through Capacitors 400VDC

File Size 67.13K  /  1 Page

View it Online

Download Datasheet

    Q62703-Q2439 Q62703-Q2676 LOPP370-KN LOPP370-M LOPP370-MQ LOPP370-N Q62703-Q3232 LSPP370 LSPP370-KN LSPP370-M LSPP370-MQ

SIEMENS A G
SIEMENS[Siemens Semiconductor Group]
SIEMENS AG
Part No. Q62703-Q2439 Q62703-Q2676 LOPP370-KN LOPP370-M LOPP370-MQ LOPP370-N Q62703-Q3232 LSPP370 LSPP370-KN LSPP370-M LSPP370-MQ LSPP370-N LSPP370-P Q62703-Q2530 Q62703-Q2671 Q62703-Q2672 Q62703-Q2673 Q62703-Q2674 Q62703-Q2675
OCR Text ...Impulsbelastbarkeit IF = f (tp) permissible pulse handling capability Duty cycle D = parameter, TA = 25 C LS, LO Zulassige Impulsbelastbarkeit IF = f (tp) permissible pulse handling capability Duty cycle D = parameter, TA = 25 C LP Se...
Description Plane MULTILED 3 mm T1 LED, Non Diffused 平面来料加工3毫米T1的LED,非漫射
Plane MULTILED 3 mm T1 LED, Non Diffused DUAL COLOR LED, ORANGE/PURE GREEN, 3 mm
Plane MULTILED 3 mm T1 LED/ Non Diffused

File Size 536.38K  /  9 Page

View it Online

Download Datasheet

    E3X-NH21 E3X-NH11

Omron Electronics LLC
Part No. E3X-NH21 E3X-NH11
OCR Text ...dia. (0.06-mm dia.) Model permissible bending radius Long distance M4 M4 screw E32-T11L 25 mm 3 dia. 90 E32-T12L M3 M3 screw 200 0.9-mm dia. (0.04-mm dia.) E32-T21L E32-T22L 2 dia.; small diameter ...
Description Fine Tuning Fiber Photoelectric Sensor

File Size 917.98K  /  40 Page

View it Online

Download Datasheet

    LAG67F

OSRAM GmbH
Part No. LAG67F
OCR Text ... zulassiger Durchlassstrom Max. permissible Forward Current IF = f (T) IF 250 mA 200 OHL02180 Angestrebte mittlere Lebensdauer2) Seite 15 fur Helligkeitsgruppe CB Target median Lifetime2) page 15 for Brightness Group CB Bedingungen mi...
Description Lead (Pb) Free Product - RoHS Compliant

File Size 288.64K  /  15 Page

View it Online

Download Datasheet

    LBA676

OSRAM GmbH
Part No. LBA676
OCR Text ... zulassiger Durchlassstrom Max. permissible Forward Current IF = f (T) 30 OHL00448 I F mA 25 20 TA 15 TS 10 5 TA temp. ambient TS temp. solder point 0 0 20 40 60 80 C 100 T Zulassige Impulsbelastbarkeit IF = f (...
Description Lead (Pb) Free Product - RoHS Compliant

File Size 268.08K  /  15 Page

View it Online

Download Datasheet

    MCW0406AT

Vishay Siliconix
Part No. MCW0406AT
OCR Text ... rough extensive testing. ? the permissible power rating is specified with 250 mw. typical applications include power electronics in automotive and industrial appliances. features ? rated dissipation p 70 up to 250 mw ? resistance rang...
Description Precision Wide Terminal Thin Film Chip Resistors

File Size 119.87K  /  8 Page

View it Online

Download Datasheet

For permissible Found Datasheets File :: 9632    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of permissible

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2618441581726