Part Number Hot Search : 
TM1130P 30CPQ050 SP706RCN W81C180 C1213A AC60S120 SSM3K3 FP1016A
Product Description
Full Text Search
  perm-o-pads Datasheet PDF File

For perm-o-pads Found Datasheets File :: 15    Search Time::3.531ms    
Page :: | <1> | 2 |   

    Bivar, Inc.
Part No. 510-110
OCR Text perm-o-pads(R) TO-5 Mounts Material Specifications: White or Natural Nylon, per ASTM D4066 PA111, UL Rated 94V-2 Oxygen Rating Index: Over 28% Standard Drawing Tolerances: (unless otherwise indicated) _ _ Fractions: + 1/64 (0.4) .XX = +...
Description perm-o-pads - TO-5 Mounts

File Size 952.56K  /  1 Page

View it Online

Download Datasheet





    Bivar, Inc.
Part No. 528-117
OCR Text perm-o-pads(R) TO-5 and Integrated Circuit Mounts Material Specifications: White or Natural Nylon, per ASTM D4066 PA111, UL Rated 94V-2 Oxygen Rating Index: Over 28% Standard Drawing Tolerances: (unless otherwise indicated) _ _ Fraction...
Description perm-o-pads - TO-5 and Integrated Circuit Mounts

File Size 1,079.89K  /  1 Page

View it Online

Download Datasheet

    Bivar, Inc.
Part No. 102-050
OCR Text perm-o-pads(R) TO-18 and T-13/32 (5mm) LED Mounts Universal TO-5, to TO-18 and T-13/4 (5mm) LED Mounts Material Specifications: Nylon, per ASTM D4066 PA111, UL Rated 94V-2 Oxygen Rating Index: Over 28% Standard Drawing Tolerances: (u...
Description perm-o-pads - TO-5, TO-18 and T-1 3/32 (5mm) LED Mounts

File Size 580.61K  /  1 Page

View it Online

Download Datasheet

    Bivar, Inc.
Part No. 420-078
OCR Text perm-o-pads (R) Integrated Circuit Mounts ONLY THE FINEST U.L. RATED MATERIALS ARE USED PRECISION MOLDED VISIT US ON-LINE! www.bivar.com Material Specifications: White or Natural Nylon, per ASTM D 4066 PA111, U.L. Rated 94V-2 Oxyge...
Description PERM - Integrated Circuit Mounts perm-o-pads

File Size 95.91K  /  1 Page

View it Online

Download Datasheet

    MAS6283

Micro Analog systems
Part No. MAS6283
OCR Text ...d the values listed may cause a perm anent damage to the device. the device may not operate under these conditions, but it will not be des...o c crystal r s r s 30 60 2) note 1: it is recommended to connect a 1 nf smd c...
Description IC FOR 1.5625 MHz ?40.0000 MHz VCXO

File Size 189.17K  /  13 Page

View it Online

Download Datasheet

    MAS6240C

Micro Analog systems
Part No. MAS6240C
OCR Text ...d the values listed may cause a perm anent damage to the device. the device may not operate under these conditions, but it will not be des...o 403 121 supply ground gnd g 574 121 digital audio signal output vo2 do 765 201 digita...
Description Piezo Driver with Multi-Mode Charge Pump

File Size 218.08K  /  11 Page

View it Online

Download Datasheet

    INTEGRATED DEVICE TECHNOLOGY INC
Part No. 345RI-XX 345RI-XXLFT
OCR Text ... ratings listed below can cause perm anent damage to the ics345. these ratings, which are standard values for idt commercially rated parts,...o 20 ? internal pull-up resistor r pus s2:s0, pdts 250 k ? internal pull-down resistor r pd clk out...
Description 200 MHz, OTHER CLOCK GENERATOR, PDSO20

File Size 157.01K  /  9 Page

View it Online

Download Datasheet

    INTEGRATED DEVICE TECHNOLOGY INC
Part No. 281G-XXLFT
OCR Text ... ratings listed below can cause perm anent damage to the ics281. these ratings, which are standard values for idt commercially rated parts,...o 20 ? internal pull-up resistor r pus s2:s0, pdts 190 k ? internal pull-down resistor r pd clk out...
Description 200 MHz, OTHER CLOCK GENERATOR, PDSO16

File Size 155.73K  /  10 Page

View it Online

Download Datasheet

    INT035TFT INT035TFT-TS

List of Unclassifed Manufacturers
Part No. INT035TFT INT035TFT-TS
OCR Text ...s the absolute maximum ratings, perm anent damaged may be resulted. if module is driven within the absolute maximum ratings but ...o power supply vddio 3.135 3.3 3.465 v digital core power supply vddd 1.08 1.2 1.32 v lc...
Description LCD Module Product Specification

File Size 1,839.92K  /  14 Page

View it Online

Download Datasheet

    INT043BTFT INT043BTFT-TS

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. INT043BTFT INT043BTFT-TS
OCR Text ...s the absolute maximum ratings, perm anent damaged may be resulted. if module is driven within the absolute maximum ratings but ...o power supply vddio 3.135 3.3 3.465 v digital core power supply vddd 1.08 1.2 1.32 v lc...
Description LCD Module Product Specification
   LCD Module Product Specification

File Size 1,963.73K  /  14 Page

View it Online

Download Datasheet

For perm-o-pads Found Datasheets File :: 15    Search Time::3.531ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of perm-o-pads

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.944503068924