Part Number Hot Search : 
T6250940 VSYS6 ASL580 29LV0 GES2219A 40L15CW 108M000 LL4448
Product Description
Full Text Search
  pecl-to-ttl Datasheet PDF File

For pecl-to-ttl Found Datasheets File :: 2077    Search Time::3.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AM79761 AM79761YC-10 AM79761YC-14

AMD[Advanced Micro Devices]
Part No. AM79761 AM79761YC-10 AM79761YC-14
OCR Text ...k, and transmits it through the PECL drivers. When receiving, the GigaPHY-SD device receives the PECL data stream from the network. It then ...to the Physical Coding Sublayer (PCS) logic above. Optionally, it detects comma characters used to a...
Description Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY⑩-SD)
Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY-SD)

File Size 124.63K  /  20 Page

View it Online

Download Datasheet





    AZ10ELT22D AZ100ELT22D AZ100ELT22DG AZ10ELT2208 AZ100ELT22TG

Arizona Microtek, Inc
Part No. AZ10ELT22D AZ100ELT22D AZ100ELT22DG AZ10ELT2208 AZ100ELT22TG
OCR Text PECL Translator FEATURES * * * * * * * Green / RoHS Compliant / Lead (Pb) Free package available 0.5ns Typical Propagation Delay <100ps Typical Output to Output Skew Differential PECL Outputs Flow Through Pinouts Operating Range of 3.0V to...
Description CMOS/TTL to Differential PECL Translator

File Size 68.84K  /  6 Page

View it Online

Download Datasheet

    CY7C924ADX-AI CY7C924ADX-AXC CY7C924ADX07

Cypress Semiconductor
Part No. CY7C924ADX-AI CY7C924ADX-AXC CY7C924ADX07
OCR Text ... components * Dual differential PECL compatible serial inputs * Dual differential PECL compatible serial outputs * Compatible with fiber opt...to accept either 8 or 10 bit data characters on each clock cycle, and stores the parallel data in an...
Description 200 MBaud HOTLink㈢ Transceiver

File Size 614.15K  /  58 Page

View it Online

Download Datasheet

    NBC12439 NBC12439FA NBC12439FAR2 NBC12439FN NBC12439FNR2

ONSEMI[ON Semiconductor]
Part No. NBC12439 NBC12439FA NBC12439FAR2 NBC12439FN NBC12439FNR2
OCR Text ...0 MHz Programmable Differential PECL Outputs Fully Integrated Phase-Lock-Loop with Internal Loop Filter Parallel Interface for Programming C...to 5.25 V CMOS and TTL Compatible Control Inputs Pin Compatible with Motorola MC12439 Power-Down of ...
Description 3.3 V/5 V Programmable PLL Synthesized Clock Generator

File Size 143.17K  /  20 Page

View it Online

Download Datasheet

    SRX812XR2H000P4 SRX812XR2H000P5 SRX812XR2H000PB SRX812XR2I000P5 SRX812XR2H000PC SRX812XR2H000PA SRX812XR2H000PD SRX812XR

OPLINK Communications Inc.
OPLINK Communications I...
Part No. SRX812XR2H000P4 SRX812XR2H000P5 SRX812XR2H000PB SRX812XR2I000P5 SRX812XR2H000PC SRX812XR2H000PA SRX812XR2H000PD SRX812XR2I000PA SRX812XR2I000P4 SRX812XR2I000PB SRX812XR2I000PC SRX812XR2I000PD SRX12APD-0410 SRX12-APD
OCR Text ...erface signals are differential pecl. the signal detect outputs can have either pecl or ttl interface. the srx12-apd receivers can operate over an operating case tempera- ture range of 0c to +70c (h option) or -40c to +85c (i option). the ...
Description High Sensitivity OC-12/STM-4 APD Receivers

File Size 367.74K  /  3 Page

View it Online

Download Datasheet

    CXA3266Q

SONY[Sony Corporation]
Part No. CXA3266Q
OCR Text ... to 48/32 CLK * I/O level: TTL, PECL (complementary) * Low clock jitter * 1/2 clock output * TTL output high level control function PECLVCC...to change products and specifications without prior notice. This information does not convey any lic...
Description PLL IC for LCD Monitor/Projector(锁相环芯片(用于LCD监视放映机))

File Size 761.38K  /  60 Page

View it Online

Download Datasheet

    SRX803XR2H000P4 SRX803XR2H000P5 SRX803XR2H000PA SRX803XR2H000PB SRX803XR2H000PC SRX803XR2H000PD SRX803XR2I000P4 SRX803XR

OPLINK Communications Inc.
OPLINK Communications I...
Part No. SRX803XR2H000P4 SRX803XR2H000P5 SRX803XR2H000PA SRX803XR2H000PB SRX803XR2H000PC SRX803XR2H000PD SRX803XR2I000P4 SRX803XR2I000P5 SRX803XR2I000PA SRX803XR2I000PB SRX803XR2I000PC SRX803XR2I000PD SRX03APD-0420 SRX03-APD
OCR Text ...n- terfaces are differential pecl. the signal detect outputs can be either pecl or ttl interface. the srx03-apd receivers can operate over an operating case temper- ature range of 0c to +70c or -40c to +85c. the module is housed ...
Description High Sensitivity OC-3/STM-1 APD Receivers

File Size 441.32K  /  3 Page

View it Online

Download Datasheet

For pecl-to-ttl Found Datasheets File :: 2077    Search Time::3.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pecl-to-ttl

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1496160030365