Part Number Hot Search : 
XO5082 GMS82512 MAX168 3E552FB DTA124E FMS6243 AM2502DC LBN14015
Product Description
Full Text Search
  pdic Datasheet PDF File

For pdic Found Datasheets File :: 60    Search Time::2.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

    SP8050A

SIPEX[Sipex Corporation]
Part No. SP8050A
OCR Text pdic Receiver with Gain Switching Data channel bandwidth150MHz Settling Time: 8ns to 1% for 1.5V step Three selectable Gain Settings Group DelayError less than 2ns up to 70MHz Low Offset Drift of less than 20V/ C Low Offset Voltage o...
Description 8 Channel / 150MHz Fully Integrated pdic Receiver with Gain Switching
8 Channel, 150MHz Fully Integrated pdic Receiver with Gain Switching
8 Channel 150MHz Fully Integrated pdic Receiver with Gain Switching

File Size 37.12K  /  4 Page

View it Online

Download Datasheet





    CXA2586 CXA2586M

SONY[Sony Corporation]
Part No. CXA2586 CXA2586M
OCR Text pdic for CD-ROM/DVD-ROM Description CXA2586M is a pdic (photodetector IC) developed as a photodetector for the optical pickup of CD-ROM/DVD-ROM. The photodiode and circuit blocks operate at high speed. (Typ. 100MHz) * Focus servo : astigma...
Description pdic for CD-ROM/DVD-ROM

File Size 89.70K  /  8 Page

View it Online

Download Datasheet

    HA12220 HA12220F

HITACHI[Hitachi Semiconductor]
Part No. HA12220 HA12220F
OCR Text ... RF Amplifiers The output from pdic is summed by RFS amplifier. Figure 4 shows the equivalent circuit for the EQ block in figure 3. The peaking characteristics can be changed with 4-bit data from the HD49250. On resistance of SC1 to SC4 ar...
Description CD-ROM Drive Head Amplifier IC

File Size 139.81K  /  20 Page

View it Online

Download Datasheet

    SP8040

SIPEX[Sipex Corporation]
Part No. SP8040
OCR Text pdic Receiver VREF s s s s s s Data Channel Bandwidth100MHz Two Selectable Gain Settings Group Delay Error less than 1ns at 52MHz Low Offset Drift of less than 40uV/ C Low Offset Voltage of less than 25mV Low Noise - 77dB in Low Gain...
Description 4 Channel, 100MHz Fully Integrated pdic Receiver

File Size 22.26K  /  2 Page

View it Online

Download Datasheet

    SP8042DB SP8042PB SP8042W

SIPEX[Sipex Corporation]
Part No. SP8042DB SP8042PB SP8042W
OCR Text ...even channel photo detector IC (pdic) designed for DVD-ROM and CD-ROM applications and can operate at wavelength of 650 and 780 nm. The device contains four photo diode (sensor) arrays, two of them with four identical sensors (A - D, and a ...
Description 7 Channel Photo Detector IC

File Size 59.14K  /  4 Page

View it Online

Download Datasheet

    SP8042

SIPEX[Sipex Corporation]
Part No. SP8042
OCR Text pdic FEATURES Suitable for dual wave length laser diode Compact package Optical light detector 6x read speed for DVD APLICATIONS DVD Player VO2 1 VO1 2 SW 3 VRF 4 VO4 5 VO3 6 12 GND 11 VE SP8042 12 Pin pdic 10 VCC 9 VS ...
Description 12 Channel, pdic

File Size 48.77K  /  5 Page

View it Online

Download Datasheet

    Philips
Part No. KMI22/1
OCR Text ...wo ics: a position detector ic (pdic) and a line driver ic (ldic). the sensor signal is fed into the pdic which converts the signal to the digital domain, applies digital compensation and additional processing. the ldic contains three curre...
Description Rotational speed sensor for extended air gap application and direction detection

File Size 103.33K  /  16 Page

View it Online

Download Datasheet

    SP8051

SIPEX[Sipex Corporation]
Part No. SP8051
OCR Text pdic Receiver with Gain Switching Data channel bandwidth140MHz Settling Time: 9ns to 1% for 1.5V step Three selectable Gain Settings Group DelayError less than 2ns up to 70MHz Low Offset Drift of less than 20uV/ C Low Offset Voltage ...
Description 8 Channel, 140MHz Fully Integrated pdic Receiver with Gain Switching

File Size 64.46K  /  5 Page

View it Online

Download Datasheet

    CXA2676GA CXA2677 CXA2677GA

Sony, Corp.
SONY[Sony Corporation]
Part No. CXA2676GA CXA2677 CXA2677GA
OCR Text pdic) Supports High-Speed Writing to both CD and DVD Media CXA2677GA CXA2676GA The signal processing required for DVD is far more complex than that for CD. Sony has now developed an optical pickup chipset, the CXA2677GA and CXA2676GA, t...
Description Optical Pickup Chipset with CD/DVD Recording Photodetector IC (pdic) Supports High-Speed Writing to both CD and DVD Media 激光头芯片组的CD / DVD刻录光探测器芯片(pdic公司)支持高速写入两个CD和DVD介质
Optical Pickup Chipset with CD/DVD Recording Photodetector IC (pdic) Supports High-Speed Writing to both CD and DVD Media 激光头芯片组的CD / DVD刻录光探测器芯片(pdic公司)支持高速写入两CD和DVD介质

File Size 55.83K  /  2 Page

View it Online

Download Datasheet

    Philips
Part No. KMI20/4
OCR Text ...wo ics: a position detector ic (pdic) and a line driver ic (ldic). the sensor signal is fed into the pdic. the pdic converts the signal to the digital domain, applies digital compensation and after additional processing, converts it back to...
Description Rotational speed sensor for extended air gap application

File Size 85.92K  /  12 Page

View it Online

Download Datasheet

For pdic Found Datasheets File :: 60    Search Time::2.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pdic

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.3870849609375