Part Number Hot Search : 
02K100 DDZ17 TDA9806 STLM20W8 5A200 74HCT37 V600ME PB2041NL
Product Description
Full Text Search
  pas Datasheet PDF File

For pas Found Datasheets File :: 946    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PCF5078 PCF5078T PCF5078_1

PHILIPS[Philips Semiconductors]
Part No. PCF5078 PCF5078T PCF5078_1
OCR Text ...ts at the control input of most pas and exhibits the same temperature coefficient. However, if another value is needed for a certain PA the level can be adjusted by connecting external components to pin VHOME (see Figs 10 and 11). The home ...
Description Power amplifier controller for GSM and PCN systems
From old datasheet system

File Size 90.72K  /  20 Page

View it Online

Download Datasheet





    PCF5079 PCF5079HK PCF5079T PCF50B79HK PCF50B79T

PHILIPS[Philips Semiconductors]
Part No. PCF5079 PCF5079HK PCF5079T PCF50B79HK PCF50B79T
OCR Text ...le with a wide range of silicon pas * Compatible with multislot class 12 * Dual output with internal switch * Two different transfer functions * Possibility to adapt dynamic transfer functions * Very small outline package (3 x 3 mm). 4 QUIC...
Description Dual-band power amplifier controller for GSM PCN and DCS
Dual-band power amplifier controller for GSM, PCN and DCS

File Size 139.72K  /  28 Page

View it Online

Download Datasheet

    MC33170 MC33170DTB MC33170DTBR2 MC33170-D

ONSEMI[ON Semiconductor]
Part No. MC33170 MC33170DTB MC33170DTBR2 MC33170-D
OCR Text ...ifies the interface between the pas and the baseband logic section, providing an immediate gain in part count but also in occupied copper area. The device is also ready for 1V platforms since it accepts logic high control signals down to 90...
Description RF Amplifier Companion Chip for Dual-Band Cellular Subscriber Terminal

File Size 231.70K  /  16 Page

View it Online

Download Datasheet

    OZ998S OZ998

O2Micro
List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. OZ998S OZ998
OCR Text ...s, version 1.0, compliant Intel pas Protected Storage support Support Pentium and x86-based designs Support SMBus Q-Buffering via PWRGD Support SMBus selector for dual/triple DIMMs 32KHZ input clock or Crystal input Support 2 different powe...
Description Intelligent Manager Smart Multi-DIMM Selector

File Size 46.47K  /  7 Page

View it Online

Download Datasheet

    CGY2010G CGY2011G

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. CGY2010G CGY2011G
OCR Text ... from different wafer fabs. The pas require only a 30 dB harmonic low-pass filter to comply with the GSM transmit spurious specification. They can be switched off and their power controlled by monitoring the actual drain voltage applied to ...
Description GSM 4 W power amplifiers

File Size 73.43K  /  12 Page

View it Online

Download Datasheet

    MAX1708 MAX1708EEE

MAXIM[Maxim Integrated Products]
Part No. MAX1708 MAX1708EEE
OCR Text ... to 5V Conversion 3.6V or 5V RF pas in Communications Handsets PART MAX1708EEE Ordering Information TEMP. RANGE -40C to +85C PIN-PACKAGE 16 QSOP Typical Operating Circuit INPUT 1V TO 5V 2.2H OUTPUT 3.3V, 5V, OR ADJ UP TO 2A Pin ...
Description High-Frequency High-Power Low-Noise Step-Up DC-DC Converter
"High-Frequency, High-Power, Low-Noise, Step- Up DC-DC Converter"
High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter

File Size 329.54K  /  13 Page

View it Online

Download Datasheet

    MAX1709 MAX1709ESE

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX1709 MAX1709ESE
OCR Text ... to 5V Conversion 3.6V or 5V RF pas in Communications Handsets PART MAX1709ESE Ordering Information TEMP. RANGE -40C to +85C PIN-PACKAGE 16 Narrow SO Typical Operating Circuit INPUT 1V TO 5V 1H OUTPUT 3.3V, 5V, OR ADJ UP TO 4A P...
Description From old datasheet system
4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
4A / Low-Noise / High-Frequency / Step-Up DC-DC Converter

File Size 498.86K  /  12 Page

View it Online

Download Datasheet

    MAX4003 MAX4003EBL-T MAX4003ETA-T MAX4003EUA

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
Part No. MAX4003 MAX4003EBL-T MAX4003ETA-T MAX4003EUA
OCR Text ... levels of RF power amplifiers (pas) operating from 100MHz to 2500MHz. A typical dynamic range of 45dB makes this logarithmic amplifier useful in a variety of wireless applications including cellular handset PA control, TSSI for wireless te...
Description 100MHz to 2500MHz, 45dB RF Detector in a UCSP

File Size 411.27K  /  12 Page

View it Online

Download Datasheet

    SI9169 SI9169BQ-T1 SI9169BQ-T1-E3 SI9169DQ-T1 SI9169DQ-T1-E3

http://
VISAY[Vishay Siliconix]
Vishay Intertechnology,Inc.
Part No. SI9169 SI9169BQ-T1 SI9169BQ-T1-E3 SI9169DQ-T1 SI9169DQ-T1-E3
OCR Text ...nd circuits as well as for some pas. It combines the 2-MHz switching controller with fully integrated high-frequency MOSFETs to deliver the smallest and most efficient converter available today. The 2-MHz switching frequency reduces the ind...
Description High Frequency 1-A Synchronous Buck/Boost Converter
High-frequency 1-A synchronous buck/boost converter

File Size 73.31K  /  8 Page

View it Online

Download Datasheet

    UBA1710M

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. UBA1710M
OCR Text ...rate the GaAs Power Amplifiers (pas) from the CGY20xx family which are intended for GSM and DCS applications. It includes a negative supply for PA gate biasing and most of the functions required to implement power control so that only a ver...
Description Modulator for GaAs power amplifiers

File Size 58.92K  /  12 Page

View it Online

Download Datasheet

For pas Found Datasheets File :: 946    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pas

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.52631402015686