Part Number Hot Search : 
UF100 LB201 MC88915 107X00 LI581 4LS08 38273MBM FRP815
Product Description
Full Text Search
  palmtop Datasheet PDF File

For palmtop Found Datasheets File :: 1733    Search Time::1.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MAX1775 MAX1775EEE

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX1775 MAX1775EEE
OCR Text palmtop Computers General Description Features o Dual, High-Efficiency, Synchronous Rectified Step-Down Converter o Main Power Adjustable from +1.25V to +5.5V Over 2A Load Current Up to 95% Efficiency o Core Power Adjustable from 1V to 5V...
Description Dual-Output Step-Down DC-DC Converter for PDA/palmtop Computers

File Size 287.64K  /  15 Page

View it Online

Download Datasheet





    ADM101E ADM101EARM

Analog Devices, Inc.
AD[Analog Devices]
Part No. ADM101E ADM101EARM
OCR Text ... APPLICATIONS Mobile Telephones palmtop Computers PDAs Portable Instrumentation GPS Receivers Craft PortTM Tiny RS-232 Transceiver for Portable Applications ADM101E FUNCTIONAL BLOCK DIAGRAM 0.1 F + 0.1 F + VCC C1+ GND C1- 0.1 F + V-...
Description Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:26; Connector Shell Size:17; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No
Craft PortTM Tiny RS-232 Transceiver for Portable Applications

File Size 64.37K  /  6 Page

View it Online

Download Datasheet

    NJU7392

New Japan Radio
Part No. NJU7392
OCR Text ... V+ Up Bass Button V+ for palmtop for laptop NJU7392 Ver.1.5 E_DS -1- NJU7392 ABSOLUTE MAXIMUM RATING (Ta=25C) PARAMETER Power Supply Voltage Power Dissipation Maximum Input Voltage Operating Temperature Range Storage...
Description 2ch Pushbutton Interface EVR with eala Stereo Expander

File Size 95.54K  /  3 Page

View it Online

Download Datasheet

    ADM3307E ADM3307EACP ADM3307EACP-REEL ADM3307EACP-REEL7 ADM3307EARU ADM3307EARU-REEL ADM3307EARU-REEL7 ADM3310E ADM3310E

AD[Analog Devices]
Part No. ADM3307E ADM3307EACP ADM3307EACP-REEL ADM3307EACP-REEL7 ADM3307EARU ADM3307EARU-REEL ADM3307EARU-REEL7 ADM3310E ADM3310EACP ADM3310EACP-REEL ADM3310EACP-REEL7 ADM3310EARU ADM3310EARU-REEL ADM3310EARU-REEL7 ADM3311EACP ADM3311EARS ADM3311EARS-REEL ADM3311EARS-REEL7 ADM3311EARU ADM3311EARU-REEL ADM3311EARU-REEL7 ADM3312E ADM3312EACP ADM3312EACP-REEL ADM3312EACP-REEL7 ADM3312EARU ADM3312EARU-REEL ADM3312EARU-REEL7 ADM3315 ADM3315EACP ADM3315EACP-REEL ADM3315EACP-REEL7 ADM3315EARU ADM3315EARU-REEL ADM3315EARU-REEL7 ADM3311E ADM3311
OCR Text ...Its main applications are PDAs, palmtop computers, and mobile phone data lump cables. The ADM33xxE devices are fabricated using CMOS technology for minimal power consumption. All parts feature a high level of overvoltage protection and latc...
Description 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle⑩
15 KV ESD PROTECTED, 2.7 V TO 3.6 V SERIAL PORT TRANSCEIVERS WITH GREEN IDLE⒙
15 kV ESD Protected 2.7 V to 3.6 V Serial Port Transceivers with Green Idle

File Size 287.16K  /  16 Page

View it Online

Download Datasheet

    LTC1315 LTC1314-15 LTC1314

Linear Technology
Part No. LTC1315 LTC1314-15 LTC1314
OCR Text ...m component count interface for palmtop, pen-based and notebook computers. the ltc1314/ltc1315 provide 0v, 3.3v, 5v, 12v and hi-z power output for flash vpp programming. a built-in charge pump produces 12v of gate drive for inexpensive n-ch...
Description    PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PCMCIA Switching Matrixwith Built-In N-Channel VCC Switch Drivers

File Size 233.22K  /  12 Page

View it Online

Download Datasheet

    SP3222EBEY-L SP3222EBEY-L/TR SP3222EBCY-L SP3222EBCY-L/TR SP3232EBEA-L/TR SP3232EBCN-L SP3232EBCT-L/TR SP3232EBCN-L/TR S

Sipex Corporation
Part No. SP3222EBEY-L SP3222EBEY-L/TR SP3222EBCY-L SP3222EBCY-L/TR SP3232EBEA-L/TR SP3232EBCN-L SP3232EBCT-L/TR SP3232EBCN-L/TR SP3232EBCA-L/TR SP3232EBCY-L/TR SP3232EBEN-L/TR SP3222EBCT-L SP3222EBEA-L SP3222EBCA-L/TR SP3222EBCT-L/TR SP3222EBEA-L/TR SP3222EBET-L/TR
OCR Text ...pplications such as notebook or palmtop computers. the sp3222eb/3232eb series has a high-efficiency, charge-pump power supply that requires only 0.1 f capacitors in 3.3v operation. this charge pump allows the sp3222eb/3232eb series to ...
Description True 3.0V to 5.5V RS-232 Transceivers

File Size 221.36K  /  20 Page

View it Online

Download Datasheet

    Exar, Corp.
Part No. 3232EE SP3232EET SP3222E
OCR Text ...pplications such as notebook or palmtop computers. the sp3222e/3232e series has a high-efficiency, charge-pump power supply that requires only 0.1 f capacitors in 3.3v operation. this charge pump allows the sp3222e/3232e series to d...
Description 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容

File Size 134.69K  /  20 Page

View it Online

Download Datasheet

    Maxim Integrated Products, Inc.
Part No. MAX562
OCR Text palmtop computers that need to transfer data quickly. it runs at data rates up to 230kbps, and has a guaran- teed 4v/? slew rate. this device meets the new eia/tia-562 standard that guarantees compatibility with rs-232 interfaces. the max5...
Description Complete 230kbps, 2.7V to 5.25V Serial Interface for Notebook Computers(2.7~5.25V,230kbps,高速RS-232串行

File Size 96.56K  /  8 Page

View it Online

Download Datasheet

    Exar, Corp.
EXAR CORP
Part No. SP3232EEY-L SP3232EEA-L/TR SP3222EEA-L
OCR Text ...pplications such as notebook or palmtop computers. the sp3222e/sp3232e series has a high-effciency, charge-pump power supply that requires only 0.1f capaci - tors in 3.3v operation. this charge pump allows the sp3222e/sp3232e series to...
Description DUAL LINE TRANSCEIVER, PDSO16 LEAD FREE, PLASTIC, TSSOP-16
DUAL LINE TRANSCEIVER, PDSO16 LEAD FREE, PLASTIC, SSOP-16
DUAL LINE TRANSCEIVER, PDSO20

File Size 1,222.86K  /  23 Page

View it Online

Download Datasheet

    3232EE

Sipex Corporation
Part No. 3232EE
OCR Text ...pplications such as notebook or palmtop computers. the sp3222e/3232e series has a high-efficiency, charge-pump power supply that requires only 0.1 f capacitors in 3.3v operation. this charge pump allows the sp3222e/3232e series to d...
Description Search --To SP3232EE

File Size 181.24K  /  20 Page

View it Online

Download Datasheet

For palmtop Found Datasheets File :: 1733    Search Time::1.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of palmtop

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0828311443329