Part Number Hot Search : 
MS69N68 P3010 PTM10 MBRF201 CS120 IRFU3910 MS4E5 D74HC3
Product Description
Full Text Search
  pak-iv Datasheet PDF File

For pak-iv Found Datasheets File :: 237    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF3205L IRF3205S IRF3205

IRF[International Rectifier]
Part No. IRF3205L IRF3205S IRF3205
OCR Text ...ariety of applications. The D 2 Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest...IV E R RG 20V D .U .T IA S tp 300 + - VD D A 0 .0 1 200 Fig 12a. Unclamped...
Description Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A?)
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A)

File Size 144.83K  /  10 Page

View it Online

Download Datasheet





    IRF3515L IRF3515S

IRF[International Rectifier]
Part No. IRF3515L IRF3515S
OCR Text ...pecified (See AN 1001) l D2 Pak IRF3515S TO-262 IRF3515L Absolute Maximum Ratings Parameter ID @ TC = 25C ID @ TC = 100C IDM PD ...IV E R ID 10A 17A 25A 1200 RG 20V tp D .U .T IA S + V - DD A 800 0 .0 1 ...
Description Power MOSFET(Vdss=150V/ Rds(on)max=0.045ohm/ Id=41A)
Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)

File Size 122.87K  /  10 Page

View it Online

Download Datasheet

    IRF4905L IRF4905S IRF4B905L IRF4905STRL IRF4905STRL-111 IRF4905STRR

International Rectifier, Corp.
Part No. IRF4905L IRF4905S IRF4B905L IRF4905STRL IRF4905STRL-111 IRF4905STRR
OCR Text ...g surface mount package. The D2 Pak is suitable for high current applications because of its low internal connection resistance and can diss...IV E R 0.01 VD D A - 20V tp 1500 1000 15V 500 Fig 12a. Unclamped Inductive Tes...
Description Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.02ohm,身份证\u003d- 74A条)
Power MOSFET(Vdss=-55V/ Rds(on)=0.02ohm/ Id=-74A)
-55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
-55V Single P-Channel HEXFET Power MOSFET in a TO-262 package

File Size 159.46K  /  10 Page

View it Online

Download Datasheet

    IRF9520NL IRF9520NS

IRF[International Rectifier]
Part No. IRF9520NL IRF9520NS
OCR Text ...lowprofile applications. D 2 Pak T O -26 2 Absolute Maximum Ratings Parameter ID @ TC = 25C ID @ TC = 100C IDM PD @TA = 25C PD @T...IV E R ID -1.7A -2.8A BOTTOM -4.0A TOP 300 -2 0 V tp 0 .0 1 200 15V 100 F...
Description Power MOSFET(Vdss=-100V/ Rds(on)=0.48ohm/ Id=-6.8A)
Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
Power MOSFET(Vdss=-100V Rds(on)=0.48ohm Id=-6.8A)

File Size 151.66K  /  10 Page

View it Online

Download Datasheet

    IRF9Z34NL IRF9Z34NS IRF9Z34NSTRL IRF9Z34NSTRR

IRF[International Rectifier]
Part No. IRF9Z34NL IRF9Z34NS IRF9Z34NSTRL IRF9Z34NSTRR
OCR Text ...g surface mount package. The D2 Pak is suitable for high current applications because of its low internal connection resistance and can diss...IV E R VDD A BO TTOM ID -4 .2A -7.2 A -10 A 300 200 15V Fig 12a. Unclamped Indu...
Description Power MOSFET(Vdss=-55V/ Rds(on)=0.10ohm/ Id=-19A)
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
-55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
-55V Single P-Channel HEXFET Power MOSFET in a TO-262 package

File Size 158.36K  /  10 Page

View it Online

Download Datasheet

    IRFR15N20D IRFU15N20D

IRF[International Rectifier]
Part No. IRFR15N20D IRFU15N20D
OCR Text ...che Voltage and Current l D-Pak IRFR15N20D I-Pak IRFU15N20D Absolute Maximum Ratings Parameter ID @ TC = 25C ID @ TC = 100C IDM ...IV E R BOTTOM ID 4.2A 7.2A 10A 400 RG VGS 20V D .U .T IA S tp 0 .0 1 + - VD D ...
Description SMPS MOSFET

File Size 180.49K  /  10 Page

View it Online

Download Datasheet

    T8A10-600B T8A10-600B-TR T8A10-600G T8A10-600G-TR T8A10-600H T8A10-600H-TR T8A10-800B T8A10-800B-TR T8A10-800G T8A10-800

SGS Thomson Microelectronics
STMicroelectronics N.V.
意法半导
ST Microelectronics
Part No. T8A10-600B T8A10-600B-TR T8A10-600G T8A10-600G-TR T8A10-600H T8A10-600H-TR T8A10-800B T8A10-800B-TR T8A10-800G T8A10-800G-TR T8A10-800H T8A10-800H-TR BTB08 BTB08-600BW BTB08-600C BTB08-600CW BTB08-600SW BTB08-600TW BTB08-800BW BTB08-800C BTB08-800CW BTB08-800SW BTB08-800TW BTB08A-600B BTB08A-600BW BTB08A-600C BTB08A-600CW BTB08A-600SW BTB08A-600TW BTB08A-800B BTB08A-800BW BTB08A-800C BTB08A-800CW BTB08A-800SW BTB08A-800TW T835-600B-TR T835-600G-TR T835-600H T835-600H-TR T835-800B T835-800B-TR T835-800G T835-800G-TR T835-800H T835-800H-TR BTA08 BTA08-600TW BTA08-800TW BTA08A-600B BTA08A-600BW BTA08A-600C BTA08A-600CW BTA08A-600SW BTA08A-600TW BTA08A-800B BTA08A-800BW BTA08A-800C BTA08A-800CW BTA08A-800SW BTA08A-800TW T810-800H-TR T810-600H-TR T8A35-600H-TR T8A35-800H-TR T8A35-800G-TR T8A35-600G-TR T8A35-800B-TR T8A35-600B-TR T810-600G-TR -T8A35-600H -T835-600H-TR -BTA08A-800B -T835-800H -T835-800G-TR T8A35-800B T8A35-800G T810-800G-TR T810-600B-TR T810-600H -T8A10-800H-TR T8A35-600G
OCR Text ... to + 125 Unit A DPAK / D PAK IPAK / TO-220AB TO-220AB Ins. ITSM Non repetitive surge peak on-state current (full cycle, Tj init...IV II MIN. MIN. RL = 30 I - II - III IV ALL ALL MAX. MAX. MIN. MAX. MAX. 25 40 80 200 5 25 50 1.3 0...
Description 8A TRIACS 8A条双向可控硅
MINIATURE PC BOARD RELAY

File Size 45.40K  /  10 Page

View it Online

Download Datasheet

    IRFRU6215 IRFU6215 IRFR6215

IRF[International Rectifier]
Part No. IRFRU6215 IRFU6215 IRFR6215
OCR Text ... variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight...IV E R 0 .0 1 VD D A ID -2 .7A -4 .7A -6.6 A -2 0 V tp 400 15V 200 Fig 12a. Un...
Description HEXFET? Power MOSFET
Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)

File Size 137.32K  /  10 Page

View it Online

Download Datasheet

    IRFRU9310 IRFU9310 IRFR9310

IRF[International Rectifier]
International Rectifier, Corp.
Part No. IRFRU9310 IRFU9310 IRFR9310
OCR Text ... variety of applications. The D-Pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight...IV E R 0 .0 1 RG VD D A EAS , Single Pulse Avalanche Energy (mJ) 160 ID -0.8A -1.1A ...
Description -400V Single P-Channel HEXFET Power MOSFET in a I-Pak package
Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A) 功率MOSFET(减振钢板基本\u003d-00V,的Rds(on)\u003d 7.0ohm,身份证\u003d- 1.8A

File Size 110.22K  /  10 Page

View it Online

Download Datasheet

    IRFRU4105 IRFU4105 IRFR4105

IRF[International Rectifier]
Part No. IRFRU4105 IRFU4105 IRFR4105
OCR Text ... variety of applications. The D-PAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight...IV E R 80 RG 10V tp D .U .T IA S + V - DD 60 A 0.0 1 40 Fig 12a. Unclam...
Description Power MOSFET(Vdss=55V / Rds(on)=0.045ohm / Id=27A)
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A?)
HEXFET? Power MOSFET
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A)
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A?

File Size 140.69K  /  10 Page

View it Online

Download Datasheet

For pak-iv Found Datasheets File :: 237    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pak-iv

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1491601467133