Part Number Hot Search : 
CM2020 T321046 RDF11 PD55GB40 SMBJ50 L2500 D1207 0201F
Product Description
Full Text Search
  package-14 Datasheet PDF File

For package-14 Found Datasheets File :: 220042    Search Time::1.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MK1491-14 MK1491E-14R MK1491E-14RTR MK149114

Integrated Circuit Systems
Part No. MK1491-14 MK1491E-14R MK1491E-14RTR MK149114
OCR Text ... more functionality in a 28 pin package by using a unique I/O technique. The device checks the status of all I/O pins during power-up. This ...14.318 MHz oscillator has internal caps that provide the proper load for a parallel resonant crystal...
Description From old datasheet system
OPTi ACPI Firestar Clock Source

File Size 70.18K  /  4 Page

View it Online

Download Datasheet





    LTC2206CUK-14 LTC2206IUK-14 LTC2206UK-14 LTC2207-14 LTC2207CUK-14 LTC2207IUK-14 LTC2207UK-14

Linear Technology
Part No. LTC2206CUK-14 LTC2206IUK-14 LTC2206UK-14 LTC2207-14 LTC2207CUK-14 LTC2207IUK-14 LTC2207UK-14
OCR Text ...nded Clock 48-Pin 7mm x 7mm QFN Package APPLICATIO S Telecommunications Receivers Cellular Base Stations Spectrum Analysis Imag...14-BIT PIPELINED ADC CORE CORRECTION LOGIC AND SHIFT REGISTER OUTPUT DRIVERS OGND VDD GND P...
Description 14-Bit, 105Msps/80Msps ADCs

File Size 1,080.16K  /  32 Page

View it Online

Download Datasheet

    S581-4000-14 BB0502X7R104M16VNT9820

TriQuint Semiconductor
Part No. S581-4000-14 BB0502X7R104M16VNT9820
OCR Text ...Haul Applications Surface Mount Package TGA4953-EPU Key Features and Performance * * * * * * * Metro MSA Compatible Wide Drive Range ...14 GHz 18 GHz GAIN FLATNESS SMALL SIGNAL AGC RANGE NOISE FIGURE 3/, 4/ EYE AMPLITUDE 500KHz thru 5GH...
Description 9.9-11.2Gb/s Optical Modulator Driver

File Size 922.20K  /  14 Page

View it Online

Download Datasheet

    LTC2205-14 LTC2205CUK-14 LTC2205IUK-14 LTC2205UK-14

Linear Technology
Part No. LTC2205-14 LTC2205CUK-14 LTC2205IUK-14 LTC2205UK-14
OCR Text ...(16-Bit) 48-Pin (7mm x 7mm) QFN Package The LTC(R)2205-14 is a sampling 14-bit A/D converter designed for digitizing high frequency, wide dynamic range signals up to input frequencies of 700MHz. The input range of the ADC can be optimize...
Description 14-Bit, 65Msps ADC

File Size 1,180.14K  /  28 Page

View it Online

Download Datasheet

    LTC2208-14 LTC2208CUP-14 LTC2208IUP-14 LTC2208UP-14

Linear Technology
Part No. LTC2208-14 LTC2208CUP-14 LTC2208IUP-14 LTC2208UP-14
OCR Text ...(16-Bit) 64-Pin (9mm x 9mm) QFN Package The LTC(R)2208-14 is a 130Msps, sampling 14-bit A/D converter designed for digitizing high frequency, wide dynamic range signals with input frequencies up to 700MHz. The input range of the ADC can ...
Description 14-Bit, 130Msps ADC

File Size 650.09K  /  28 Page

View it Online

Download Datasheet

    LTC2351-14 LTC2351CUH-14 LTC2351IUH-14

Linear Technology
Part No. LTC2351-14 LTC2351CUH-14 LTC2351IUH-14
OCR Text ...n a tiny 32-pin (5mm x 5mm) QFN package. A SLEEP shutdown mode further reduces power consumption to 12W. The combination of low power and tiny package makes the LTC2351-14 suitable for portable applications. The LTC2351-14 contains six sepa...
Description Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown

File Size 270.56K  /  20 Page

View it Online

Download Datasheet

    AD8044ARZ-14-REEL AD8044ARZ-14-REEL7 AD8044ARZ-14

Analog Devices
Part No. AD8044ARZ-14-REEL AD8044ARZ-14-REEL7 AD8044ARZ-14
OCR Text ... Power Dissipation2 Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . 1.6 Watts Small Outline Package (R) . . . . . . . . . . . ...14-Lead Plastic Package: qJA = 75C/W 14-Lead SOIC Package: qJA = 120C/W While the AD8044 is inter...
Description Quad 150 MHz Rail-to-Rail Amplifier

File Size 458.55K  /  17 Page

View it Online

Download Datasheet

    AD8044AR-14-REEL7 AD8044AR-14-REEL AD8044AR-14 AD8044AN

Analog Devices
Part No. AD8044AR-14-REEL7 AD8044AR-14-REEL AD8044AR-14 AD8044AN
OCR Text ... Power Dissipation2 Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . 1.6 Watts Small Outline Package (R) . . . . . . . . . . . ...14-Lead Plastic Package: JA = 75C/W 14-Lead SOIC Package: JA = 120C/W While the AD8044 is intern...
Description Quad 150 MHz Rail-to-Rail Amplifier

File Size 206.22K  /  15 Page

View it Online

Download Datasheet

    MACOM[Tyco Electronics]
Part No. ELDC-14
OCR Text ...el Packaging available SM-55 Package Description M/A-COM's ELDC-14 is a high performance 75 Ohm Coupler, in an SM-55 low cost, surface mount package. The ELDC-14 is designed for use in high volume CATV applications. Typical applicati...
Description E-Series 75 Ohm Coupler 5 - 1000 MHZ

File Size 174.28K  /  2 Page

View it Online

Download Datasheet

    LFO-14-I

List of Unclassifed Manufacturers
ETC[ETC]
Part No. LFO-14-I
OCR Text ...re performed in standard DIL-14 package with built-in InGaAs monitor photodiode, thermocooler and thermistor. The modules operate in wide temperature range, have stable output power and more than 5*105 hours of lifetime. LFO-14-i - are the ...
Description CW output power > 0.8 mW

File Size 102.76K  /  2 Page

View it Online

Download Datasheet

For package-14 Found Datasheets File :: 220042    Search Time::1.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of package-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.91950392723083