Part Number Hot Search : 
AN1657 Q68000 1N5822 ALN1953 HEF4093 N1HNK60 HGZ391 IRF740
Product Description
Full Text Search
  opendrain Datasheet PDF File

For opendrain Found Datasheets File :: 525    Search Time::6.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ELM9730CAA

ELM Electronics
Part No. ELM9730CAA
OCR Text ...tput styles are available, n-ch opendrain and cmos output. it is available in sot-89 and sot-23. features ? low power operation : typ. 1.0 a (vdd = 1.5v) ? low voltage operation : reset operation assured at 0.8v ? high accuracy of de...
Description CMOS voltage detector IC for battery-operated portable devices

File Size 210.42K  /  10 Page

View it Online

Download Datasheet





    S3C8095 S3P8095

SAMSUNG[Samsung semiconductor]
Part No. S3C8095 S3P8095
OCR Text ...-pull output mode, or n-channel opendrain output mode. Pull-up resistors are assignable by software. The two port 3 pins have high current drive capability. System clock input and output pins System reset signal input pin with schmitt trigg...
Description S3C8-SERIES MICROCONTROLLERS

File Size 223.66K  /  29 Page

View it Online

Download Datasheet

    ELM9709CAA ELM9709CBA ELM9709NAA ELM9709NBA ELM9709NBA-N ELM9709NBA-S ELM9710NBA-N ELM9710NBA-S ELM9711NBA-S ELM9722CAA-

ELM Electronics
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. ELM9709CAA ELM9709CBA ELM9709NAA ELM9709NBA ELM9709NBA-N ELM9709NBA-S ELM9710NBA-N ELM9710NBA-S ELM9711NBA-S ELM9722CAA-S ELM9725CAA-N ELM9725CAA-S ELM9722CAA-N ELM9711NBA-N ELM9727NBA ELM9727CBA ELM9748CAA-S ELM9724CAA-N ELM9724CAA-S ELM9727CAA ELM9727CAA-N ELM9727CAA-S ELM9727NAA ELM9730CAA-N ELM9730CAA-S ELM9732CAA-N ELM9732CAA-S ELM9734CAA-N ELM9734CAA-S ELM9745CAA ELM9745CAA-N ELM9745CAA-S ELM9745CBA ELM9745NAA ELM9745NBA ELM9748CAA-N
OCR Text ...tput styles are available, N-ch opendrain and CMOS output. It is available in SOT-89 and SOT-23. FEATURES Low power operation Low voltage operation High accuracy of detection voltage Low temperature coefficient Very small package ...
Description CMOS voltage detector IC for battery-operated portable devices CMOS电压检测芯片的电池的便携式设备

File Size 209.55K  /  10 Page

View it Online

Download Datasheet

    NCT51SN055T1 NCT51SN095T1 NCT52SN095T1

ON SEMICONDUCTOR
Part No. NCT51SN055T1 NCT51SN095T1 NCT52SN095T1
OCR Text ...c 4.5 v v ol 0.3 0.4 v opendrain output leakage current v cc = 2.7 v, v tover = 5.5 v (nct51 only) 10 na 1. the nct51 and nct52 are available with internal, factoryprogrammed temperature trip thresholds from +45 c to +115 c ...
Description Ultra Small Temperature Switch with Pin-Selectable Hysteresis
SPECIALTY ANALOG CIRCUIT, PDSO5

File Size 122.77K  /  12 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX1888 MAX1888EUA
OCR Text ... three-input decoder with three opendrain outputs. It is used with the MAX1718 or a similar DC-to-DC controller to offset the CPU core voltage in notebook computers. Designed to interface with lowvoltage logic, the MAX1888 can program the c...
Description Low-Cost Integrated Offset Logic for Notebook CPU Power Supplies

File Size 400.64K  /  7 Page

View it Online

Download Datasheet

    S3C9688 S3P9688

SAMSUNG[Samsung semiconductor]
Part No. S3C9688 S3P9688
OCR Text ...rt for Schmitt trigger input or opendrain output. Port0 can be individually configured as external interrupt inputs. Pull-up resistors are assignable by software. P1.0-P1.7 I/O Bit-programmable I/O port for Schmitt trigger input or opendrai...
Description 8-bit single-chip CMOS microcontrollers

File Size 601.94K  /  209 Page

View it Online

Download Datasheet

    BU9817FV

Rohm
Part No. BU9817FV
OCR Text ...Mode Interval Speed D5 D4 D3 D2 opendrain Polarity opendrain Polarity opendrain Polarity opendrain Polarity D1 Comp. / Int. Comp. / Int. Shutdown Comp. / Int. Comp. / Int. D0 Reset The defaults for the power-on-reset and reset modes a...
Description Multimedia LSIs > For personal computer > Thermal sensor controller
4-channel temperature sensor IC for PCs with I2C BUS interface

File Size 100.84K  /  15 Page

View it Online

Download Datasheet

For opendrain Found Datasheets File :: 525    Search Time::6.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of opendrain

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69108605384827