Part Number Hot Search : 
TA0377A PIC24E DDZ8V2CS SA64A TLWW9600 UPD44 600BR ONSEMI
Product Description
Full Text Search
  one-port Datasheet PDF File

For one-port Found Datasheets File :: 32924    Search Time::1.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Winbond Electronics
Part No. W78L52/P/F
OCR Text ...t bidirectional parallel ports, one extra 4-bit bit-addressable i/o port (port 4) and two additional external interrupts ( int2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are supported by...
Description W78C52D Wide Voltage Version

File Size 174.31K  /  18 Page

View it Online

Download Datasheet





    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text ...t bidirectional parallel ports, one extra 4-bit bit-addressable i/o port (port 4) and two additional external interrupts ( int2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are supported by...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text ...king purposes Note however that one ALE pulse is skipped during each access to external Data Memory PSEN Program Store Enable is the Read st...port pins is not inhibited To eliminate the possibility of an unexpected write to a port pin when Id...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...age options are identified by a one- or two-letter prefix to the part number 80C51FA 83C51FA PRODUCT OPTIONS Intel's extended and automo...Port 0 Port 0 is an 8-bit open drain bidirectional I O port As an output port each pin can sink seve...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...and 3 reset asynchronously to a one and Ports 1 2 4 and 5 reset to a zero asynchronously PIN DESCRIPTIONS The 8XC51GB will be packaged i...PORT FUNCTIONS Ports 0 1 2 3 4 and 5 have alternate functions as well as their I O function as desc...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ...g purposes. Note, however, that one ALE pulse is skipped during each access to external data memory. If desired, ALE operation can be disabl...port to use Timer 2 overflow pulses for its receive clock in serial port Modes 1 and 3. RCLK = 0 cau...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. AN1155
OCR Text ...ler to always use the memory in one mode; in order to swap modes additional logic is required to decode the dq15aC1 pin, this would complica...port 1 (a0-a15) and port 4 (a16-a23). the data bus is on port 0 (d0-d15). the st10f163 provides exte...
Description CONNECTING THE ST10 MICROCONTROLLER TO M29 SERIES FLASH MEMORIES

File Size 50.99K  /  7 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
ANALOG DEVICES INC
http://
Part No. ADSP-21365SBSQZENG ADSP-21365SBBC-ENG ADSP-21365SBBCZENG ADSP-21365SKBC-ENG ADSP-21365SKSQ-ENG ADSP-21365SBSQ-ENG ADSP-21365SKBCZENG ADSP-21366SBSQ-ENG ADSP-21366SBSQZENG ADSP-21366SKSQ-ENG ADSP-21366SBBCZENG ADSP-21366SBBC-ENG ADSP-21366SKBC-ENG ADSP-21366SKBCZENG ADSP-21366SKSQZENG ADSP-21365SCSQZENG ADSP-21365SKSQZENG ADSP-21365SCSQ-ENG
OCR Text ... of their respective companies. one technology way, p.o. box 9106, norwood, ma 02062-9106 u.s.a. tel:781.329.4700 www.analog.com fax:781.32...port provides access to asynchronous external memory 16 multiplexed address/data lines support 24-b...
Description    SHARC Processor
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection

File Size 485.14K  /  54 Page

View it Online

Download Datasheet

    AM79C874 AM79C874VC

Advanced Micro Devices
Part No. AM79C874 AM79C874VC
OCR Text ...r and transceiver functions for one 10/100 Mbps Ethernet port. It delivers the dual benefits of CMOS low power consumption and small package size. Operating at 3.3 V, it consumes only 0.3 W. Three power management modes provide options for ...
Description NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver

File Size 507.05K  /  60 Page

View it Online

Download Datasheet

    83977

Winbond
Part No. 83977
OCR Text ...al communication ports (uarts), one of which supports serial infrared communication. each uart includes a 16-byte send/receive fifo, a prog...port (spp), bi-directional printer port (bpp) and also enhanced parallel port (epp) and extended cap...
Description Search --To W83977

File Size 1,021.33K  /  207 Page

View it Online

Download Datasheet

For one-port Found Datasheets File :: 32924    Search Time::1.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of one-port

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.60226488113403