Part Number Hot Search : 
ZMDK69W HSB15H 160808 PT224 1N537 56F83 D1246 1N537
Product Description
Full Text Search
  onboard Datasheet PDF File

For onboard Found Datasheets File :: 4142    Search Time::1.109ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MC13226VR2 MC13224VR2 MC1322X

Freescale Semiconductor, Inc
Part No. MC13226VR2 MC13224VR2 MC1322X
OCR Text ...ensity as shown in Figure 1. An onboard balun along with a TX/RX switch allows direct connection to a single-ended 50- antenna. The integrated PA provides programmable output power typically from -30 dBm to +4 dBm, and the RX LNA provides -...
Description Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE庐 802.15.4 Standard
Advanced ZigBee? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE? 802.15.4 Standard

File Size 389.30K  /  54 Page

View it Online

Download Datasheet





    ECP-5414

List of Unclassifed Manufacturers
ETC[ETC]
Part No. ECP-5414
OCR Text ...6 MB SDRAM Optional 64 MB SDRAM onboard One M-Systems DiskOnChip, one CompactFlash Type I/II socket Reset/IRQx; 16 sec. ~ 127 min. and 30 sec./step One PCI slot I/O MIO 09 FCC Features onboard AMD GeodeTM GX1 30...
Description AMD Geode GX1 Communication Platform
AMD Geode⑩ GX1 Communication Platform

File Size 156.40K  /  1 Page

View it Online

Download Datasheet

    DE-ACCM3D

List of Unclassifed Manufacturers
ETC[ETC]
Part No. DE-ACCM3D
OCR Text ... for driving heavier loads. The onboard 3.3V regulator and decoupling capacitor give you great flexibility when powering the device, and can also be bypassed for operation down to 2.0V. The DE-ACCM3D is designed to fit the DIP-16 form facto...
Description Buffered ±3g Tri-axis Accelerometer
Buffered 卤3g Tri-axis Accelerometer
Buffered 【3g Tri-axis Accelerometer

File Size 481.37K  /  5 Page

View it Online

Download Datasheet

    OMC507

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. OMC507
OCR Text ...k) with 30V Maximum Bus Voltage onboard Current Sense Resistor Direction and Torque Control Tachometer Output Fits Inside Motor Housing APPLICATIONS * Fans and Pumps * Hoists * Actuator Systems DESCRIPTION The OMC507 is a three phas...
Description FULL-FEATURED CIRCUIT BOARD ASSEMBLY FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS

File Size 117.50K  /  8 Page

View it Online

Download Datasheet

    SBC8233VE

List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. SBC8233VE
OCR Text ...Socket Chipset Bus Clock Memory onboard IDE onboard Multi I/O * PQFP Intel 80386SX-40 Compatible Core onboard * ALi M6117D Core Logic Controller * 8MHz, Programmable up to 16MHz * Bank 0, onboard 4MB EDO * Bank 1, 72-pin SIMM Max. EDO up to...
Description 386 Half-size CPU Board with CRT/LCD, 10 Base-T Ethernet & 4 COM Ports

File Size 126.81K  /  3 Page

View it Online

Download Datasheet

    AD[Analog Devices]
Part No. AD7401BRW AD7400 AD7400BRW
OCR Text ...er Modulator 4 LSB INL @16 Bits onboard Digital Isolator onboard Reference Low Power Operation: 15 mA @ 5 V -40 C to +105 C Operating Range 16-ld SOIC Package Safety and Regulatory Approvals UL Recognition 3750 VRMS for 1 minute per UL 1577...
Description Isolated Sigma-Delta Modulator

File Size 240.40K  /  10 Page

View it Online

Download Datasheet

For onboard Found Datasheets File :: 4142    Search Time::1.109ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of onboard

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.63470602035522