Part Number Hot Search : 
68HC90 H2324S C1005CH1 3EZ33 E001056 14600 P0402FC MC74VHC1
Product Description
Full Text Search
  on-push Datasheet PDF File

For on-push Found Datasheets File :: 10660    Search Time::2.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...als A, B, W have no limitations on polarity with respect to each other. 5 Guaranteed by design and not subject to production test. 6 PDISS i...push button switches are used to control the count sequence and direction of count. The exact timing...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet





    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...iper resistance is not measured on the R AB = 1 M models. 4INL and DNL are measured at V with the RDAC configured as a potentiometer divider...push-button switches are used to control the count sequence and direction of count. The exact timing...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...r Supply Sensitivity Footnotes on next page. Rev. 0 | Page 3 of 20 AD5228 Parameter DYNAMIC CHARACTERISTICS 4, 9, 10, 11 Built-in De...Push-Up Pin. Connect to the external pushbutton. Active low. A 100 k pull-up resistor is connected t...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201

AD[Analog Devices]
Part No. AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201 AD5203 AD5204 AD5206 AD5207 AD5220 AD5222 AD5231 AD5233 AD5235 AD5241 AD5242 AD5260 AD5262 AD7376 AD8400 AD8402
OCR Text ... wiper position at system power ON. Such operation is enabled by the internal preset strobe and the preset can also be accessed externally. ...push-button control applications. See the Advanced Control Modes description following Table I. A se...
Description 8-Bit Dual Nonvolatile Memory Digital Potentiometer

File Size 252.48K  /  20 Page

View it Online

Download Datasheet

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ...ISTER EEMEM1 RDAC2 PR PWR ON PRESET RDAC2 REGISTER A2 W2 B2 WP RDY EEMEM CONTROL EEMEM2 V SS G ND SPARE EEMEM G N...push button control applications. Alternately the scratch pad register can be programmed with any po...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet

    AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC

Advanced Micro Devices
Part No. AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC
OCR Text ...s document contains information on a product under development at Advanced Micro Devices. The information is intended to help you evaluate t...push-pull outputs which can directly drive a minimum load of 40 ohms. Microprocessor Interface (M...
Description Digital Subscriber Controller⑩ (DSC⑩) Circuit
Digital Subscriber Controller (DSC) Circuit

File Size 636.67K  /  101 Page

View it Online

Download Datasheet

    FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM1233AC FM1233AC FM1233AD FM1233ABA

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
Part No. FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM1233AC FM1233AC FM1233AD FM1233ABA
OCR Text ...so can monitor a switch closure on its output, enabling it to recognize an external reset from a pushbutton switch or a P. In the case of a ...push button closure. For proper operation, the external switch should be paralleled by an external c...
Description 2.72V, Active Low Bi-Directional Precision Reset Generator Circuit
3.08V, Active Low Bi-Directional Precision Reset Generator Circuit
2.88V, Active Low Bi-Directional Precision Reset Generator Circuit
3-Pin C Supervisor Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
3-Pin レC Supervisor Circuit
3-Pin uC Supervisor Circuit
3-Pin μC Supervisor Circuit

File Size 60.03K  /  7 Page

View it Online

Download Datasheet

    HE8050

Hi-Sincerity Microelectronics
HSMC[Hi-Sincerity Mocroelectronics]
Part No. HE8050
OCR Text ...BO IEBO *VCE(sat) *VBE(sat) VBE(on) *hFE1 *hFE2 *hFE3 fT Min. 40 25 6 45 85 40 100 Typ. -Max. 100 100 0.5 1.2 1 500 Unit V V V nA nA V V V Test Conditions IC=100uA IC=2mA IE=100uA VCB=35V VEB=6V IC=0.8A, IB=80mA IC=0.8A, IB=80mA VCE=1V, IC=...
Description NPN EPITAXIAL PLANAR TRANSISTOR

File Size 35.35K  /  3 Page

View it Online

Download Datasheet

    Philips
Part No. ISP1362
OCR Text On-The-Go controller Rev. 02 -- 19 February 2003 Product data 1. General description The ISP1362 is a single-chip Universal Serial Bus ...push-pull input, three-state output bidirectional, push-pull input, three-state output bidirectional...
Description Single-chip Universal Serial Bus On-The-Go controller

File Size 528.15K  /  148 Page

View it Online

Download Datasheet

For on-push Found Datasheets File :: 10660    Search Time::2.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of on-push

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8097431659698