Part Number Hot Search : 
MO9061 10051 2SC17 237A1ACM 383L2 4017B N5401 F186M
Product Description
Full Text Search
  occupancy Datasheet PDF File

For occupancy Found Datasheets File :: 75    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

    Sensor Switch
Part No. SBR10
OCR Text occupancy controlled dimming (d) ? provides dimming output to control 0-10 vdc dimmable ballasts ? provides a second occupancy time-out period that enables the lights to go to a dim setting before turning off ? adjustable max/min ...
Description SENSOR

File Size 522.93K  /  2 Page

View it Online

Download Datasheet





    LS6505

LSI[LSI Computer Systems]
Part No. LS6505
OCR Text ...TIONS: Wall and ceiling mounted occupancy sensors providing energy savings and convenience. DESCRIPTION (See Figure 2) The LS6505 is a CMOS integrated circuit, designed for detecting motion from a PIR Sensor and initiating appropriate respo...
Description PIR SENSOR INTERFACE

File Size 42.01K  /  4 Page

View it Online

Download Datasheet

    BH6578FVM09 BH6578FVM BD7931F

Rohm
Part No. BH6578FVM09 BH6578FVM BD7931F
OCR Text ...e with less than 3% copper foil occupancy ratio is mounted. When used at Ta=25C or higher, derated at 4.4 mW/C. When 70 mmx70 mmx1.6 mm thick glass epoxy substrate with less than 3% copper foil occupancy ratio is mounted. When used at Ta=25...
Description Reversible Motor Drivers for Output 0.5A 1 Motor

File Size 297.81K  /  9 Page

View it Online

Download Datasheet

    HB7C4M-EU HB7C4M-EUD HB7C4M-EUOS HB4C4M-EU HB4C4M-EUD HB4C4M-EUOS HBXREF2 HBGC4P-EU HB0C4M-EU HB2C4M-EU HB6C4M-EU HB0C4M

Dialight Corporation
Part No. HB7C4M-EU HB7C4M-EUD HB7C4M-EUOS HB4C4M-EU HB4C4M-EUD HB4C4M-EUOS HBXREF2 HBGC4P-EU HB0C4M-EU HB2C4M-EU HB6C4M-EU HB0C4M-EUD HB2C4M-EUD HB0C4M-EUOS HB2C4M-EUOS HB6C4N-EU HB6C4N-EUOS HB6C4N-EUD HB3C4N-EUD HB3C4N-EUOS HB1C4N-EU HB1C4N-EUD HB5C4N-EU HB5C4N-EUD HB1C4N-EUOS HB5C4N-EUOS HBXH-EU
OCR Text ...lable ? may be used with remote occupancy sensor ? instant on/off operation ? superior colour rendition index compared to hps, lps, mv ? mercury free, lead free ? replaces up to 400 watt hid light sources ? resistant to shock and vibratio...
Description DuroSite? Series LED High Bay Luminaire - CE Approved

File Size 429.25K  /  4 Page

View it Online

Download Datasheet

    HB7C4M HBXLENGC HBXLENAC HBXLENPD HBXLENPC HBXT2 HBXLENAD HB6C4T HB6C4M HB6C4Y HB3C4L HB3C4R HB3C4W LBXLENP HB4C4L HB4C4

Dialight Corporation
Part No. HB7C4M HBXLENGC HBXLENAC HBXLENPD HBXLENPC HBXT2 HBXLENAD HB6C4T HB6C4M HB6C4Y HB3C4L HB3C4R HB3C4W LBXLENP HB4C4L HB4C4W HBWC4L HB0C4P HBGC1T HBGC4P HBGCQZ HBGC1Q HBGC4Z HBGCMP HBGCMZ HBGCQQ HB5C4M
OCR Text ... ? led high bay fixture options occupancy sensor version dimensions in inches [mm] mechanical, electrical and photometric information is the same as on page 3 except where detail is provided fixture weight: 19lbs (11.34kg) container ...
Description DuroSite? Series LED High Bay

File Size 1,208.66K  /  8 Page

View it Online

Download Datasheet

    LBW1C1D LBW1C2D LBW1C5D

Dialight Corporation
Part No. LBW1C1D LBW1C2D LBW1C5D
OCR Text ...ures & benefits: w dimmable and occupancy sensor versions available w universal input: (100 - 277vac), 50/60hz w 80% lumen maintenance over 60,000 operating hours w up to 75 lm/w w significant energy savings w instant on/off w maintenance f...
Description DuroSite LED Low Bay Fixture

File Size 112.28K  /  2 Page

View it Online

Download Datasheet

    M2006C M2006C-DIP20 M2006C-SO20-300

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. M2006C M2006C-DIP20 M2006C-SO20-300
OCR Text ... provided for interfacing to an occupancy detect or alarm system. One or two PIR sensors connect directly to the PIR inputs. The pull-down resistors and DC decoupling circuitry are integrated on chip. The PIR signal is converted to a 15 bit...
Description PIR Motion Detector 红外移动探测

File Size 194.48K  /  5 Page

View it Online

Download Datasheet

    BH6578FVM-TR BD7931F BD7931F-TR BH6578FVM11

Rohm
Part No. BH6578FVM-TR BD7931F BD7931F-TR BH6578FVM11
OCR Text ... with less than 3% copper foil occupancy ratio is mounted. when used at ta=25c or higher, derated at 4.4 mw/c. ** when 70 mmx70 mmx1.6 mm thick glass epoxy substrate with less than 3% copper foil occupancy ratio is mounted. when u...
Description 0.5A or Less Reversible Motor Drivers (Single Moter)

File Size 253.06K  /  9 Page

View it Online

Download Datasheet

    Tektronix
Part No. RSA2203A RSA2208A
OCR Text ...ency change/stability, spectrum occupancy, pulsed signal timing, power change and more! The sample above shows the frequency settling characteristic of a transmitting device. Outstanding DC - 20 MHz Dynamic Range and Low Phase Noise Mean...
Description Real-Time Spectrum Analyzer, 10 MHz - 3 GHz
Real-Time Spectrum Analyzer, 10 MHz - 8 GHz

File Size 209.37K  /  8 Page

View it Online

Download Datasheet

    59251-1-S-02-A 59251-1-S-02-B 59251-1-S-02-C 59251-1-S-01-A 59251-1-S-01-B 59251-1-S-01-C 59251-1-S-03-A 59251-1-S-03-B

HAMLIN Position and Movement Sensor Solutions
HAMLIN ELECTRONICS EUROPE LTD
Part No. 59251-1-S-02-A 59251-1-S-02-B 59251-1-S-02-C 59251-1-S-01-A 59251-1-S-01-B 59251-1-S-01-C 59251-1-S-03-A 59251-1-S-03-B 59251-1-S-03-C 59251-1-S-04-A 59251-1-S-04-B 59251-1-S-04-C 59251-1-S-05-A 59251-1-S-05-B 59251-1-S-05-C 59251-I-S-01-C 59251-I-S-05-A 59251-I-S-04-B 59251-I-S-03-C 59251-I-S-04-C
OCR Text occupancy Reed Switch Sensor Features and Benefits Features * Magnetically operated position sensor * Simple push fit mounting * Normally open contact * Operates when plunger is depressed * Choice of cable length * Choice of connector * L...
Description Seating occupancy Reed Switch Sensor Features and Benefits
MAGNETIC FIELD SENSOR-HALL EFFECT

File Size 50.36K  /  1 Page

View it Online

Download Datasheet

For occupancy Found Datasheets File :: 75    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of occupancy

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79474902153015