Part Number Hot Search : 
SI7212DN APW730 N5415 1M50V4 EL4583C 72300 STA473 IMP51115
Product Description
Full Text Search
  NX8570SC318-BA Datasheet PDF File

For NX8570SC318-BA Found Datasheets File :: 1+       Page :: | <1> |   

    NX8570SC803-BA NX8570SC997-BA NX8570 NX8570SC303-BA NX8570SC307-BA NX8570SC311-BA NX8570SC315-BA NX8570SC318-BA NX8570SC

California Eastern Laboratories, Inc.
线性稳
http://
CEL[California Eastern Labs]
Part No. NX8570SC803-BA NX8570SC997-BA NX8570 NX8570SC303-BA NX8570SC307-BA NX8570SC311-BA NX8570SC315-BA NX8570SC318-BA NX8570SC322-BA NX8570SC326-BA NX8570SC330-BA NX8570SC330D-BA NX8570SC334-BA NX8570SC338-BA NX8570SC342-BA NX8570SC346-BA NX8570SC346D-BA NX8570SC350-BA NX8570SC351D-BA NX8570SC354-BA NX8570SC358-BA NX8570SC362-BA NX8570SC362D-BA NX8570SC366-BA NX8570SC370-BA NX8570SC373-BA NX8570SC377-BA NX8570SC377D-BA NX8570SC381-BA NX8570SC385-BA NX8570SC389-BA NX8570SC393-BA NX8570SC393D-BA NX8570SC397-BA NX8570SC401-BA NX8570SC405-BA NX8570SC409-BA NX8570SC409D-BA NX8570SC413-BA NX8570SC417-BA NX8570SC421-BA NX8570SC425-BA NX8570SC425D-BA NX8570SC429-BA NX8570SC433-BA NX8570SC437-BA NX8570SC441-BA NX8570SC441D-BA NX8570SC445-BA NX8570SC449-BA NX8570SC453-BA NX8570SC457-BA NX8570SC457D-BA NX8570SC461-BA NX8570SC465-BA NX8570SC469-BA NX8570SC473-BA NX8570SC473D-BA NX8570SC477-BA NX8570SC481-BA NX8570SC485-BA NX8570SC489-BA NX8570SC489D-BA NX8570SC493-BA NX8570SC497-BA NX8570SC501-BA NX8570SC505-BA NX8570SC505D-BA NX8570SC509-BA NX8570SC513-BA NX8570SC517-BA NX8570SC521-BA NX8570SC521D-BA NX8570SC525-BA NX8570SC529-BA NX8570SC533-BA NX8570SC537-BA NX8570SC537D-BA NX8570SC541-BA NX8570SC
Description DIODE ZENER SINGLE 500mW 43Vz 5mA-Izt 0.02 0.05uA-Ir 33 SOD-123 3K/REEL
Single Output LDO, 100mA, Fixed(1.8V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Single Output LDO, 100mA, Fixed(1.2V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Dual-Output Low-Dropout (LDO) Voltage Regulators 28-HTSSOP 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Automotive Catalog Ultralow-Power 100-mA Low-Dropout Linear Regulator 5-SOT-23 -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
CONVERTER DC-DC 10W 12V/15V SGL 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
CURRENT LIMITER INRSH 10 OHM 20% 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
H8/SLP Series, 38799 Group, 4-ch 14-bit PWM, 2-ch 16-bit TPU, 16-bit AEC, RTC FP-100U; Vcc= 1.8 to 3.6 volts, Temp= -20 to 75 C; Package: PLQP0100KB-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
H8/Tiny Series, 36024 Group, WDTO TNP-48; Vcc= 3.0 to 5.5 volts, Temp= -20 to 75 C; Package: PVQN0048KA-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示
Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125
PTCE 4C 4#20 PIN PLUG
TVS BI-DIR 27V 1500W DO-201
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-39
Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125
Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
Single Output LDO, 100mA, Fixed(2.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23
Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125
MICRO HDW M2 RoHS Compliant: No
Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
CABLE 18/4 STR BC CMR GRY
PTSE 15C 1#16,14#20 PIN PLUG RoHS Compliant: No
Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125
PTSE 18C 18#20 PIN RECP
Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125
Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125
Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
Automotive Catalog Fast Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125
Automotive Catalog Dual-Output Low-Dropout Voltage Regulators 28-HTSSOP -40 to 125
CONVERTER DC-DC 10W 24V/12V SGL
CONVERTER DC-DC 10W 12V/5V SGL
Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23
Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125
Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
CONNECTOR ACCESSORY
Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125

File Size 290.63K  /  14 Page

View it Online

Download Datasheet

For NX8570SC318-BA Found Datasheets File :: 1+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of NX8570SC318-BA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.78664708137512