Part Number Hot Search : 
C165P 1SS35 63WN1AT2 BD201 25DF081 BA1L3N BZX5568 MSK164
Product Description
Full Text Search
  non-silicone Datasheet PDF File

For non-silicone Found Datasheets File :: 1256    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    GBPC110 GBPC104 GBPC108 GBPC1005 GBPC101 GBPC102 GBPC106

GE[General Semiconductor]
Part No. GBPC110 GBPC104 GBPC108 GBPC1005 GBPC101 GBPC102 GBPC106
OCR Text ...TIFIED CURRENT FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG 5.0 PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD OUTPUT CURRENT, AMPERES 60 CASE TEMPERATURE, TC HEAT-SINK MOUNTING, 4.0 x 4.0 x 0.11" THK (10....
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

File Size 82.92K  /  2 Page

View it Online

Download Datasheet





    MPX4200 MPX4200A MPX4200AP MPX4200AS MPX4200ASX

MOTOROLA[Motorola, Inc]
Part No. MPX4200 MPX4200A MPX4200AP MPX4200AS MPX4200ASX
OCR Text ...oxy Unibody Element * Ideal for Non-Automotive Applications Application Examples * Manifold Sensing for Automotive Systems PORT OPTION CASE...SILICONE DIE COAT WIRE BOND STAINLESS STEEL METAL COVER P1 EPOXY CASE DIE MPX4200A OUPUT (PIN ...
Description INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT

File Size 140.29K  /  8 Page

View it Online

Download Datasheet

    MPX4250 MPX4250A MPX4250AP MPX4250AS MPX4250ASX

Motorola Mobility Holdings, Inc.
MOTOROLA[Motorola, Inc]
Part No. MPX4250 MPX4250A MPX4250AP MPX4250AS MPX4250ASX
OCR Text ...oxy Unibody Element * Ideal for Non-Automotive Applications Application Examples * Manifold Sensing for Automotive Systems PORT OPTION CASE...SILICONE DIE COAT WIRE BOND STAINLESS STEEL METAL COVER P1 EPOXY CASE DIE MPX4250A OUPUT (PIN ...
Description INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-36.25Psi, 1.5%, 4.62-4.76V, ROUND, THROUGH HOLE MOUNT

File Size 142.92K  /  8 Page

View it Online

Download Datasheet

    MPX5100 MPX5100A MPX5100AP MPX5100D MPX5100DP MPX5100GP MPX5100GSX MPXV5100GC7U MPXV5100 MPXV5100GC6U

MOTOROLA[Motorola, Inc]
Part No. MPX5100 MPX5100A MPX5100AP MPX5100D MPX5100DP MPX5100GP MPX5100GSX MPXV5100GC7U MPXV5100 MPXV5100GC6U
OCR Text ...ations Ideal for Automotive and Non-Automotive Applications VS MPX5100D CASE 867 MPXV5100GC6U CASE 482A MPX5100DP CASE 867C THI...SILICONE GEL DIE COAT WIRE BOND STAINLESS STEEL METAL COVER FLUORO SILICONE GEL DIE COAT STAINLESS S...
Description MPX5100 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

File Size 394.62K  /  12 Page

View it Online

Download Datasheet

    MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM2202AT1 MPXM2202D MPXM2202DT1 MPXM2202GS MPXM2202GST1

Motorola, Inc.
飞思卡尔半导体(中国)有限公司
MOTOROLA[Motorola, Inc]
Part No. MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM2202AT1 MPXM2202D MPXM2202DT1 MPXM2202GS MPXM2202GST1
OCR Text ...Supply Voltage * Gauge Ported & Non Ported Options Application Examples * Pump/Motor Controllers * Robotics * Level Indicators * Medical Dia...silicone gel isolates the die surface and wire bonds from the environment, while allowing the pressu...
Description 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS

File Size 243.98K  /  8 Page

View it Online

Download Datasheet

    MPXT4100 MPXT4100A7U MPXT4101A7U MPXT4105A7U

Motorola, Inc.
MOTOROLA[Motorola, Inc]
Part No. MPXT4100 MPXT4100A7U MPXT4101A7U MPXT4105A7U
OCR Text ...rface Mount Package * Ideal for Non-Automotive Applications * Also Available in Unibody Package Application Examples * Manifold Sensing for ...SILICONE DIE COAT Figure 2. Cross Sectional Diagram (Not to Scale) Figure 2 illustrates an absolu...
Description X-ducer SILICON PRESSURE SENSORS ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.17-15.22Psi, 1.8%, 0.30-4.90V, SQUARE, THROUGH HOLE MOUNT

File Size 131.75K  /  8 Page

View it Online

Download Datasheet

    MPXV2053DP MPXV2053G MPXV2053GP MPX2053D MPX2053GSX MPX2053GVP MPX2053 MPX2053DP MPX2053GP

MOTOROLA[Motorola, Inc]
MOTOROLA[Motorola Inc]
Part No. MPXV2053DP MPXV2053G MPXV2053GP MPX2053D MPX2053GSX MPX2053GVP MPX2053 MPX2053DP MPX2053GP
OCR Text ...gnostics * Pressure Switching * Non-Invasive Blood Pressure Measurement Figure 1 shows a block diagram of the internal circuitry on the stan...SILICONE DIE COAT STAINLESS STEEL METAL COVER DIE P1 EPOXY CASE 12.5 1.8 25 3.6 37.5 5.4...
Description 50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS

File Size 185.37K  /  12 Page

View it Online

Download Datasheet

    IRPT1061A

IRF[International Rectifier]
Part No. IRPT1061A
OCR Text ... input AC motor feedback (non-isolated) PWM generator feedback processing keyboard Figure 2. The IRPT1061C control system ...silicone grease on the heat sink, covering the entire area that the power substrate will occupy. Rec...
Description Power Module for 1 hp Motor Drives

File Size 234.28K  /  12 Page

View it Online

Download Datasheet

    TC7652CPD TC7652 TC7652CPA

MICROCHIP[Microchip Technology]
Part No. TC7652CPD TC7652 TC7652CPA
OCR Text ... capacitor pins Inverting Input Non-inverting Input Negative Power Supply Output Voltage Clamp Output Positive Power Supply No internal conn...silicone rubber. Even if boards are cleaned and coated, leakage currents may occur because input pin...
Description Low Noise/ Chopper Stabilized Operational Amplifier
Low Noise, Chopper Stabilized Operational Amplifier
The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad

File Size 453.50K  /  16 Page

View it Online

Download Datasheet

For non-silicone Found Datasheets File :: 1256    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of non-silicone

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.1017441749573