Part Number Hot Search : 
91000 46000 AD5341 AM108 HCC4543B 1N4762 R6031635 SB1030CT
Product Description
Full Text Search
  nocap Datasheet PDF File

For nocap Found Datasheets File :: 25    Search Time::2.64ms    
Page :: | <1> | 2 | 3 |   

    CS9201 CS9201.REV13

ON Semiconductor
Part No. CS9201 CS9201.REV13
OCR Text ... environments. ON's proprietary nocap solution is the first technology which allows the output to be stable without the use of an external capacitor. nocap is suitable for slow switching or steady loads. Features nocap Low Quiescent Current...
Description Micropower 5.0 V, 100 mALow Dropout LinearRegulator with nocapE
From old datasheet system

File Size 65.05K  /  8 Page

View it Online

Download Datasheet





    CS9201YDF8G

ON Semiconductor
Part No. CS9201YDF8G
OCR Text ...w dropout linear regulator with nocap the cs9201 is a precision 5.0 v, 100 ma voltage regulator with low quiescent current (450 a typ @ 100 a load). the 5.0 v output is accurate within 2% and supplies 100 ma of load current with a...
Description Micropower 5.0 V, 100mA Low Dropout Linear Regulator with nocap; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8

File Size 72.39K  /  6 Page

View it Online

Download Datasheet

    CS8371 CS8371ET7 CS8371ETVA7

ZF Electronics Corporation
CHERRY[Cherry Semiconductor Corporation]
Part No. CS8371 CS8371ET7 CS8371ETVA7
OCR Text nocap Description The CS8371 is a 8V/5V dual output linear regulator. The 8V 5% output sources 1A, while the 5V 5% output sources 250mA. Each output is controlled by its own ENABLE lead. Setting the ENABLE input high turns on the associat...
Description TRANS NPN 50V 30MA VMT3
8V/1A/ 5V/250mA Dual Regulator with Independent Output Enables and nocap
8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and nocap

File Size 174.30K  /  8 Page

View it Online

Download Datasheet

    CS9202YDFR8G CS920206 CS9202YDF8 CS9202YDF8G CS9202YDFR8 CS9202

http://
ONSEMI[ON Semiconductor]
Part No. CS9202YDFR8G CS920206 CS9202YDF8 CS9202YDF8G CS9202YDFR8 CS9202
OCR Text ... environments. ON's proprietary nocap solution is the first technology which allows the output to be stable without the use of an external capacitor. nocap is suitable for slow switching or steady loads. Features http://onsemi.com 8 1 ...
Description Micropower 3.3 V, 100 mA Linear Regulator with nocap

File Size 66.04K  /  6 Page

View it Online

Download Datasheet

    CS9202 CS9202YDF8 CS9202YDFR8

ONSEMI[ON Semiconductor]
Part No. CS9202 CS9202YDF8 CS9202YDFR8
OCR Text ... environments. ON's proprietary nocap solution is the first technology which allows the output to be stable without the use of an external capacitor. nocap is suitable for slow switching or steady loads. Features nocap Low Quiescent Current...
Description Micropower 3.3V, 100mA Low Dropout Linear Regulator with nocap
Micropower 3.3 V / 100 mA Linear Regulator with nocap
Micropower 3.3 V, 100 mA Linear Regulator with nocap

File Size 61.27K  /  6 Page

View it Online

Download Datasheet

    NCP2809BDMR2G NCP2809A

ON Semiconductor
Part No. NCP2809BDMR2G NCP2809A
OCR Text ...umber: ncp2809/d ncp2809 series nocap 135 mw stereo headphone power amplifier the ncp2809 is a cost?effective stereo audio power amplifier capable of delivering 135 mw of continuous average power per channel into 16 loads. the ncp280...
Description GT 19C 19#12 SKT RECP
nocap 135 mW Stereo Headphone Power Amplifier 0.131 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO10
nocap 135 mW Stereo Headphone Power Amplifier nocap 135毫瓦立体声耳机功率放大

File Size 191.65K  /  22 Page

View it Online

Download Datasheet

    CS9201/D

ON Semiconductor
Part No. CS9201/D
OCR Text ...w dropout linear regulator with nocap ? the cs9201 is a precision 5.0 v, 100 ma voltage regulator with low quiescent current (450 m a typ. @ 100 m a load). the 5.0 v output is accurate within 2% and supplies 100 ma of load current with ...
Description Micropower 5.0 V100mA Low Dropout Linear Regulator with nocap .0五,100mA的低压差线性稳压器nocap

File Size 63.77K  /  8 Page

View it Online

Download Datasheet

For nocap Found Datasheets File :: 25    Search Time::2.64ms    
Page :: | <1> | 2 | 3 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of nocap

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.675400018692