Part Number Hot Search : 
BFA1560R 50207 D334K 1N5240B 4028B Z5250 AV452461 MSP08C
Product Description
Full Text Search
  night Datasheet PDF File

For night Found Datasheets File :: 343    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TeleEye
Part No. DM564 DM565
OCR Text ... dm5 65 budget 33x day / night speed dome features features features features specifications specifications specifications specifications hi-resolution: 550 (day) / 680 (night) tvl 396x zoom; ...
Description (DM564 / DM565) Budget 33X Day / night Speed Dome

File Size 158.89K  /  1 Page

View it Online

Download Datasheet





    FCS-6010

Level One
Part No. FCS-6010
OCR Text night p/t poe network camera - ir leds the levelone fcs-6010 with built-in high performance h.264 1.3-megapixel cmos sensor delivers high quality images up to 1280x1024 resolution, and the motorized pan and tilt provides a viewing angle of ...
Description 1.3-Megapixel (1280x1024) high-definition resolution Built-in infrared LEDs for night viewing up to 10m

File Size 462.75K  /  6 Page

View it Online

Download Datasheet

    FCS-5062

Level One
Part No. FCS-5062
OCR Text night poe outdoor network camera - ir leds the levelone fcs-5062 is a 5-megapixel bullet network camera designed with ip66 weatherproof outdoor housing and video resolution of up to 2592x1944. the camera supports h.264/mpeg-4/mjpeg video co...
Description 5-Megapixel (2592 x 1944) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation

File Size 414.97K  /  6 Page

View it Online

Download Datasheet

    FCS-5061

Level One
Part No. FCS-5061
OCR Text night poe-plus outdoor network camera - ir leds the levelone fcs-5061 is a day/night 5-megapixel poe-plus outdoor camera is designed for flexible surveillance installation under the most demanding weather conditions. this camera is installa...
Description 5-Megapixel (2592 x 1944) high-definition resolution Weatherproof IP66-rated with wide operating temperature (-40°C to 50°C) for harsh environments

File Size 335.81K  /  6 Page

View it Online

Download Datasheet

    HT7610

HOLTEK[Holtek Semiconductor Inc]
Part No. HT7610
OCR Text ...CDS voltage divider for daytime/night auto-detection. Low input to this pin can disable the PIR input. CDS a schmitt trigger input with 5-second input debounce time. Operating mode selection input: VDD: Output is always ON VSS: Output is al...
Description General Purpose PIR Controller

File Size 683.75K  /  12 Page

View it Online

Download Datasheet

    holtek
Part No. HT7611B HT7611A
OCR Text ...CDS voltage divider for daytime/night auto-detection. Low input to this pin can disable the PIR input. CDS a Schmitt Trigger input with 5-second input debounce time. Operating mode selection input: VDD: Output is always ON VSS: Output is al...
Description General Purpose PIR Controller

File Size 181.41K  /  11 Page

View it Online

Download Datasheet

    FCS-5052

Level One
Part No. FCS-5052
OCR Text night poe outdoor network camera - ir leds the levelone fcs-5052 is a 3-megapixel bullet network camera designed with ip66 weatherproof outdoor housing and video resolution of up to 2032x1536 the camera supports h.264/mpeg-4/mjpeg video com...
Description 3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation

File Size 428.67K  /  6 Page

View it Online

Download Datasheet

    FCS-5051

Level One
Part No. FCS-5051
OCR Text night poe outdoor network camera - ir leds the levelone fcs-5051 is the perfect solution for day/night surveillance projects such as school campuses, railways stations, and parking lot. it features a 2-megapixel bullet network camera with i...
Description 2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m

File Size 429.15K  /  6 Page

View it Online

Download Datasheet

    WT8076 WT8076N16P WT8076N18P WT8076S16P WT8076S16P1 WT8076N18P2 WT8076N16P1

Weltrend Semiconductor
ETC[ETC]
List of Unclassifed Manufacturers
Part No. WT8076 WT8076N16P WT8076N18P WT8076S16P WT8076S16P1 WT8076N18P2 WT8076N16P1
OCR Text ... provided to sense day time and night time. A walk-test fuction helps user while setting up the light set. The line remote control function can switch the light set between auto mode and always-on mode. FEATURES * Adjustable detection r...
Description Passive Infrared (PIR) Controller
high-performancePIRcontrollers

File Size 46.81K  /  8 Page

View it Online

Download Datasheet

For night Found Datasheets File :: 343    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of night

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.7086038589478