|
|
|
Analog Devices, Inc. ANALOG DEVICES INC
|
Part No. |
AD5601BKSZ-500RL7 AD5611AKSZ-500RL7 AD5611BKSZ-500RL7 AD5621AKSZ-500RL7
|
OCR Text |
nano dac, spi interface in sc70 package ad5601/ad5611/ad5621 rev. e information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any i... |
Description |
2.7 V to 5.5 V, <100 µA, 8-Bit nanoDAC®, SPI Interface in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO6 2.7 V to 5.5 V, <100 µA, 10-Bit nanoDAC®, SPI Interface in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO6 2.7 V to 5.5 V, <100 µA, 10-Bit nanoDAC®, SPI Interface in SC70 Package; Package: SC-70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO6 2.7 V to 5.5 V, <100 µA, 12-Bit nanoDAC®, SPI Interface in SC70 Package SERIAL INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, PDSO6
|
File Size |
468.65K /
20 Page |
View
it Online |
Download Datasheet |
|
|
|
Analog Devices, Inc.
|
Part No. |
AD5641BKSZ-500RL7
|
OCR Text |
nano dac, spi interface in sc70 package ad5641 rev. c information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements ... |
Description |
2.7 V to 5.5 V, <100 µA, 14-Bit nanoDAC, SPI Interface in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 14-BIT DAC, PDSO6
|
File Size |
460.83K /
20 Page |
View
it Online |
Download Datasheet |
|
|
|
Vicor, Corp.
|
Part No. |
C49ANE00PY050MY
|
OCR Text |
nano dc right angle 3 pin c49 bne 00*y 050m c49 bnf 00*y 050m c49 bng 00*y 050m 60 v ac / 75 v dc 10 - 30 v dc 4 amps 24 awg yellow pvc or pur nickel plated brass 4.3 mm / 4.6 mm ip68 / nema 6p pvc -4 to 221f / pur -4 to 176 f ye s nano dc ... |
Description |
DC POWER PLUG OR JACK
|
File Size |
76.52K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Analog Devices, Inc. ANALOG DEVICES INC
|
Part No. |
AD5660ARJZ-1500RL7 AD5660ARJZ-2500RL7 AD5660ARJZ-2REEL7 AD5660ARJZ-1REEL7 AD5660ARJZ-3500RL7 AD5660ARJZ-3REEL7 AD5640CRM-1REEL7 AD5640CRM-2 AD5640CRMZ-2 AD5640CRMZ-1 AD5640CRM-2REEL7 AD5640CRMZ-2REEL7 AD5640CRMZ-1REEL7 AD5620CRM-2REEL7 AD5660CRM-2REEL7 AD5620ARJ-2500RL7 AD5640ARJ-2REEL7 AD5660ARJ-3500RL7 AD5620ARJ-1500RL7 AD5660ARJ-2REEL7 AD5660ARJ-1REEL7 AD5640ARJ-2500RL7 AD5660ARJ-2500RL7 AD5660ARJ-3REEL7 AD5620ARJ-1REEL7 AD5660ARJ-1500RL7 AD5620CRM-1 AD5660CRM-1 AD5660CRMZ-3 AD5660CRM-1REEL7 AD5660CRM-3 AD5660CRM-3REEL7 AD5660CRMZ-1 AD5660CRMZ-1REEL7 AD5660CRMZ-2 AD5660CRMZ-2REEL7 AD5660CRMZ-3REEL7 AD5620ARJZ-2500RL7 AD5620BRJ-2500RL7 AD5620CRM-1REEL7 AD5620CRM-3 AD5620ARJZ-1500RL7 AD5660BRJ-2500RL7 AD5640BRJ-2500RL7 AD5620BRJZ-1500RL7 AD5620BRJZ-2500RL7 AD5620BRJZ-2REEL7 AD5620BRJ-1REEL7 AD5620BRJ-1500RL7 AD5620BRJ-2REEL7 EVAL-AD5660DKZ AD5660BRJ-2REEL7 AD5640BRJ-2REEL7 AD5660BRJZ-3REEL7 AD5660BRJ-1REEL7 AD5640BRJ-1REEL7 AD5660BRJ-1500RL7 AD5640BRJ-1500RL7 AD5620CRMZ-2REEL7 AD5620CRM-3REEL7 AD5620CRMZ-1REEL7 AD5620CRMZ-3 AD5620ARMZ-2 AD5620ARMZ-2REEL7 AD5620ARJZ-2REEL7
|
OCR Text |
nano dac with 5 ppm/c on-chip reference in sot-23 ad5620/ad5640/ad5660 rev. f information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor... |
Description |
SERIAL INPUT LOADING, 8 us SETTLING TIME, 16-BIT DAC, PDSO8 ROHS COMPLIANT, MO-178BA, SOT-23, 8 PIN Single, 12-/14-/16-Bit nanoDAC with 5 ppm/°C On-Chip Reference in SOT-23 Single, 12-/14-/16-Bit nanoDAC with 5 ppm/°C On-Chip Reference in SOT-23
|
File Size |
562.28K /
28 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|