Part Number Hot Search : 
KP120 STPS130U 16080 M66010GP FCE20 LC4064 T2D10 SMS05T1
Product Description
Full Text Search
  must Datasheet PDF File

For must Found Datasheets File :: 153699    Search Time::2.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    EHP-5393-UT31C-P01 EHP-5393_UT31C-P01 EHP-5393/UT31C-P01

Everlight Electronics Co., Ltd.
Part No. EHP-5393-UT31C-P01 EHP-5393_UT31C-P01 EHP-5393/UT31C-P01
OCR Text ... LEDs onto a PCB, the PCB holes must be aligned exactly with the lead position of the LED. If the LEDs are mounted with stress at the leads, it causes deterioration of the epoxy resin and this will degrade the LEDs. 2. Storage The LEDs shou...
Description T-4 SINGLE COLOR LED, WHITE, 10 mm ROHS COMPLIANT PACKAGE-2
Specially designed for applications

File Size 198.15K  /  12 Page

View it Online

Download Datasheet





    2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. 2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6X M27C64A-20C1TR M27C64A-20C1X M27C64A-20C6TR M27C64A-20C6X M27C64A-25C1TR M27C64A-25F6X M27C64A-25F6TR M27C64A-15C6X M27C64A-15F1X M27C64A-15F6X M27C64A-15C1TR M27C64A-15F6TR M27C64A-15C6TR M27C64A-15F1TR M27C64A-20F1TR M27C64A-25F1X M27C64A-25F1TR M27C64A-25C1X M27C64A-25C6TR M27C64A-25C6X M27C64A-15C1X
OCR Text ...ontrol functions, both of which must be logically active in order to obtain data at the outputs. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should 2/11 M27...
Description 64K (8K x 8) UV EPROM and OTP ROM 64K的(8K的8)紫外线EPROM和检察官办公室光

File Size 97.89K  /  11 Page

View it Online

Download Datasheet

    27C4001 M27C4001 M27C4001-10B1 M27C4001-10B1TR M27C4001-10B1X M27C4001-10B6TR M27C4001-10B6X M27C4001-10C1TR M27C4001-10

ST Microelectronics
STMicroelectronics
Part No. 27C4001 M27C4001 M27C4001-10B1 M27C4001-10B1TR M27C4001-10B1X M27C4001-10B6TR M27C4001-10B6X M27C4001-10C1TR M27C4001-10C1X M27C4001-10C6TR M27C4001-10C6X M27C4001-10F1TR M27C4001-10F1X M27C4001-10F6TR M27C4001-10F6X M27C4001-10L1TR M27C4001-10L1X M27C4001-10L6TR M27C4001-10L6X M27C4001-10N1TR M27C4001-10N1X M27C4001-10N6TR M27C4001-10N6X M27C4001-10XB1TR M27C4001-10XB1X M27C4001-10XB6TR M27C4001-10XB6X M27C4001-10XC1TR M27C4001-10XC1X M27C4001-10XC6TR M27C4001-10XC6X M27C4001-10XF1TR M27C4001-10XF1X M27C4001-10XF6TR M27C4001-10XF6X M27C4001-10XL1TR M27C4001-10XL1X M27C4001-10XL6TR M27C4001-10XL6X M27C4001-10XN1TR M27C4001-10XN1X M27C4001-10XN6TR M27C4001-10XN6X M27C4001-12B1TR M27C4001-12B1X M27C4001-12B6TR M27C4001-12B6X M27C4001-12C1TR M27C4001-12C1X M27C4001-12C6TR M27C4001-12C6X M27C4001-12F1TR M27C4001-12F1X M27C4001-12F6TR M27C4001-12F6X M27C4001-12L1TR M27C4001-12L1X M27C4001-12L6TR M27C4001-12L6X M27C4001-12N1TR M27C4001-12N1X M27C4001-12N6TR M27C4001-12N6X M27C4001-12XB1TR M27C4001-12XB1X M27C4001-12XB6TR M27C4001-12XB6X M27C4001-12XC1TR M27C4001-12XC1X M27C4001-12XC6TR M27C4001-12XC6X M27C4001-12XF1TR M27C4001-12XF1X M27C4001-12XF6TR M27C4001-12XF6X M27C4001-12XL1TR M27C
OCR Text ...ontrol functions, both of which must be logically active in order to obtain data at the outputs. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gat...
Description From old datasheet system
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM

File Size 110.77K  /  16 Page

View it Online

Download Datasheet

    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text ...miconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grade...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    FM25256B FM25256B-G

http://
Ramtron International Corporation
Part No. FM25256B FM25256B-G
OCR Text ...K signal. A falling edge on /CS must occur prior to every op-code. Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on the rising edge and outputs occur on the falling edge. Since the device is static, ...
Description 256Kb FRAM Serial 5V Memory

File Size 131.00K  /  13 Page

View it Online

Download Datasheet

    CYW134MOXC CYW134MOXCT CYW134SOXC CYW134SOXCT W134MH W134M05 W134MHT W134M W134SH W134S

Cypress Semiconductor
Part No. CYW134MOXC CYW134MOXCT CYW134SOXC CYW134SOXCT W134MH W134M05 W134MHT W134M W134SH W134S
OCR Text ...encies, so the Gear Ratio Logic must select the appropriate M and N dividers such that the frequencies of Pclk/M and Synclk/N are equal. In one interesting example, Pclk = 133 MHz, Synclk = 100 MHz, and M = 4 while N = 3, giving Pclk/M = Sy...
Description Direct Rambus?Clock Generator
Direct Rambus⑩ Clock Generator
Direct Rambus垄芒 Clock Generator
Direct Rambus Clock Generator

File Size 203.78K  /  12 Page

View it Online

Download Datasheet

    CY7C43664-10AC CY7C43664-15AC CY7C43664-7AC CY7C43684-10AC CY7C43684-15AC CY7C43684-15AI CY7C43644-10AC CY7C43644-15AC C

Cypress Semiconductor
Part No. CY7C43664-10AC CY7C43664-15AC CY7C43664-7AC CY7C43684-10AC CY7C43684-15AC CY7C43684-15AI CY7C43644-10AC CY7C43644-15AC CY7C43644-7AC CY7C43684-7AC
OCR Text ...selected, the level on this pin must be static throughout device operation. A HIGH on this pin enables either byte or word bus width on Port B, depending on the state of SIZE. A LOW selects long-word operation. BM works with SIZE and BE to ...
Description 1K/4K x36 x2 Bidirectional Synchronous FIFO with Bus Matching

File Size 641.70K  /  39 Page

View it Online

Download Datasheet

    DS2484

Maxim Integrated Products
Part No. DS2484
OCR Text ...pplied at the slpz pin. v ci2c must always be < v cc . the ds2484 measures v ci2c after t swup (wakeup from sleep mode) or after t oscwup (power-on reset). the device reset command does not cause the ds2484 to measure v ci2c . no...
Description Single-Channel 1-Wire Master

File Size 2,061.52K  /  29 Page

View it Online

Download Datasheet

    CY7C343B-25HC_HI CY7C343B CY7C343B-35HC_HI CY7C343B-25JC_JI CY7C343B-30JC_JI CY7C343B-35JC_JI CY7C343B04 CY7C343B-35JC/J

Cypress Semiconductor
Part No. CY7C343B-25HC_HI CY7C343B CY7C343B-35HC_HI CY7C343B-25JC_JI CY7C343B-30JC_JI CY7C343B-35JC_JI CY7C343B04 CY7C343B-35JC/JI CY7C343B-25HC/HI CY7C343B-25JC/JI CY7C343B-30JC/JI CY7C343B-35HC/HI CY7C343B-35JI CY7C343B-25JC CY7C343B-35JC
OCR Text ...peration, input and output pins must be constrained to the range GND < (VIN or VOUT) < VCC. Unused inputs must always be tied to an appropriate logic level (either VCC or GND). Each set of VCC and GND pins must be connected together directl...
Description 64-Macrocell MAX® EPLD
64-Macrocell MAX庐 EPLD
64-Macrocell MAX㈢ EPLD
64-Macrocell MAX? EPLD

File Size 172.68K  /  11 Page

View it Online

Download Datasheet

For must Found Datasheets File :: 153699    Search Time::2.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of must

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1686639785767