Part Number Hot Search : 
MC74VHC1 KB826AB 1620B DMA2275 BPJR04 ER3MB MAX5913 HC257
Product Description
Full Text Search
  multi-beam Datasheet PDF File

For multi-beam Found Datasheets File :: 434    Search Time::1.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN

Infineon Technologies AG
Part No. SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN
OCR Text ...solution * DFB-Laser Diode with Multi-Quantum Well structure * Class 3B Laser Product * Suitable for bit rates up to 1.25 Gbit/s * Ternary P...beam path. A lens in the TO laser concentrates the light and enables it to be launched into the sing...
Description High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving 高功率比迪光学标准模550纳米发光,纳米接310
Beacon Light
Components and FTTx solutions - Tx 1550nm (1490nm available) / Rx 1310nm, 155 MBit/s TIA
High Power BIDI Optical Standard Module 1550 nm Emitting/ 1310 nm Receiving

File Size 277.22K  /  13 Page

View it Online

Download Datasheet





    VPC3230D VPC3215C VPC3200A VPC3201A VPC3205C VPC3211A VPC3240D VPC3231D VPC324XD VPC3210A VPC3232D VPC3233D VPC323XD VPC

MICRONAS[Micronas]
ETC[ETC]
Part No. VPC3230D VPC3215C VPC3200A VPC3201A VPC3205C VPC3211A VPC3240D VPC3231D VPC324XD VPC3210A VPC3232D VPC3233D VPC323XD VPC3241D VPC3242D VPC3243D
OCR Text ...h adjustable vertical peaking - multi-standard color decoder PAL/NTSC/SECAM including all substandards - four CVBS, one S-VHS input, one CVB...beam current limiter). It generates a beam scan velocity modulation output from the digital YCrCb an...
Description Comb Filter Video Processor

File Size 810.57K  /  78 Page

View it Online

Download Datasheet

    TDA8841 TDA8841H TDA8841-N2 TDA8844 TDA8844-N2 TDA8854H TDA8857H TDA8843 TDA8843-N2 TDA8840 TDA8840-N2 TDA8840H TDA8842

Philips Semiconductors
Part No. TDA8841 TDA8841H TDA8841-N2 TDA8844 TDA8844-N2 TDA8854H TDA8857H TDA8843 TDA8843-N2 TDA8840 TDA8840-N2 TDA8840H TDA8842 TDA8842-N2 TDA8842H TDA8846 TDA8846-N2 TDA8846A TDA8847 TDA8847-N2 TDA884X
OCR Text ...es are available in all IC's: * Multi-standard vision IF circuit with an alignment-free PLL demodulator without external components * Alignm...BEAM CURR 18 BLACK CURR 23 R1 BLACK STRETCH 24 G1 25 B1 RGB MATRIX 26 BL1 RGB-1 INPUT SAT 56 V...
Description I2C-bus controlled PAL/NTSC/SECAM TV processors

File Size 314.00K  /  68 Page

View it Online

Download Datasheet

    BA9755 BA9755S

Rohm CO.,LTD.
ROHM[Rohm]
Part No. BA9755 BA9755S
OCR Text Multimedia ICs High voltage controller for CRT displays BA9755S The BA9755S is an LSI chip with a chopper voltage controller designed t...beam protectors reference voltage. This stops the protectors until the system stabilizes. The latch ...
Description High voltage controller for CRT displays

File Size 132.95K  /  10 Page

View it Online

Download Datasheet

    TDA9330 TDA9330H TDA9331H TDA9332 TDA9332H

Philips Semiconductors
Part No. TDA9330 TDA9330H TDA9331H TDA9332 TDA9332H
OCR Text ...he TDA9331H and TDA9332H have a multi-sync function for the horizontal PLL, with a frequency range from 30 to 50 kHz (2fH mode) or 15 to 25 ...BEAM CURRENT LIMITER CONTINUOUS CATHODE CALIBRATION 44 BLKIN 43 25 10 H/V DIVIDER 11 BCL...
Description I2C-bus controlled TV display processors

File Size 227.97K  /  56 Page

View it Online

Download Datasheet

    S4580-04 S4580-06 S7848 S7848-01 S3271-05 S3273-05 S1880 S3932 S3274-05 S7105-04 S7105-05 S7105-06 S1300 S3979 PSD6407 S

ETC[ETC]
Part No. S4580-04 S4580-06 S7848 S7848-01 S3271-05 S3273-05 S1880 S3932 S3274-05 S7105-04 S7105-05 S7105-06 S1300 S3979 PSD6407 S1200 S1352 S1881 S2044 S3270 S3272-05 S3931 S5629 S5629-01 S5629-02 S5990-01 S5991-01 S6407 S6515 S7879 S8361
OCR Text ...all discrete detector arrays or multi-element sensors such as CCD sensors. In contrast to these sensors, PSDs (Position Sensitive Detectors)...beam, etc.) detection type, and a long, narrow type with an active area exceeding 30 mm. 11 14...
Description POSITION SENSITIVE DETECTOR

File Size 1,217.36K  /  16 Page

View it Online

Download Datasheet

    CXA2060BS

SONY[Sony Corporation]
Part No. CXA2060BS
OCR Text ...s IC can be used in configuring multi-color system TV set. 48 pin SDIP (Plastic) Features * Supports the I2C bus * 1H delay line and SECA...beam current input (cathode current IK). This current is converted into voltage within the IC. In or...
Description Y/C/RGB/D for PAL/NTSC/SECAM Color TVs

File Size 498.36K  /  54 Page

View it Online

Download Datasheet

    RLT1060M-350G

Electronic Theatre Controls, Inc.
ETC[ETC]
N.A.
List of Unclassifed Manufacturers
Part No. RLT1060M-350G
OCR Text ...r Diode Lasing mode structure: multi mode Lasing wavelength: typ. 1060 nm Optical power: 350 mW Package: 9 mm (SOT-148) PIN CONNECTION: 1)...Beam Divergence // Po = 350 mW Beam Divergence Monitor Current Im Po = 350 mW 100 TYP 350 25 380...
Description High Power Infrared Laser Diode

File Size 49.00K  /  1 Page

View it Online

Download Datasheet

    Infineon
Part No. SBL51214X SBL51214
OCR Text ...optical window Laser diode with Multi-Quantum Well structure Suitable for bit rates up to 1 Gbit/s Ternary Photodiode at rear mirror for monitoring and control of radiant power * Low noise/high bandwidth PIN diode * Hermetically sealed subc...
Description BIDI TM Transceiver Optical Module 1300/1300 nm,Low Power
From old datasheet system

File Size 138.66K  /  7 Page

View it Online

Download Datasheet

    SPA-2118

List of Unclassifed Manufacturers
ETC[ETC]
SIRENZA[SIRENZA MICRODEVICES]
Part No. SPA-2118
OCR Text ...ty makes it an ideal choice for multi-carrier and digital applications. SPA-2118 850 MHz 1 Watt Power Amplifier with Active Bias Product Features * High Linearity Performance: +20.7 dBm IS-95 CDMA Channel Power at -55 dBc ACP +47 dB...
Description 850 MHz 1 Watt Power Amplifier with Active Bias

File Size 211.25K  /  6 Page

View it Online

Download Datasheet

For multi-beam Found Datasheets File :: 434    Search Time::1.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of multi-beam

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48962807655334