Part Number Hot Search : 
CYG2110 TLHR52 AN5026K PS101RS SA103 498646 AN17823 00059
Product Description
Full Text Search
  mos-type Datasheet PDF File

For mos-type Found Datasheets File :: 10515    Search Time::1.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MOS MOF MOS3W MOS3WT200100K MOS3WT350100K MOF2W MOS10W MOS10WT200100K MOS10WT350100K MOF1_2W MOF1W MOS1_2WT200100K MOS1W

Willow Technologies Ltd
Willow Technologies Limited
Willow Technologies, Ltd.
Part No. MOS MOF MOS3W MOS3WT200100K MOS3WT350100K MOF2W MOS10W MOS10WT200100K MOS10WT350100K MOF1_2W MOF1W MOS1_2WT200100K MOS1WT200100K MOS2WT200100K MOS4WT200100K MOS5WT200100K MOS6WT200100K MOS7WT200100K MOS1_2WT350100K MOF4W MOS4WT350100K MOF3W MOS7W MOS7WT350100K MOF7W MOS1WT350100K MOS2WT350100K MOS5WT350100K MOS6WT350100K MOF5W MOS5W MOF1/2W MOS1/2WT350100K MOS1/2WT200100K MOS1W MOS2W MOS6W WILLOWTECHNOLOGIESLIMITED-MOF3W
OCR Text MOS SERIES METAL OXIDE FILM RESISTORS 1/2 WATT THRU 10 WATT EXCELLENT STABILITY SOLVENT RESISTANT COATINGS LOW NOISE SMALL SIZE FLAME RETA...TYPE MOF 1/2 W 1W 2W 3W 4W 5W 7W MOS 1W 2W 3W 5W 6W 7W 10 W L DIMENSION (mm) D d H(MIN) 91 ...
Description METAL OXIDE FILM RESISTORS 金属氧化膜电

File Size 83.18K  /  2 Page

View it Online

Download Datasheet





    S838010 S8381

Hamamatsu Corporation
Part No. S838010 S8381
OCR Text ... st 1 2 Digital shift register (MOS shift register) End of scan s Active area structure Active photodiode Active video Vss Satur...type silicon P type silicon S8380 series: a=50 m, b=45 m S8381 series: a=25 m, b=20 m KMPDA012...
Description NMOS linear image sensors with high IR sensitivity

File Size 145.37K  /  4 Page

View it Online

Download Datasheet

    OKI SEMICONDUCTOR CO., LTD.
Part No. OCM2X2_2X3 OCM212
OCR Text MOS RELAYS This version: Jan. 1998 Previous version: May. 1997 OCM2M2, 2M3 Series M M electronic components OCM2M2, 2M3 SERIES M M Low ON-resistance Type Optical MOS Relay For AC/DC Load GENERAL DESCRIPTION The OCM2M2 and OCM2M3...
Description Low ON-resistance Type Optical MOS Relay For AC/DC Load(适用于交直流负载的低导通电阻型光学MOS继电
From old datasheet system

File Size 69.36K  /  7 Page

View it Online

Download Datasheet

    LC66356B LC662312A LC662316A LC66P2516 LC66516B LC66566A LC66508B LC662106A LC662108A LC66406A LC66408A LC66356A LC66251

Sanyo Electric Co., Ltd.
Eutech Microelectronics, Inc.
SANYO[Sanyo Semicon Device]
http://
Part No. LC66356B LC662312A LC662316A LC66P2516 LC66516B LC66566A LC66508B LC662106A LC662108A LC66406A LC66408A LC66356A LC662512A LC662516A LC665316A LC665312A LC662306A LC662308A LC66306A LC665306A LC66E2516 LC66358A LC66358B LC66P5316 LC662104A LC662304A LC662508A LC66304A LC66308A LC66354A LC66354B LC66354C LC66354S LC66356C LC66356S LC66358C LC66358S LC66404A LC66506B LC66512B LC665304A LC665308A LC66556A LC66556B LC66558A LC66558B LC66562A LC66562B LC66566B LC66E2108 LC66E2316 LC66E308 LC66E408 LC66E516 LC66E5316 LC66P2108 LC66P2316 LC66P308 LC66P408 LC66P516 LC662104A/662106A/662108A LC662104AMFP30 LC662108AMFP30 LC662106AMFP30 LC662106ADIP30 LC662104ADIP30 LC662108ADIP30 LC662104AS
OCR Text ...n bit units.) * Pch: Pull-up MOS type * Nch: Intermediate sink current type * Pull-up MOS or Nch OD output * Output level on reset High or low (option) P10 P11 P12 P13 I/O I/O ports P10 to P13 Input or output in 4-bit or 1...
Description Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM
Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM
4-Bit Microcontroller
Microcontroller 微控制器
Four-Bit Single-Chip Microcontrollers with 4/6/and 8
Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM
Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers

File Size 103.04K  /  13 Page

View it Online

Download Datasheet

    JRC
Part No. NJU7044
OCR Text mos operational amplifier general description the nju7044 is a quad c-mos operational amplifier permitting a full-swing input and ...type: iototal=|ioport1|+|ioport2|+|ioport3|+|ioport4| (note 5) do not exceed "power dissipation: p ...
Description Single Supply / DIP14 / DMP14 / EMP14 / SSOP14

File Size 409.54K  /  10 Page

View it Online

Download Datasheet

    PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4

NEC[NEC]
NEC Corp.
NEC, Corp.
Part No. PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4
OCR Text ...NSFER TYPE 2-ch Optical Coupled MOS FET DESCRIPTION The PS7142-1C and PS7142L-1C are transfer type solid state relays containing normally open (N.O.) contact and normally close (N.C.) contact on output side. They are suitable for analog...
Description DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
8-PIN DIP 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
Optical Coupled MOS FET Photocoupler(MOS 场效应管输出光光隔离器)
8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET 8引脚DIP00伏电压分解,转移2型通道光学耦合场效应晶体管

File Size 73.77K  /  12 Page

View it Online

Download Datasheet

For mos-type Found Datasheets File :: 10515    Search Time::1.11ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mos-type

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.82442116737366