Part Number Hot Search : 
M3100 LBT84705 HD74LV RT9178 B1212 Z100D5 SBU10G 0202358
Product Description
Full Text Search
  MMBZ5230BLT3 Datasheet PDF File

For MMBZ5230BLT3 Found Datasheets File :: 2+       Page :: | <1> |   

    MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MMBZ5221BLT3 MMBZ5254BLT1 MMBZ5260BL MMBZ5261BL MMBZ5261BLT3 MMBZ5262BL

ON Semiconductor
Part No. MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MMBZ5221BLT3 MMBZ5254BLT1 MMBZ5260BL MMBZ5261BL MMBZ5261BLT3 MMBZ5262BL MMBZ5265BL MMBZ5260BLT1 MMBZ5261BLT1 MMBZ5264BL MMBZ5235BLT3 MMBZ5235BLT1 MMBZ5253BLT1 MMBZ5239BL MMBZ5239BLT3 MMBZ5256BL MMBZ5246BL MMBZ5226BLT3 MMBZ5258BL MMBZ5250BL
Description Small Signal 4.7V 5%
Zener 2.8V
2.4V Zener
Small Signal 27V 5%
Zener 43V 5%
Zener 47V 5%
51V Zener
Zener 62V 5%
60V Zener
Small Signal 6.8V 5%
Small Signal 25V 5%
Small Signal 9.1V 5%
Zener Voltage Regulator 30V 5%
Small Signal 16V 5%
Small Signal Zener 36V 5%
Small Signal 20V 5%

File Size 73.66K  /  6 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    MMBZ5232BLT1G MMBZ5242BLT1G MMBZ5253BLT1 MMBZ5253BLT1G MMBZ5253BLT3 MMBZ5253BLT3G MMBZ5250BL MMBZ5236BLT1G MMBZ5254BLT1

ONSEMI[ON Semiconductor]
Leshan Radio Company, Ltd.
Part No. MMBZ5232BLT1G MMBZ5242BLT1G MMBZ5253BLT1 MMBZ5253BLT1G MMBZ5253BLT3 MMBZ5253BLT3G MMBZ5250BL MMBZ5236BLT1G MMBZ5254BLT1 MMBZ5254BLT1G MMBZ5254BLT3 MMBZ5254BLT3G MMBZ5240BL MMBZ5240BLT1 MMBZ5240BLT1G MMBZ5240BLT3 MMBZ5240BLT3G MMBZ5221BLT3 MMBZ5221BLT1 MMBZ5221BLT1G MMBZ5221BLT3G MMBZ5268BLT1 MMBZ5268BLT1G MMBZ5268BLT3 MMBZ5268BLT3G MMBZ5270BLT3G MMBZ5221BL MMBZ5222BL MMBZ5222BLT1 MMBZ5222BLT1G MMBZ5222BLT3 MMBZ5222BLT3G MMBZ5223BL MMBZ5223BLT1 MMBZ5223BLT1G MMBZ5223BLT3 MMBZ5223BLT3G MMBZ5224BL MMBZ5224BLT1 MMBZ5224BLT1G MMBZ5224BLT3 MMBZ5224BLT3G MMBZ5225BL MMBZ5225BLT1 MMBZ5225BLT1G MMBZ5225BLT3 MMBZ5225BLT3G MMBZ5226BL MMBZ5226BLT1 MMBZ5226BLT1G MMBZ5226BLT3 MMBZ5226BLT3G MMBZ5227BL MMBZ5227BLT1 MMBZ5227BLT1G MMBZ5227BLT3 MMBZ5227BLT3G MMBZ5228BL MMBZ5228BLT1 MMBZ5228BLT1G MMBZ5228BLT3 MMBZ5228BLT3G MMBZ5229BL MMBZ5229BLT1 MMBZ5229BLT1G MMBZ5229BLT3 MMBZ5229BLT3G MMBZ5230BL MMBZ5230BLT1 MMBZ5230BLT1G MMBZ5230BLT3 MMBZ5230BLT3G MMBZ5231BL MMBZ5231BLT1 MMBZ5231BLT1G MMBZ5231BLT3 MMBZ5231BLT3G MMBZ5232BL MMBZ5232BLT1 MMBZ5232BLT3 MMBZ5232BLT3G MMBZ5233BL MMBZ5233BLT1 MMBZ5233BLT1G MMBZ5233BLT3 MMBZ5233BLT3G MMBZ5234BL MMBZ5234BLT1 MMBZ5234BLT1G MMBZ5234BLT3 MMBZ5234BLT3G MMBZ5235BL
Description 2.5V &#177;1.5&#37; Output Voltage 10uA-20mA Voltage Reference Diode; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
0.5A, Adjustable Output Voltage 1.23 to 37V, 52kHz Buck PWM Switiching Regulator; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47
2-36V Dual Comparator, Ta = -40 to 125°C - Pb-free; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50
3-36V Quad Comparator, Ta = -25 to 85°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500
3-36V Quad Comparator, Ta = -25 to 85°C Pb-Free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500
3-36V Quad Comparator, Ta = -25 to 85°C Pb-Free; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500
3-32V Quad Operational Amplifier, Ta= -25 to 85°C; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55
2-36V Dual Comparator, Ta= -40 to 125°C; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50
3-32V Quad Operational Amplifier, Ta= -25 to 85°C; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500
3A, Adjustable Output Voltage 1.23 to 37V, 52kHz Buck PWM Switching Regulator; Package: TO-220 5 LEAD OFFSET; No of Pins: 5; Container: Rail; Qty per Container: 50 9.1 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
1.2V -2% Output Voltage 10uA-20mA Voltage Reference Diode; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 33 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
Zener Voltage Regulators 7.5 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
Zener Voltage Regulators 15 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
Zener Voltage Regulators 75 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
Isolated Flyback Switching Regulator with 9V Output 9.1 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
Bi-directional ESD protection in SOD-923; Package: SOD-923, 0.40 Max Height; No of Pins: 2; Container: Tape and Reel; Qty per Container: 8000 3.9 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
500mA, Adjustable Output 1.2 to 37V, Voltage Regulator with &#177;4% tolerance, Ta = -40&#0176;C to 125&#0176;C; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 稳压
Zener Voltage Regulators 8.7 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
1.2V /-1% Output Voltage 10uA-20mA Voltage Reference Diode; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bag/Envelope; Qty per Container: 2000 10 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
2-36V Dual Comparator, Ta = 0 to 70&#0176;C - Pb-free; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 36 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
Zener Voltage Regulators 5.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
Zener Voltage Regulators 27 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
Zener Voltage Regulators 51 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
100mA, 5.0V or Adjustable Output 1.23 to 30V, , Low Power Low Dropout Voltage Regulator with Error Flag output ; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50
1.5A, Adjustable Output -1.2 to -37V, Negative Voltage Regulator with &#177;4% tolerance, Ta = -40&#0176;C to 125&#0176;C; Package: 3 LEAD D2PAK; No of Pins: 3; Container: Rail; Qty per Container: 50
1.2V /-1% Output Voltage 10uA-20mA Voltage Reference Diode; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bag/Envelope; Qty per Container: 2000

File Size 72.60K  /  6 Page

View it Online

Download Datasheet

For MMBZ5230BLT3 Found Datasheets File :: 2+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of MMBZ5230BLT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.71195793151855