Part Number Hot Search : 
MAX1986 IRKV1 3F9454B 709ZCPB LT18T BCM5238 MLL969B LSR2641
Product Description
Full Text Search
  mimo Datasheet PDF File

For mimo Found Datasheets File :: 109    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

    BCM4321 BCM4705 BCM5397 BCM2055

http://
Broadcom Corporation.
Part No. BCM4321 BCM4705 BCM5397 BCM2055
OCR Text ...d, and simultaneous dual-band * mimo configurations supported * * * * 2x2, 2.4 GHz 2x2, 2.4/5.0 GHz 3x3, 2.4 GHz 3x3, 2.4/5.0 GHz * Advanced Gigabit Ethernet MAC * Hardware TCP segmentation and Checksum offload * GMII, RGMII, and MII P...
Description Intensi-fi Gigabit Ethernet Draft-802.11n Processor

File Size 261.18K  /  2 Page

View it Online

Download Datasheet





    Atheros
Part No. AR9220
OCR Text ...ber 2009 ar9220 single-chip 2x2 mimo mac/bb/radio with pci interface for 802.11n 2.4 and 5 ghz wlans general description the atheros ar9220 is a highly integrated single-chip solution for 2.4 and 5 ghz 802.11n- ready wireless local ar...
Description Single-Chip 2x2 mimo MAC/BB/Radio

File Size 1,714.33K  /  138 Page

View it Online

Download Datasheet

    AD9361 AD-FMCOMMS2-EBZ

Analog Devices
Part No. AD9361 AD-FMCOMMS2-EBZ
OCR Text ...ieee 1588 synchronization, and mimo configurations. less write the first review rate this product specifications & features software tunable across wide frequency range (70 mhz to 6.0 ghz) with a channel bandwidth of <200 khz to 56 mhz. r...
Description AD-FMCOMMS2-EBZ

File Size 332.72K  /  2 Page

View it Online

Download Datasheet

    MA510CAG005

List of Unclassifed Manufacturers
Part No. MA510CAG005
OCR Text ...y duty screw mount antenna mimo dual band 2.4 / 5.0 ghz features : 2.4ghz/5.0 ghz suitable for ism bands/zigbee/wlan/bluetooth ieee.802.11 n / ieee.802.11ac high isolation b etween a ntenna elements ...
Description Heavy Duty Screw Mount Antenna mimo Dual Band 2.4/5.0GHz

File Size 1,242.34K  /  23 Page

View it Online

Download Datasheet

    MA710AABI001 MA710.A.ABI.001

List of Unclassifed Manufacturers
Taoglas antenna solutio...
Part No. MA710AABI001 MA710.A.ABI.001
OCR Text ...rmanent mount) 2 x 2g/3g/4g lte mimo cellular antenna 1 x gps/glonass antenna feature ? 2 x cellular 2g/3g/4g antennas (mimo) lte/hspa/gsm/gprs/cdma/umts 698~960mhz/1710~2170mhz/2300~2700mhz/2900-3500mhz ? 1 x gps/glonass 1575.42/1602mhz a...
Description Pantheon Antenna 3in1 MA.710 Screw-Mount
   IP67 Waterproof

File Size 3,280.70K  /  21 Page

View it Online

Download Datasheet

    RF5389PCBA-410 RF5389

RF Micro Devices
Part No. RF5389PCBA-410 RF5389
OCR Text ... 32 Features Single 1x2 11n mimo FEM Single Supply Voltage 3.0V to 3.6V Integrated 2.5GHz & 5GHZ PA's, Diplexers, Filters & Switches for TX & RX POUT =18dBm, 11g, OFDM@<4% EVM POUT =16dBm, 11a, OFDM 4% Typ EVM PA EN_a 1 TX_a 2 ...
Description 3.3V, DUAL-BAND FRONT-END MODULE

File Size 629.42K  /  14 Page

View it Online

Download Datasheet

    SKY65225-11

Skyworks Solutions Inc.
Part No. SKY65225-11
OCR Text mimo InteraTM Front-End Module Features G G G G Description The SKY65225-11 Intera nFEM combines two complete dual-band transmit/receive chains in one compact RF front end module optimized for 2 x 2 mimo (multiple in - multiple out) o...
Description WLAN 802.11n 2 x 2 mimo Intera?/a> Front-End Module
WLAN 802.11n 2 x 2 mimo Intera⑩ Front-End Module

File Size 419.41K  /  11 Page

View it Online

Download Datasheet

    SKY65227-11

Skyworks Solutions Inc.
Part No. SKY65227-11
OCR Text mimo InteraTM Front-End Module Features G G G G G G G G G Description The SKY65227-11 Intera nFEM contains two complete 2.4 GHz transmit/receive chains in one compact RF front-end module optimized for single band 2.4 GHz mimo (multipl...
Description WLAN 802.11n Single Band 2.4 GHz mimo Intera?/a> Front-End Module
WLAN 802.11n Single Band 2.4 GHz mimo Intera⑩ Front-End Module

File Size 279.89K  /  9 Page

View it Online

Download Datasheet

    SKY65228-11

Skyworks Solutions Inc.
Part No. SKY65228-11
OCR Text mimo InteraTM Front-End Module Features G G G G G G G G G G G G G Description The SKY65228-11 Intera nFEM contains two complete 4.9-5.85 GHz transmit/receive chains in one compact RF front-end module optimized for single band 4.9-5.85...
Description WLAN 802.11n Single Band 4.9-5.85 GHz mimo Intera Front-End Module

File Size 301.89K  /  9 Page

View it Online

Download Datasheet

    SKY65230-11

Skyworks Solutions Inc.
Part No. SKY65230-11
OCR Text mimo InteraTM Front-End Module with 3 Antenna Ports Features G G G G G Description The SKY65230-11 Intera nFEM combines two complete dual-band transmit/receive chains in one compact RF front end module optimized for 2 x 2 mimo (multip...
Description WLAN 802.11n 2 x 2 mimo Intera?/a> Front-End Module with 3 Antenna Ports
WLAN 802.11n 2 x 2 mimo Intera⑩ Front-End Module with 3 Antenna Ports

File Size 410.89K  /  13 Page

View it Online

Download Datasheet

For mimo Found Datasheets File :: 109    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mimo

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0996029376984