Part Number Hot Search : 
APW7101 2N656 ML4665 0603X IRFW820B AD850 BU2727DF 1N4108
Product Description
Full Text Search
  micropak Datasheet PDF File

For micropak Found Datasheets File :: 973    Search Time::1.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    门电
FAIRCHILD[Fairchild Semiconductor]
Part No. NC7SV34P5X NC7SV34 NC7SV34L6X
OCR Text ...duction circuitry s Ultra small micropak leadfree package s Ultra low dynamic power Ordering Code: Order Number NC7SV34P5X NC7SV34L6X Package Number MAA05A MAC06A Product Code Top Mark V34 G7 Package Description 5-Lead SC70, EIAJ SC-88a...
Description LED 3MM QUAD 5V GREEN PC MNT
TinyLogic ULP-A Single Buffer

File Size 307.33K  /  9 Page

View it Online

Download Datasheet





    7SV125

Fairchild Semiconductor
Part No. 7SV125
OCR Text ...uction circuitry ultra small micropak ? leadfree package ultra low dynamic power ordering code: battery life vs. v cc supply voltage tinylogic ulp and ulp-a with up to 50% less power consumption can extend your battery life signif...
Description Search --To NC7SV125

File Size 330.86K  /  9 Page

View it Online

Download Datasheet

    FAH4840

Fairchild Semiconductor
Part No. FAH4840
OCR Text ...ified ? package: 8 - lead micropak ? mlp all trademarks are the property of their respective owners. description the fah4840 is a high - performance amplifier for mobile phones and other hand - held devices. t...
Description Haptic Driver

File Size 1,322.50K  /  21 Page

View it Online

Download Datasheet

    FAH4840-269128 FAH4840L8X

List of Unclassifed Manufacturers
Part No. FAH4840-269128 FAH4840L8X
OCR Text ...ified ? package: 8 - lead micropak ? mlp all trademarks are the property of their respective owners. description the fah4840 is a high - performance amplifier for mobile phones and other hand - held devices. t...
Description FAH4840 Haptic Driver for Linear Resonant Actuators (LRAs)

File Size 1,291.16K  /  21 Page

View it Online

Download Datasheet

    Fairchild Semiconductor, Corp.
Part No. FSA2257MUX
OCR Text ...5v supply space-saving pb-free micropak? packaging broad v cc operating range: 1.65v to 5.5v fast turn-on / turn-off time break-before-make enable circuitry over-voltage tolerant ttl-compatible control input applications cell phone ...
Description Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO10

File Size 666.32K  /  13 Page

View it Online

Download Datasheet

    FXMA2102 FXMA2102L8X FXMA2102UMX

Fairchild Semiconductor
Part No. FXMA2102 FXMA2102L8X FXMA2102UMX
OCR Text ...packaged in 8-terminal leadless micropak? (1.6 mm x 1.6 mm) and ultrathin mlp (1.2 mm x 1.4 mm) ? esd protection exceeds: - 8 kv hbm esd (per jesd22-a114) - 2 kv cdm (per jesd22-c101) description the fxma2102 is a high-perfo...
Description Dual Supply, 2-Bit Voltage Translator / Buffer / Repeater / Isolator for I2C Applications

File Size 1,412.74K  /  16 Page

View it Online

Download Datasheet

    NC7SZ19L6 NC7SZ19L6X NC7SZ19P6X NC7SZ19

FAIRCHILD[Fairchild Semiconductor]
Part No. NC7SZ19L6 NC7SZ19L6X NC7SZ19P6X NC7SZ19
OCR Text ...ace mount package s Ultra small micropak leadless package s Ultra High Speed: tPD 2.7 ns Typ into 50 pF at 5V VCC s Broad VCC Operating Range; 1.65V to 5.5V s Power down high impedance inputs/outputs s Overvoltage tolerant inputs facilitate...
Description TinyLogic UHS 1-of-2 Decoder/Demultiplexer
TinyLogic UHS 1-of-2 Decoder/Demultiplexer

File Size 223.63K  /  7 Page

View it Online

Download Datasheet

    NC7SZ32 NC7SZ32L6X NC7SZ32M5 NC7SZ32M5X NC7SZ32P5X

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
Part No. NC7SZ32 NC7SZ32L6X NC7SZ32M5 NC7SZ32M5X NC7SZ32P5X
OCR Text ...70 5-lead package s Ultra small micropak leadless package s Ultra high speed tPD 2.4 ns Typ into 50 pF at 5V VCC s High output drive 24 mA at 3V VCC s Broad VCC operating range 1.65V-5.5V s Matches the performance of LCX when operated at 3....
Description TinyLogic&#63722; UHS 2-Input OR Gate LVC/LCX/Z SERIES, 2-INPUT OR GATE, PDSO6
TinyLogic???? UHS 2-Input OR Gate
TinyLogic UHS 2-Input OR Gate
TinyLogic UHS 2-Input OR Gate

File Size 104.22K  /  9 Page

View it Online

Download Datasheet

    NC7SZ332 NC7SZ332L6X NC7SZ332P6X

FAIRCHILD[Fairchild Semiconductor]
Part No. NC7SZ332 NC7SZ332L6X NC7SZ332P6X
OCR Text ...70 6-lead package s Ultra small micropak leadless package s Ultra high speed tPD 2.4 ns Typ into 50 pF at 5V VCC s High output drive 24 mA at 3V VCC s Broad VCC operating range 1.65V to 5.5V s Power down high impedance inputs/output s Overv...
Description TinyLogic UHS 3-Input OR Gate
TinyLogic UHS 3-Input OR Gate

File Size 111.58K  /  7 Page

View it Online

Download Datasheet

    NC7SZ373 NC7SZ373L6X NC7SZ373P6X

Fairchild Semiconductor, Corp.
FAIRCHILD[Fairchild Semiconductor]
Part No. NC7SZ373 NC7SZ373L6X NC7SZ373P6X
OCR Text ...70 6-lead package s Ultra small micropak leadless package s Ultra High Speed; tPD 2.6 ns Typ into 50 pF at 5V VCC s High Output Drive; 24 mA at 3V VCC s Broad VCC Operating Range; 1.65V to 5.5V s Matches the performance of LCX when operated...
Description 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor LVC/LCX/Z SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO6
TinyLogic UHS D-Type Latch with 3-STATE Output
TinyLogic UHS D-Type Latch with 3-STATE Output

File Size 102.37K  /  9 Page

View it Online

Download Datasheet

For micropak Found Datasheets File :: 973    Search Time::1.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of micropak

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.95166492462158