Part Number Hot Search : 
SL1461 NTD42 P6KE22 PAL16L8 2SK12 P8051 2MK35 SPL11A
Product Description
Full Text Search
  mezzanine Datasheet PDF File

For mezzanine Found Datasheets File :: 452    Search Time::1.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Infineon
Part No. V23833-G6104-A001 XPAK/10G1310NMSCMEZ
OCR Text ...v23833-g2104-a001 fibre channel mezzanine sc 1 v23833-g6104-a001 ethernet mezzanine sc 1 file: 2104 features standards ? compatible with ieee 802.3ae?-2002  compatible with fibre channel 10gfc draft 3.5  compatible with xpak msa rev. 2.3 ...
Description Transceivers by Form-factor MSA - XPAK 1310 nm GBE
Transceivers by Form-factor MSA - XPAK 1310 nm FC

File Size 504.24K  /  22 Page

View it Online

Download Datasheet





    AVX CORP
Part No. 245015064000863 145015064000863
OCR Text ...ts the ieee p-1386 standard for mezzanine card installation in industrial computer applications including vme, futurebus, and other host boards. at 1.0mm pitch, the 64-position con- nector can be used with standard pci and s-bus mezzanine c...
Description 64 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE
64 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG

File Size 141.66K  /  3 Page

View it Online

Download Datasheet

    2102060-1 2102060-2 2102060-3 2102060-4 2102061-1 2102061-2 2102061-3 2102061-4 2102061-5 2102061-6 2102061-7 2102061-8

Tyco Electronics
Part No. 2102060-1 2102060-2 2102060-3 2102060-4 2102061-1 2102061-2 2102061-3 2102061-4 2102061-5 2102061-6 2102061-7 2102061-8 2102061-9 2102079-1 2102079-2 2102079-3 2102079-4 2102080-1 2102080-2 2102080-3 2102080-4 2102080-5 1-2102061-1 1-2102061-2 1-2102061-0
OCR Text ...escription rugged surface mount mezzanine connector incorporating super-redundant mini-box contact system for separable interface. designed for 10mm and 12mm stack heights in both 60 and 114 positions. applications stacking or mezzanine a...
Description High Reliability mezzanine Connector

File Size 1,849.32K  /  4 Page

View it Online

Download Datasheet

    ISLA214P13 ISLA214P20 ISLA214P25 ISLA212P13 ISLA212P20 ISLA212P25 ISLA214P50 ISLA216P13

Intersil Corporation
Part No. ISLA214P13 ISLA214P20 ISLA214P25 ISLA212P13 ISLA212P20 ISLA212P25 ISLA214P50 ISLA216P13
OCR Text ...s to the motherboard through a mezzanine connector. the motherboard contains a usb interface, an fpga and sram. the motherboard serves as the interface between the host pc and the adc daughtercard. most of the adc functionality is contr...
Description Ultra High Performance Broadband 12 to 16-Bit Data Acquisition Platform

File Size 1,394.01K  /  25 Page

View it Online

Download Datasheet

    MIC-5333N-P02 MIC-5333N-P01 MIC-5333M-P01 MIC-5333M-P02

Advantech Co., Ltd.
Part No. MIC-5333N-P02 MIC-5333N-P01 MIC-5333M-P01 MIC-5333M-P02
OCR Text ...ations supported via two fabric mezzanine sites (type i) ? two 10/100/1000base-t front panel ports ? one fabric mezzanine module (type ii) for optional front io or additional acceleration ? fully managed, hot swappable rtm with 36 pc...
Description AdvancedTCA, Dual Socket CPU Blade with Intel? Xeon? E5 Series Processors, Dual-Dual 40G Fabric Interface and Acceleration Support

File Size 600.80K  /  2 Page

View it Online

Download Datasheet

    MIC-5332SA1-P2E

Advantech Co., Ltd.
Part No. MIC-5332SA1-P2E
OCR Text ...ront panel ports ? one fabric mezzanine module support with front i/o support (type ii) ? two cfast / one 2.5" ssd storage device ? fully managed, hot swappable rtm mic-5332 advancedtca ? 10gbe dual socket cpu blade with intel ? x...
Description AdvancedTCA 10GbE Dual Socket CPU Blade with Intel Xeon E5-2600 Processors
AdvancedTCA? 10GbE Dual Socket CPU Blade with Intel? Xeon? E5-2600 Processors

File Size 388.56K  /  2 Page

View it Online

Download Datasheet

    MIC-5603AFZ-M4E MIC-5603A2M-M4E MIC-5603A2M-M8E MIC-5603A2FZ-M8E MIC-5603A2FZ-M4E

Advantech Co., Ltd.
Part No. MIC-5603AFZ-M4E MIC-5603A2M-M4E MIC-5603A2M-M8E MIC-5603A2FZ-M8E MIC-5603A2FZ-M4E
OCR Text mezzanine card based on 3rd generation intel ? core? processors with ecc ? supports 3rd or 2nd generation intel ? core? processor family ? intel ? qm67 pch chipset with kvm over lan ? up to 8 gb (ddr3 1066/1333/1600 mhz) soldered...
Description Advanced mezzanine Card based on 3rd Generation Intel? Core Processors with ECC

File Size 413.26K  /  2 Page

View it Online

Download Datasheet

    10118744-1133151LF 10118744-3133151LF 10118744-1133421LF 10118744-3133421LF 10118744-1133131LF 10118744-3133131LF 101187

FCI connector
Part No. 10118744-1133151LF 10118744-3133151LF 10118744-1133421LF 10118744-3133421LF 10118744-1133131LF 10118744-3133131LF 10118744-1133331LF 10118744-3133331LF 10118744-3133169LF 10118744-1133169LF 10118744-T133YZZLF 10118744-1133141LF 10118744-1133115LF 10118744-1133211LF 10118744-1133109LF 10118744-1133125LF 10118744-1133209LF 10118744-1133111LF 10118744-1133121LF 10118744-1133441LF 10118744-3133441LF 10118744-3133109LF 10118744-3133111LF 10118744-3133115LF 10118744-3133121LF 10118744-3133125LF 10118744-3133141LF 10118744-1133425LF 10118744-3133425LF 10118744-1133321LF 10118744-3133321LF 10118744-1133325LF 10118744-3133325LF 10118744-1133551LF 10118744-3133551LF 10118744-3133231LF 10118744-1133231LF 10118744-3133211LF 10118744-1133215LF 10118744-3133215LF 10118744-1133221LF 10118744-1133431LF 10118744-3133221LF 10118744-3133225LF 10118744-3133431LF 10118744-1133225LF 10118744-1133411LF 10118744-3133411LF 10118744-3133415LF 10118744-1133415LF 10118744-1133311LF 10118744-3133311LF 10118744-1133315LF 10118744-3133315LF 10118744-1133569LF 10118744-3133569LF 10118744-3133209LF 10118744-3133241LF 10118744-3133251LF 10118744-3133269LF 10118744-1133469LF 10118744-3133469LF 10118744-1133251LF 101
OCR Text mezzanine connector system provides a mechanically secure, high density electrical interface between parallel printed circuit boards. conans mechanical features and palladium/nickel/gold plated electrical contacts qualify it for hig...
Description High Density, Low Profile 1.00mm Pitch mezzanine Connectors

File Size 716.49K  /  2 Page

View it Online

Download Datasheet

    Molex, Inc.
Part No. 71742-2002
OCR Text mezzanine connectors meets ieee 1386 standard (64 circuit) dual row, smt, vertical stacking leaf-style design protects pins low insertion force for use in combinations of 1 to 4 mated pairs current: 1.0a housing: glass-?lled l...
Description mezzanine 1mm BtB Rec 10Au 84Ckt 84 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE

File Size 711.23K  /  2 Page

View it Online

Download Datasheet

    45970-3211 45971-3111 75005-0104 75003-0110 46556-4145 76650-0232

http://
MolexKits
Part No. 45970-3211 45971-3111 75005-0104 75003-0110 46556-4145 76650-0232
OCR Text ...heights from 4.5mm-17mm style: mezzanine voltage rating: 240v, 30v product hightlights searay* slim is a solution armed with the benefits of the standard searay* family but with a width similar to 2 row mezzanine products. the design gives...
Description Plugs, Vertical Receptacles

File Size 5.64K  /  3 Page

View it Online

Download Datasheet

For mezzanine Found Datasheets File :: 452    Search Time::1.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mezzanine

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.7252638339996