Part Number Hot Search : 
STUB027 10E201K MAZM120H 25SB80 D4168C ISL6172 00221 TGA2214
Product Description
Full Text Search
  metal-core Datasheet PDF File

For metal-core Found Datasheets File :: 2878    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    486DX-CORE ST486DXASICCORE 4195 486DX2 ST486DX4 486DX 486DX4 ST486DX ST486DX2

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. 486DX-CORE ST486DXASICCORE 4195 486DX2 ST486DX4 486DX 486DX4 ST486DX ST486DX2
OCR Text ...red in a 0.35 micron five layer metal HCMOS process 8K byte unified instruction and data cache with write back capability Parallel processin...core and outputs. Programmable I/O ring capability up to 1000 pads. Output buffers capable of drivin...
Description FULLY STATIC 3.3V 486 ASIC CORE
From old datasheet system
Fully Static 3.3V 486 DX/DX2/DX4 ASIC CORE
FULLY STATIC 3.3V 486 ASIC CORE
ST 486 DX ASIC CORE 意法半导体专用集成电路核86霉素

File Size 114.87K  /  8 Page

View it Online

Download Datasheet





    Vishay社区
Part No. VLSL4024A
OCR Text ... description the vlsl40xxa are metal core based high brightness led power modules, assembled with 12, 24 or 36 hb white leds. the color temperature is cold white in the typical range of 5000 k to 7000 k. the modules are designed for flex...
Description
File Size 229.19K  /  8 Page

View it Online

Download Datasheet

    MC1490 MC1490D MC1490P

Motorola, Inc
Part No. MC1490 MC1490D MC1490P
OCR Text ... #22 AWG wire on a T12-44 micro metal Toroid core (-124 pF) L2 = 20 turns, #22 AWG wire on a T12-44 micro metal Toroid core (-100 pF) 4 MOTOROLA ANALOG IC DEVICE DATA MC1490 Figure 15. S11 and S22, Input and Output Reflection C...
Description WIDEBAND AMPLIFIER WITH AGC

File Size 363.05K  /  8 Page

View it Online

Download Datasheet

    OVSPBCCR8

OPTEK Technologies
Part No. OVSPBCCR8
OCR Text ...on-to-case 2 TA = 25o C (on metal core PCB1) unless otherwise noted -40 ~ +85 C -40 ~ +85 C 5V 300 mA 500 mA 1.3 W +125 C +45 C/W 15 C/W JC Notes: 1. Metal core PCB defined as good heat transmission substrate (thickness of 2.0mm Al...
Description 1-Watt SMD Blue LED Lamp

File Size 596.44K  /  4 Page

View it Online

Download Datasheet

    PCA84C923AP PCA84C922 PCA84C922A PCA84C922AP PCA84C922AT PCA84C922C PCA84C922CT PCA84C923AT PCA84C923C PCA84C923CT PCA84

NXP Semiconductors
Part No. PCA84C923AP PCA84C922 PCA84C922A PCA84C922AP PCA84C922AT PCA84C922C PCA84C922CT PCA84C923AT PCA84C923C PCA84C923CT PCA84C923D PCA84C923DT
OCR Text ...ewidth mbe347 84cxx core port 0 metal option v dd into t0/int t0/int p10 p12 p14 p16 p11 p13 p15 p17 p07 to p00 rom 16 kbytes coding table oe dp65 to dp60 address (lsb) dport 5 latch coding table control dport 6 latch dp67 to dp65 address (...
Description Microcontrollers for universal infrared remote transmitter applications

File Size 257.88K  /  36 Page

View it Online

Download Datasheet

    Atmel, Corp.
Atmel Corp.
ATMEL[ATMEL Corporation]
Part No. 256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 ATL25_120 ATL25_132 ATL25_144 ATL25_160 ATL25_184 ATL25_208 ATL25_228 ATL25_256 ATL25_304 ATL25_388 ATL25_44 ATL25_484 ATL25_540 ATL25_600 ATL25_68 ATL25_700 ATL25_800 ATL25_84 ATL25_900 ATL25_352 ATL25/132 ATL25/208 ATL25/388 ATL25/432 ATL25/540 ATL25/976 ATL25/120 ATL25/800 ATL25/100 ATL25/184 ATL25/228 ATL25/352 ATL25/84 ATL25/256 ATL25/68 ATL25/700 ATL25/484 ATL25/304 ATL25/600 ATL25/900 ATL25/144 ATL25/160 ATL25/44
OCR Text ...25 Geometry in up to Five-level Metal System-level Integration Technology - Cores: ARM7TDMITM, ARM920TTM, ARM946E-STM and MIPS64TM 5KfTM RIS...Core The AVR RISC microcontroller is a true 8-bit RISC architecture, ideally suited for embedded co...
Description ASIC 专用集成电路
From old datasheet system
The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi

File Size 217.07K  /  14 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. VLSL4024A
OCR Text ...e description the vlsl40xxa are metal core based high brightness led power modules, assembled with 12, 24 or 36 hb white leds. the color temperature is cool white in the typical range of 5000 k to 7000 k. the modules are designed for flex...
Description Visible LED, SINGLE COLOR LED ARRAY, COLD WHITE, 0.25 mm, GREEN PACKAGE-2

File Size 247.76K  /  8 Page

View it Online

Download Datasheet

    Aptina Imaging Corporation
Part No. MT9N011
OCR Text ...rface of bare silicon ? typical metal 2 thickness: 3.1k? ? typical metal 3 thickness: 3.1k? ? typical metal 4 thickness: 4.15k? ? metallizat...core (v dd /d gnd ) and i/o power (v dd _io/ d gnd ) power domains that can be at different voltages...
Description 9Mp CMOS Active-Pixel Digital Image Sensor Die

File Size 743.70K  /  17 Page

View it Online

Download Datasheet

    F10390

Seoul Semiconductor
Part No. F10390
OCR Text ...5 : Package outline size - X6 : Metal PCB type 2. Internal Number - X7 - X8 3. Code Labeling - X9 : Luminous Flux (or Radiant Flux for Royal...core pcb.(25 C TJ 110 C) Break voltage of Metal PCB is 6.5kVAC [6] It is included the zener chip to...
Description Power LED TECHNICAL DATA

File Size 417.56K  /  21 Page

View it Online

Download Datasheet

    F50381

Seoul Semiconductor
Part No. F50381
OCR Text ...f Red. 4. Insulation voltage of Metal PCB is 6.5kVAC *The appearance and specifications of the product may be changed for improvement withou...core pcb.(25 C TJ 110 C) Insulation voltage of Metal PCB is 6.5kVAC [7] It is included the zener ch...
Description Z-POWER LED Series

File Size 379.93K  /  18 Page

View it Online

Download Datasheet

For metal-core Found Datasheets File :: 2878    Search Time::1.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of metal-core

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6340210437775