Part Number Hot Search : 
SLD237VL 00112 11412 1N5924 3005C FN3591 3225K175 AFC461
Product Description
Full Text Search
  mcp1701 Datasheet PDF File

For mcp1701 Found Datasheets File :: 5    Search Time::2.093ms    
Page :: | <1> |   

    MCP1701T-1802I_CB MCP1701T-1802I_MB MCP1701T-2502I_CB MCP1701T-2502I_MB MCP1701T-3002I_CB MCP1701T-3002I_MB MCP1701T-330

MICROCHIP[Microchip Technology]
Part No. mcp1701T-1802I_CB mcp1701T-1802I_MB mcp1701T-2502I_CB mcp1701T-2502I_MB mcp1701T-3002I_CB mcp1701T-3002I_MB mcp1701T-3302I_CB mcp1701T-3302I_MB mcp1701T-5002I_CB mcp1701T-5002I_MB mcp1701_05
OCR Text mcp1701 2 A Low Dropout Positive Voltage Regulator Features * 2.0 A Typical Quiescent Current * Input Operating Voltage Range up to 10.0V * Low Dropout Voltage: - 250 mV (typ) @ 100 mA - 500 mV (typ) @ 200 mA * High Output Current: 250 m...
Description 2 レA Low Dropout Positive Voltage Regulator

File Size 177.29K  /  20 Page

View it Online

Download Datasheet





    MCP1701T-3302I/CB MCP1701T-3302I/MB MCP1701T-1802I/CB MCP1701T-1802I/MB MCP1701T-5002I/CB MCP1701T-5002I/MB MCP1701T-300

Microchip Technology
Part No. mcp1701T-3302I/CB mcp1701T-3302I/MB mcp1701T-1802I/CB mcp1701T-1802I/MB mcp1701T-5002I/CB mcp1701T-5002I/MB mcp1701T-3002I/MB mcp1701T-3002I/CB mcp1701T-2502I/CB mcp1701T-2502I/MB
OCR Text mcp1701 2 A Low Dropout Positive Voltage Regulator Features * 2.0 A Typical Quiescent Current * Input Operating Voltage Range up to 10.0V * Low Dropout Voltage: - 250 mV (typ) @ 100 mA - 500 mV (typ) @ 200 mA * High Output Current: 250 m...
Description 2 μA Low Dropout Positive Voltage Regulator

File Size 181.20K  /  20 Page

View it Online

Download Datasheet

    MCP1701T-25021/TO MCP1701T-25021/MB MCP1701T-25021/CB MCP1701T-18021/CB MCP1701T-18021/MB MCP1701T-18021/TO MCP1701T-300

Microchip Technology Inc.
Microchip Technology, Inc.
Part No. mcp1701T-25021/TO mcp1701T-25021/MB mcp1701T-25021/CB mcp1701T-18021/CB mcp1701T-18021/MB mcp1701T-18021/TO mcp1701T-30021/TO mcp1701T-30021/CB mcp1701T-30021/MB mcp1701T-33021/CB mcp1701T-33021/MB mcp1701T-33021/TO mcp1701T-50021/MB mcp1701T-50021/CB mcp1701T-50021/TO mcp1701-5002I/TO
OCR Text ...1.8V, 2.5V, 3.0V, 3.3V, 5.0V mcp1701 General Description The mcp1701 is a family of CMOS low dropout (LDO), positive voltage regulators that can deliver up to 250 mA of current while consuming only 2.0 A of quiescent current (typical)....
Description 5 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PBCY3
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft; Conductor Material:Copper RoHS Compliant: Yes
5015 RR 3#8 3#16 SKT RECP
Multiconductor Security and Alarm Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes
2uA Low Dropoout Positive Voltage Refulator 五成低Dropoout正电压Refulator
5015 RR 2#8 2#16 PIN RECPT 五成低Dropoout正电压Refulator

File Size 313.53K  /  20 Page

View it Online

Download Datasheet

    Microchip Technology Inc.
Microchip Technology, Inc.
Part No. mcp1701T-1802I/MB mcp1701T-3302I/MB mcp1701T-3002I/MB mcp1701T-3302I/CB mcp1701T-5002I/MB mcp1701T-1802I/CB mcp1701T-3002I/CB mcp1701T-2502I/MB mcp1701T-2502I/CB mcp1701T-5002I/CB
OCR Text mcp1701 features ? 2.0 a typical quiescent current ? input operating voltage range up to 10.0v ? low dropout voltage: - 250 mv (typ) @ 100 ma - 500 mv (typ) @ 200 ma ? high output current: 250 ma (v out = 5.0v) ? high-accuracy output volta...
Description 2 レA Low Dropout Positive Voltage Regulator 2レ低压降正电压稳压器

File Size 181.60K  /  20 Page

View it Online

Download Datasheet

    MICROCHIP[Microchip Technology]
Part No. mcp1701T-3 mcp1701 mcp1701T-33021_CB mcp1701T-33021_MB mcp1701T-33021_TO mcp1701T-30021_CB mcp1701T-30021_MB mcp1701T-30021_TO mcp1701T-18021_MB mcp1701T-25021_MB mcp1701T-18021_TO mcp1701T-25021_CB mcp1701T-50021_CB mcp1701T-50021_MB mcp1701T-50021_TO mcp1701T-18021_CB mcp1701T-25021_TO mcp1701T-30021/CB mcp1701T-30021/MB mcp1701T-30021/TO mcp1701T-33021/MB mcp1701T-33021/TO mcp1701T-50021/MB mcp1701T-33021/CB mcp1701T-50021/CB mcp1701T-50021/TO
OCR Text ...1.8V, 2.5V, 3.0V, 3.3V, 5.0V mcp1701 General Description The mcp1701 is a family of CMOS low dropout (LDO), positive voltage regulators that can deliver up to 250 mA of current while consuming only 2.0 A of quiescent current (typical)....
Description 2uA Low Dropoout Positive Voltage Refulator
The mcp1701 is a CMOS low dropout positive voltage regulator with a maximum input voltage of 10V that can source up to 250mA with ...

File Size 309.54K  /  20 Page

View it Online

Download Datasheet

For mcp1701 Found Datasheets File :: 5    Search Time::2.093ms    
Page :: | <1> |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mcp1701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.42711997032166