|
|
![](images/bg04.gif) |
ETC[ETC]
|
Part No. |
PAK-IV
|
OCR Text |
...e None None None PLEN None None mbits Returns 0 0 0 0 0 or 1 0 0 0 0,PLEN 0,PLEN 0,BYT Description Sets pin to input Sets pin to output Sets pin to output and set state low Sets pin to output and set state high Reads input pin Sets input to... |
Description |
Using the PAK-IV I/O Coprocessor Using the PAK-IV I/O Coprocessor
|
File Size |
120.43K /
14 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
AGERE[Agere Systems]
|
Part No. |
ORT8850L ORT8850 ORT8850H
|
OCR Text |
mbits/s Backplane Transceiver
Introduction
Field-programmable system chips (FPSCs) bring a whole new dimension to programmable logic: FPGA logic and an embedded system solution on a single device. Agere Systems Inc. has developed a soluti... |
Description |
Field-Programmable System Chip (FPSC) Eight-Channel x 850 mbits/s Backplane Transceiver
|
File Size |
959.67K /
112 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
OKI ELECTRIC INDUSTRY CO LTD
|
Part No. |
MSM6650SS
|
OCR Text |
...ternal rom or eprom of up to 64 mbits, which stores voice data. this device is ideally suited to an evaluation ic for the msm6650 family because its circuit configuration is identical to those of the mask rom-based and otp version devices.
... |
Description |
4194.3 SEC, SPEECH SYNTHESIZER, PDIP64
|
File Size |
426.25K /
46 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
PHILIPS[Philips Semiconductors]
|
Part No. |
SC16C754IB80 SC16C754 SC16C754IA68
|
OCR Text |
...control, and data rates up to 5 mbits/s (3.3 V and 5 V). The SC16C754 offers enhanced features. It has a transmission control register (TCR) that stores receiver FIFO threshold levels to start/stop transmission during hardware and software ... |
Description |
Quad UART with 64-byte FIFO
|
File Size |
215.23K /
49 Page |
View
it Online |
Download Datasheet
|
|
![](images/findchips_sm.gif)
Price and Availability
|