Part Number Hot Search : 
CC0603 T114031 T114031 HIP4086 T114031 L3936AN CC0603 2SC2396
Product Description
Full Text Search
  MAZ40360L Datasheet PDF File

For MAZ40360L Found Datasheets File :: 1+       Page :: | <1> |   

    http://
Panasonic, Corp.
Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. MA4082 MA4051 MAZ40390H MAZ4200 MAZ42000H MAZ42000L MAZ42000M MAZ40330H MAZ40330L MAZ40430H MAZ40430L MAZ40430M MAZ4160 MAZ41600H MAZ41600L MAZ41600M MAZ40620H MAZ40620L MAZ41400M MAZ41800H MAZ41800L MAZ41800M MAZ4100 MAZ41000H MAZ41000L MAZ41000M MAZ40470H MA4047NBSP MAZ40620M MAZ40360M MAZ40360L MAZ40360H MAZ40390M MAZ4039 MA4039 MAZ40560M MAZ40560L MAZ40560H MAZ43600M MAZ43600H MAZ40330M MAZ4033 MAZ40220H MAZ40300L MAZ40910L MAZ40910H MAZ40300M MAZ40750M MAZ40750H MA4047 MAZ40270L MAZ40270H MAZ4027 MAZ40680M MAZ40680H MA41600H MA4240 MA4062 MA4390 MA41400M MA40750H MA40750L MA40750M MAZ43900M MA4020 MA40200H MA40200L MA4022 MA40220H MA40220L MA4024 MA40240H MA40240L MA4027 MA40270H MA40270L MA4030 MA40300H MA40300L MA40300M MA4033 MA40330H MA40330L MA40330M MA4036 MA40360H MA40360L MA40360M MA40390H MA40390L MA40390M MA4043 MA40430H MA40430L MA40430M MA40470H MA40470L MA40470M MA40510H MA40510L MA40510M MA4056 MA40560H MA40560L MA40560M MA40620H MA40620L MA40620M MA4068 MA40680H MA40680L MA40680M MA4075 MA40820H MA40820L MA40820M MA4091 MA40910H MA40910L MA40910M MA4100 MA41000H MA41000L MA41000M MA4110 MA41100H MA41100L MA41100M MA41200H MA41200L MA41200M MA4130 MA41300H MA4130
Description DO-34-A1
Oscillator; Frequency:14.31818MHz; Frequency Tolerance:30ppm; Load Capacitance:50pF; Supply Voltage:5V; Crystal Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:14-DIP; No. of Pins:4 RoHS Compliant: Yes
Hex Inverting Drivers 20-LCCC -55 to 125
Hex Inverting Drivers 14-CDIP -55 to 125
Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125
Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125
Silicon planar type 33 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
4-Bit Bidirectional Universal Shift Registers 16-CDIP -55 to 125 4.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Silicon planar type 3.5 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 5.8 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
8-Input Positive-NAND Gates 14-CDIP -55 to 125 7 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Silicon planar type 8.2 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-34
Hex Drivers 14-CFP -55 to 125 18 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Hex Drivers 14-CDIP -55 to 125 17.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
USB interface embedded modem module V92, 56k data, fax and voice supports Linux, Windows, Mac O/S supports Linux CDC-ACM compliant Global telecom and safety compliant
Small-signal device - Diodes - Zener Diodes

File Size 90.20K  /  7 Page

View it Online

Download Datasheet

For MAZ40360L Found Datasheets File :: 1+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of MAZ40360L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48532199859619