Part Number Hot Search : 
MEM806 12C10 70001 R5F211A4 BU920 B39212B 70001 3406A
Product Description
Full Text Search
  max691 Datasheet PDF File

For max691 Found Datasheets File :: 14    Search Time::1.953ms    
Page :: | <1> | 2 |   

    16-304235-10-P 16-304235-10

Aries Electronics, Inc.
Part No. 16-304235-10-P 16-304235-10
OCR Text max691 with MAX807 FEATURES * Correct-A-ChipTM technology solves problems associated with the use of alternate ICs (due to availability, obsolescence, need for better performance, etc.) by eliminating the need for new PCB's. GENERAL SPECIF...
Description Replaces max691 with MAX807

File Size 290.62K  /  1 Page

View it Online

Download Datasheet





    DS1238 DS1238AS-10/TR

MAXIM - Dallas Semiconductor
Dallas Semiconducotr
Maxim Integrated Products, Inc.
Part No. DS1238 DS1238AS-10/TR
OCR Text ...ons Pin-for-pin compatible with max691 Standard 16-pin DIP or space-saving 16-pin SOIC Optional industrial temperature range -40C to +85C PIN ASSIGNMENT VBAT VCCO VCC GND PF RVT OSCIN OSCSEL 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 RST RS...
Description MocroManager
MicroManager

File Size 215.11K  /  14 Page

View it Online

Download Datasheet

    Maixm
Part No. MAX693A 1150
OCR Text ... pin-compatible upgrades to the max691, MAX693, and MAX695. They improve performance with 30A supply current, 200ms typ reset active delay on power-up, and 6ns chipenable propagation delay. Features include write protection of CMOS RAM or E...
Description Microprocessor Supervisory Circuits
From old datasheet system

File Size 769.61K  /  20 Page

View it Online

Download Datasheet

    DS1238A 1238A

MAXIM - Dallas Semiconductor
Dallas Semiconducotr
Part No. DS1238A 1238A
OCR Text ...ons Pin-for-pin compatible with max691 Standard 16-pin DIP or space-saving 16-pin SOIC Optional industrial temperature range -40C to +85C PIN ASSIGNMENT VBAT VCCO VCC GND PF RVT OSCIN OSCSEL 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 RST RS...
Description MicroManager
MocroManager
From old datasheet system

File Size 209.95K  /  13 Page

View it Online

Download Datasheet

    MAX800 MAX800L MAX800LCPE MAX800LCSE MAX800LEPE MAX800LESE MAX800M MAX800MCPE MAX800MCSE MAX800MEPE MAX800MESE MAX691 MA

Maxim Integrated Produc...
MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX800 MAX800L MAX800LCPE MAX800LCSE MAX800LEPE MAX800LESE MAX800M MAX800MCPE MAX800MCSE MAX800MEPE MAX800MESE max691 max691A max691AC max691ACPE max691ACSE max691ACWE max691AD max691AEJE max691AEPE max691AESE max691AEWE max691AMJE MAX693A MAX693AC MAX693ACPE MAX693ACSE MAX693ACWE MAX693AD MAX693AEJE MAX693AEPE MAX693AESE MAX693AEWE MAX693AMJE
OCR Text ... pin-compatible upgrades to the max691, MAX693, and MAX695. They improve performance with 30A supply current, 200ms typ reset active delay on power-up, and 6ns chipenable propagation delay. Features include write protection of CMOS RAM or E...
Description Microprocessor Supervisory Circuits
Thyristor / Diode Module; Repetitive Reverse Voltage Max, Vrrm:800V; Current, It av:500A; Gate Trigger Voltage Max, Vgt:3V; Gate Trigger Current Max, Igt:200mA; Package/Case:LD43; di/dt:200A/ s RoHS Compliant: Yes

File Size 155.34K  /  16 Page

View it Online

Download Datasheet

    MAX691AEUE MAX800LCUE MAX800LEUE MAX800MCUE MAX800MEUE MAX693AC/D MAX693ACUE MAX693AEUE MAX691AMSE/PR-T MAX691AC/D MAX69

Maxim Integrated Products
Maxim Integrated Produc...
Part No. max691AEUE MAX800LCUE MAX800LEUE MAX800MCUE MAX800MEUE MAX693AC/D MAX693ACUE MAX693AEUE max691AMSE/PR-T max691AC/D max691ACUE max691ACPE max691ACWE max691AEJE max691AEPE max691AESE max691AEWE
OCR Text ... pin-compatible upgrades to the max691, MAX693, and MAX695. They improve performance with 30A supply current, 200ms typ reset active delay on power-up, and 6ns chipenable propagation delay. Features include write protection of CMOS RAM or E...
Description Microprocessor Supervisory Circuits
   Microprocessor Supervisory Circuits

File Size 205.47K  /  17 Page

View it Online

Download Datasheet

    52-536-11

Aries Electronics, Inc.
Part No. 52-536-11
OCR Text .../products/18046.pdf Replaces max691 with MAX807 - www.arieselec.com/products/18075.pdf Adapter for Motorola MC145158-2 20-Pin PLCC-to-SOIC DW - www.arieselec.com/products/18079.pdf CSP/BGA Test & Burn-In Socket for Devices up to 1...
Description ZIF PLCC TEST SOCKET 52PIN GOLD

File Size 582.74K  /  8 Page

View it Online

Download Datasheet

    Maxim Integrated Products, Inc.
Part No. DS1238A
OCR Text ...s ? pin-for-pin compatible with max691 ? standard 16-pin dip or space-saving 16-pin soic ? optional industrial temperature range -40 c to +85 c pin assignment vbat vcco vcc gnd pf oscin oscsel rst in rst rvt wds cei ceo st nmi 16-pin dip ...
Description MicroManager(微管理器芯片)

File Size 160.03K  /  13 Page

View it Online

Download Datasheet

For max691 Found Datasheets File :: 14    Search Time::1.953ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of max691

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0919208526611