|
|
|
Maxim Integrated Products, Inc.
|
Part No. |
MAX641BC/D MAX641BEJA MAX641AEJA MAX642ACJA
|
Description |
10-Bit, 20/40/60 MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SSOP 10-Bit, 20/40/60 MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-Eval Board ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 20-SSOP 0.45 A SWITCHING REGULATOR, 45 kHz SWITCHING FREQ-MAX, CDIP8
|
File Size |
461.82K /
12 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|