Part Number Hot Search : 
XN421N LM317P AK25GB40 P6KE20 NPT2019 ENA1266 SDR710 AL14H2CJ
Product Description
Full Text Search
  mau Datasheet PDF File

For mau Found Datasheets File :: 140    Search Time::1.39ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Realtek
Part No. RTL8019AS
OCR Text ...detect the usage of an external mau on the AUI interface. The input should be driven low for embedded BNC and high for external mau. When the input is high, RTL8019AS sets the AUI bit (bit5) in CONFIG0 and drives LEDBNC low to disable the B...
Description Full-Duplex Ethernet Controller

File Size 641.80K  /  51 Page

View it Online

Download Datasheet





    AM79C100 AM79C100JC

AMD[Advanced Micro Devices]
Part No. AM79C100 AM79C100JC
OCR Text ...nts the medium attachment unit (mau) functions for the twisted-pair medium, as specified by the supplement to the IEEE 802.3 standard (Type 10BASE-T). This device provides the necessary electrical and functional interface between the IEEE 8...
Description Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)

File Size 201.86K  /  24 Page

View it Online

Download Datasheet

    AM79C90 AM79C90JC AM79C90JCTR AM79C90PC AM79C90PCTR

AMD[Advanced Micro Devices]
Part No. AM79C90 AM79C90JC AM79C90JCTR AM79C90PC AM79C90PCTR
OCR Text ...PICAL ETHERNET/CHEAPERNET NODE mau TAP DTE Ethernet Local CPU Local Memory Am79C90 C-LANCE Am7992B SIA AUI Cable Am7996 Transceiver Local Bus Power Supply Ethernet Coax DTE Cheapernet Local CPU Local Memory Am79C90 ...
Description CMOS Local Area Network Controller for Ethernet (C-LANCE)

File Size 427.24K  /  62 Page

View it Online

Download Datasheet

    AM79C940 AM79C940JCW AM79C940KCW AM79C940VCW

AMD[Advanced Micro Devices]
Part No. AM79C940 AM79C940JCW AM79C940KCW AM79C940VCW
OCR Text ...al 10BASE2, 10BASE5 or 10BASE-F mau - DAI port to external 10BASE2, 10BASE5, 10BASE-T, 10BASE-F mau - General Purpose Serial Interface (GPSI) to external encoding/decoding scheme - Internal 10BASE-T transceiver with automatic selection of 1...
Description Media Access Controller for Ethernet (MACE)

File Size 832.15K  /  122 Page

View it Online

Download Datasheet

    MAUS-0505 MAUS-0509 MAUS-0512 MAUS-0515 MAUS-1205 MAUS-1209 MAUS-1212 MAUS-1215 MAUS-2405 MAUS-2409 MAUS-2412 MAUS-2415

Power Systems GmbH Co.KG
Part No. mauS-0505 mauS-0509 mauS-0512 mauS-0515 mauS-1205 mauS-1209 mauS-1212 mauS-1215 mauS-2405 mauS-2409 mauS-2412 mauS-2415 mauS-4805 mauS-4809 mauS-4812 mauS-4815
OCR Text mau Series ( 1 W UNREGULATED DC-DC CONVERTER ) FEATURES 1000VDC ISOLATION EFFICIENCY UP TO 82% INTERNAL SMD TECHNOLOGY LOW COST NO HEATSINK REQUIRED UP TO 1W UNREGULATED OUTPUT POWER DUAL IN LINE PACKAGE 100% BURNED IN MTBF > 2,000,000 ...
Description DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER

File Size 204.42K  /  5 Page

View it Online

Download Datasheet

    ML4642 ML4642CQ ML4642CR

MICRO-LINEAR[Micro Linear Corporation]
Part No. ML4642 ML4642CQ ML4642CR
OCR Text ...rol logic to implement a 2 port mau when used in conjuction with a transceiver chip which has a standard 802.3 AUI interface. In addition, the ML4642 is capable of operating in stand-alone mode where it interconnects two DTEs in the absence...
Description AUI Multiplexer

File Size 276.11K  /  15 Page

View it Online

Download Datasheet

    ML4662 ML4662CQ

MICRO-LINEAR[Micro Linear Corporation]
Part No. ML4662 ML4662CQ
OCR Text ...d external IEEE 802.3 10Base-FL mau. The ML4662 offers a standard IEEE 802.3 AU interface that allows it to be directly connected to industry standard manchester encoder/decoder chips or and AUI cable. The ML4662 provides a highly integrate...
Description 10BASE-FL Transceiver

File Size 232.32K  /  12 Page

View it Online

Download Datasheet

    AMIS-49200-XTD AMIS-49200-XTP AMIS-492X0 492X0

ON Semiconductor
Part No. AMIS-49200-XTD AMIS-49200-XTP AMIS-492X0 492X0
OCR Text mau 1.0 Introduction 1.1 Overview AMIS-492x0 Fieldbus mau (media access unit) is a transceiver chip for low speed FOUNDATION Fieldbus(R) and Profibus(R) PA devices. The AMIS-49200 was originally designed to be a near pin-for-pin replaceme...
Description AMIS-492x0 Datasheet
Fieldbus mau

File Size 410.05K  /  22 Page

View it Online

Download Datasheet

    RTL8019AS

List of Unclassifed Manufacturers
Part No. RTL8019AS
OCR Text ...detect the usage of an external mau on the AUI interface. The input should be driven low for embedded BNC and high for external mau. When the input is high, RTL8019AS sets the AUI bit (bit5) in CONFIG0 and drives LEDBNC low to disable the B...
Description Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)

File Size 993.90K  /  50 Page

View it Online

Download Datasheet

    AM79C940VI/W AM79C940KI/W AM79C940JI/W AM79C940JC/W AM79C94000 AM79C940VC/W AM79C940KC/W AM79C940

Advanced Micro Devices
Part No. AM79C940VI/W AM79C940KI/W AM79C940JI/W AM79C940JC/W AM79C94000 AM79C940VC/W AM79C940KC/W AM79C940
OCR Text ...al 10BASE2, 10BASE5 or 10BASE-F mau -- DAI port to external 10BASE2, 10BASE5, 10BASE-T, 10BASE-F mau -- General Purpose Serial Interface (GPSI) to external encoding/decoding scheme -- Internal 10BASE-T transceiver with automatic selection o...
Description Media Access Controller for Ethernet (MACE?

File Size 1,042.53K  /  144 Page

View it Online

Download Datasheet

For mau Found Datasheets File :: 140    Search Time::1.39ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mau

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6999039649963