Part Number Hot Search : 
SED1500 45170D 189NQ DS1265Y 45170D RB201 IRF3709L ML8204
Product Description
Full Text Search
  masters Datasheet PDF File

For masters Found Datasheets File :: 1204    Search Time::1.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MPC8349E07

Freescale Semiconductor, Inc
Part No. MPC8349E07
OCR Text ...hip arbitration supporting five masters on PCI1, three masters on PCI2 -- Accesses to all PCI address spaces -- Parity supported -- Selectable hardware-enforced coherency -- Address translation units for address mapping between host and per...
Description PowerQUICC⑩ II Pro Integrated Host Processor Hardware Specifications

File Size 880.64K  /  88 Page

View it Online

Download Datasheet





    PCA9541PW_01 PCA9541PW_02 PCA9541PW_03 PCA9541D_01 PCA9541D_02 PCA9541D_03 PCA9541BS_01 PCA9541BS_02 PCA9541BS_03

NXP Semiconductors
Part No. PCA9541PW_01 PCA9541PW_02 PCA9541PW_03 PCA9541D_01 PCA9541D_02 PCA9541D_03 PCA9541BS_01 PCA9541BS_02 PCA9541BS_03
OCR Text ...emoved for maintenance. The two masters (for example, primary and back-up) are located on separate I2C-buses that connect to the same downstream I2C-bus slave devices. I2C-bus commands are sent by either I2C-bus master and are used to selec...
Description 2-to-1 I2C-bus master selector with interrupt logic and reset

File Size 198.33K  /  43 Page

View it Online

Download Datasheet

    MCF5206

Motorola, Inc
Part No. MCF5206
OCR Text ...or slave modes support multiple masters -- Automatic interrupt generation with programmable level * System Interface -- Glueless bus interface to 8-, 16-, and 32-bit DRAM, SRAM, ROM, and I/O devices -- 8 programmable chip-select signals -- ...
Description MCF5206 Integrated Microprocessor
MCF5206 Integrated Microprocessor

File Size 208.18K  /  8 Page

View it Online

Download Datasheet

    XPS16550

Xilinx, Inc
Part No. XPS16550
OCR Text ..._rdComp Sl_MBusy[0 : C_SPLB_NUM_masters - 1] Sl_MWrErr[0 : C_SPLB_NUM_masters - 1] Sl_MRdErr[0 : C_SPLB_NUM_masters - 1] PLB PLB PLB PLB PLB PLB PLB PLB PLB PLB PLB PLB O O O O O O O O O O O O 0 0 0 0 0 0 0 0 0 0 0 0 Slave address acknowled...
Description PLB v4.6 based PLB interface

File Size 441.98K  /  20 Page

View it Online

Download Datasheet

    PCI9656-BA66BI PCI9656-BA66BIG PCI9656

PLX Technology
Part No. PCI9656-BA66BI PCI9656-BA66BIG PCI9656
OCR Text ...I arbiter supporting 7 external masters Reset and interrupt pins configurable for embedded host applications JTAG boundary scan Control s s I2O r1.5 messaging unit Eight mailbox and two doorbell registers PCI arbiter supports 7 exter...
Description 64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC⑩ & Generic 32-bit, 66MHz Local Bus Designs
64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC & Generic 32-bit, 66MHz Local Bus Designs
64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC?/a> & Generic 32-bit, 66MHz Local Bus Designs

File Size 406.98K  /  4 Page

View it Online

Download Datasheet

    PCI9056-BA66BI PCI9056-BA66BIG PCI9056

PLX Technology
Part No. PCI9056-BA66BI PCI9056-BA66BIG PCI9056
OCR Text ...I arbiter supporting 7 external masters Reset and interrupt pins configurable for embedded host applications JTAG boundary scan Control s s I2O r1.5 messaging unit Eight mailbox and two doorbell registers PCI arbiter supports 7 exter...
Description 32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC and Generic 32-bit, 66MHz Local Bus Designs
32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC⑩ and Generic 32-bit, 66MHz Local Bus Designs

File Size 414.05K  /  4 Page

View it Online

Download Datasheet

    PCA9518A PCA9518AD PCA9518APW

NXP Semiconductors
Part No. PCA9518A PCA9518AD PCA9518APW
OCR Text ...de I2C-bus devices and multiple masters Powered-off high-impedance I2C-bus pins Operating supply voltage range of 2.3 V to 3.6 V 5 V tolerant I2C-bus and enable pins 0 Hz to 400 kHz clock frequency2 ESD protection exceeds 2000 V HBM per JES...
Description Expandable 5-channel I2C-bus hub

File Size 114.40K  /  23 Page

View it Online

Download Datasheet

    PCA9518D

NXP Semiconductors
Part No. PCA9518D
OCR Text ...de I2C-bus devices and multiple masters Powered-off high-impedance I2C-bus pins Operating supply voltage range of 3.0 V to 3.6 V 5 V tolerant I2C-bus and enable pins 0 Hz to 400 kHz clock frequency2 ESD protection exceeds 2000 V HBM per JES...
Description Expandable 5-channel I2C-bus hub

File Size 109.66K  /  21 Page

View it Online

Download Datasheet

    PCC0180BTI3

STMICROELECTRONICS
Part No. PCC0180BTI3
OCR Text ...our 4-word read buffers for pci masters. n supports fast page mode & edo dram. n programmable timing for dram parameters including cas pulse width, cas pre-charge time and ras to cas delay. n 60, 70, 80 & 100ns dram speeds. n memory hole ...
Description MULTIFUNCTION PERIPHERAL, PBGA388

File Size 1,249.04K  /  71 Page

View it Online

Download Datasheet

For masters Found Datasheets File :: 1204    Search Time::1.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of masters

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.6042261123657