Part Number Hot Search : 
A1567 P9220 GKBB32PX 33LIT3C W1154GD 2N60A4D R1LP0408 MSM51
Product Description
Full Text Search
  mastering Datasheet PDF File

For mastering Found Datasheets File :: 337    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ISANET-EVAL-KT 21553

Advanced Micro Devices
Part No. ISANET-EVAL-KT 21553
OCR Text ...designed and configured for bus-mastering operation mode. The design of the ISAnet adapter card provides an Ethernet feature that can be added to other platforms with ISA slots to allow for system development in a shared memory mode environ...
Description ISAnet-EVAL-KT - PCnet-ISA II Based Shared Memory Evaluation Platform
ISAnet-EVAL-KT 40.8KB (PDF) ISAnet热解,KT公司40.8KB(PDF格式

File Size 39.53K  /  3 Page

View it Online

Download Datasheet





    PCI-1755

Advantech Co., Ltd.
Part No. PCI-1755
OCR Text mastering dma data transfer with scatter gather technology 32/16/8-bit pattern i/o with start and stop trigger function, 2 modes handshaking i/o interrupt handling capability onboard active terminators for high speed and long distance tra...
Description 80 MB/s, 32-ch Digital I/O PCI Card

File Size 74.12K  /  1 Page

View it Online

Download Datasheet

    PCIE-7200

List of Unclassifed Manufacturers
Part No. PCIE-7200
OCR Text ...to 12 mb/s transfer rate bus-mastering dma for both digital inputs and outputs onboard programmable timer pacer clock supports handshaking digital i/o transfer mode multiple programmable interrupt sources 5 v power available ...
Description 12 MB/s High-Speed 32-CH DI & 32-CH DO Cards

File Size 318.32K  /  2 Page

View it Online

Download Datasheet

    agere
Part No. WL60040
OCR Text ...f the following: PCI v2.3 bus mastering 32-bit, 33 MHz transfers with PCI power management. MiniPCI Specification v1.0. CardBus bus mastering 32-bit, 33 MHz transfers v8.0. USB v1.1. PC Card interface supports full 16-bit implementati...
Description Controller Miscellaneous

File Size 121.72K  /  10 Page

View it Online

Download Datasheet

    VT86C100A

ETC[ETC]
Part No. VT86C100A
OCR Text ...nterface * High performance PCI mastering structure -- VIA self-define 128 bytes memory I/O or register I/O based command and status register -- Software oriented chain structure description to minimize hardware complexity -- Include on chi...
Description PCI FAST ETHERNET CONTROLLER

File Size 348.03K  /  32 Page

View it Online

Download Datasheet

    DA-3380

List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. DA-3380
OCR Text mastering GENERATOR DVD-RAM mastering GENERATOR DA-3380 OUTLINE DA-3380 is a signal source for making the master unrecord optical disc that satisfies the DVD-RAM standard. This unit provides the signal to make the all areas (embossed ...
Description DVD-RAM mastering GENERATOR

File Size 181.67K  /  2 Page

View it Online

Download Datasheet

    PCI9056-BA66BI PCI9056-BA66BIG PCI9056

PLX Technology
Part No. PCI9056-BA66BI PCI9056-BA66BIG PCI9056
OCR Text ...ration 32-bit, 66MHz PCI Bus mastering I/O Accelerator for Motorola PowerQUICC TM and Generic 32-bit, 66MHz Local Bus Designs Highest Performance 32-bit PCI Bus mastering I/O Accelerator for Your Embedded Applications The PCI 9056 offe...
Description 32-bit, 66MHz PCI Bus mastering I/O Accelerator for Motorola PowerQUICC and Generic 32-bit, 66MHz Local Bus Designs
32-bit, 66MHz PCI Bus mastering I/O Accelerator for Motorola PowerQUICC⑩ and Generic 32-bit, 66MHz Local Bus Designs

File Size 414.05K  /  4 Page

View it Online

Download Datasheet

    PCI9656-BA66BI PCI9656-BA66BIG PCI9656

PLX Technology
Part No. PCI9656-BA66BI PCI9656-BA66BIG PCI9656
OCR Text ...ration 64-bit, 66MHz PCI Bus mastering I/O Accelerator for Motorola PowerQUICCTM & Generic 32-bit, 66MHz Local Bus Designs Maximum PCI Bandwidth for Your 32-bit Local Bus Applications The PCI 9656 offers flexible connectivity and high ...
Description 64-bit, 66MHz PCI Bus mastering I/O Accelerator for Motorola PowerQUICC⑩ & Generic 32-bit, 66MHz Local Bus Designs
64-bit, 66MHz PCI Bus mastering I/O Accelerator for Motorola PowerQUICC & Generic 32-bit, 66MHz Local Bus Designs
64-bit, 66MHz PCI Bus mastering I/O Accelerator for Motorola PowerQUICC?/a> & Generic 32-bit, 66MHz Local Bus Designs

File Size 406.98K  /  4 Page

View it Online

Download Datasheet

    PCI-9812 PCI-9810 PCI-9812A

System Logic Semiconductor
Part No. PCI-9812 PCI-9810 PCI-9812A
OCR Text ... customized conversion rate Bus-mastering DMA for analog inputs 3-CH TTL digital inputs Compact, half-size PCB Operating Systems Windows 2000/NT/XP/9x DOS Red Hat Linux Windows CE (call for availability) Recommended Software VB/VC++/BCB/Del...
Description 4-CH 10/12-bit 20 MS/s Simultaneous-Sampling Analog Input Cards

File Size 78.96K  /  2 Page

View it Online

Download Datasheet

    AM79C974 AM79C974KCW

AMD[Advanced Micro Devices]
Part No. AM79C974 AM79C974KCW
OCR Text ...ansfer rate s SCSI specific Bus mastering DMA engine (32-bit address/data) s 96-byte DMA FIFO for low bus latency s On-chip state machine to control the SCSI sequences in hardware s Integrated industry standard Fast SCSI-2 core s Single-End...
Description PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems

File Size 833.40K  /  153 Page

View it Online

Download Datasheet

For mastering Found Datasheets File :: 337    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mastering

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.65370917320251