Part Number Hot Search : 
CR6002AA LF222S BC107A F1510 IR2383C 20L15T 00N06 LH17AS15
Product Description
Full Text Search
  mapper Datasheet PDF File

For mapper Found Datasheets File :: 337    Search Time::1.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    EXAR[Exar Corporation]
Part No. XRT94L43_06 XRT94L43A XRT94L43IB
OCR Text mapper NOVEMBER 2006 REV. 1.0.2 GENERAL DESCRIPTION The XRT94L43 is an SDH to PDH physical layer processor with integrated SONET OC-12 and 12 DS3/E3 framing controller. The XRT94L43 contains an integral SONET framer which provides fram...
Description SONET/SDH OC-12 TO 12XDS3/E3 mapper

File Size 1,647.29K  /  328 Page

View it Online

Download Datasheet





    TMPR28051 TMPR28051-3-SL5

AGERE[Agere Systems]
Part No. TMPR28051 TMPR28051-3-SL5
OCR Text mapper Device Advisory for Version 5 of the Device Register Architecture (RA) Map RA-1. Reset Bit The software reset bit (bit 0) of register 0x00 is not functional. RA-2. Transmit Path AIS Insert Bit The TXPAISINS bit (bit 5) of re...
Description TMPR28051 STS-1/AU-3 (STM-0) mapper Device Advisory for Version 5 of the Device

File Size 1,035.93K  /  90 Page

View it Online

Download Datasheet

    Molex, Inc.
Part No. I90135
OCR Text ... fft/ ifft rotor trellis coding mapper/ demapper generic tc reed/ solomon atm specific tc reset controller interface interface module clock test signals afe interface slap utopia reset controller bus general purpose i/os figure 2: i90135 bl...
Description ADSL Digital Chip 宽带数字芯片

File Size 78.55K  /  9 Page

View it Online

Download Datasheet

    XRT91L30IQ-F XRT91L32IQ-F XRT91L3010

Exar Corporation
Part No. XRT91L30IQ-F XRT91L32IQ-F XRT91L3010
OCR Text ...l clock signal from the framer/mapper to synchronize t he transmit section timing. the device can internally monitor loss of signal (los) condition and automat ically mute received data upon los. an on-chip sonet/sdh frame byte and bound...
Description STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver

File Size 95.95K  /  2 Page

View it Online

Download Datasheet

    Applied Micro Circuits, Corp.
Part No. CS1220
OCR Text ...s amcc s4805 (danube) sonet/sdh mapper sts-48/stm-16, 4 x sts-12/stm, 4 x sts-3/stm-1 amcc s4806 (ohio) oc-48/4 x oc-12 sonet/sdh framer and channelized atm/pos mapper amcc s1208 (evros) sts-12 /stm-4 ds3/e3/ds1 e1/vt/ tu sonet/sdh mapper...
Description SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR) 的SONET / SDH / ATM的四OC-3/12带有时钟数据恢复(CDR

File Size 105.24K  /  2 Page

View it Online

Download Datasheet

    Applied Micro Circuits, Corp.
Part No. S19235
OCR Text ...202) sts-192 pos/atm sonet/ sdh mapper ganges ii (s19202) sts-192 pos/atm sonet/ sdh mapper hudson (s19203) variable rate digital wrapper framer/deframer, performance monitor, and fec device mekong (s19204) sts-192 pointer processor kh...
Description OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver OC - 192的SONET / SDH /纠错/千兆16位收发器

File Size 81.67K  /  2 Page

View it Online

Download Datasheet

    Exar, Corp.
Part No. XRT91L30IQ
OCR Text ...el clock signal from the framer/mapper to synchronize the transmit section timing. the device can internally monitor loss of signal (los) condition and automatically mute received data upon los. an on-chip sonet/sdh frame byte and bound...
Description STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER TRANSCEIVER, PQFP64

File Size 436.55K  /  39 Page

View it Online

Download Datasheet

    TMXF28155

AGERE[Agere Systems]
Part No. TMXF28155
OCR Text mapper 155/51 Mbits/s SONET/SDH x28/x21 DS1/E1 1 Features s 1.2 STS/STM Pointer Interpreter s s Versatile IC supports 155/51 Mbits/s SONET/SDH interface solutions for T3/E3, DS2, T1/E1/J1, and DS0/E0/J0 applications. Implementation...
Description TMXF28155 Super mapper 155/51 Mbits/s SONET/SDH x28/x21 DS1/E1

File Size 4,397.22K  /  606 Page

View it Online

Download Datasheet

    TMXF84622

AGERE[Agere Systems]
Part No. TMXF84622
OCR Text ...channels to/from the M13 and VT mapper. Also supports up to 7 x 3 DS2 signals to/from the external pins or M12 MUXes, connecting to the M13 MUX M23 block. Connects six clear channel DS3, E3, and STS-1 signals from the external pins to the M...
Description TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper

File Size 460.65K  /  62 Page

View it Online

Download Datasheet

    Applied Micro Circuits, Corp.
Part No. CS19208CBI
OCR Text ...192/48/12/3 dw/fec/pm and async mapper device part number s19208cbi, revision 1.4, jan 2003 features g.709 odu - 2 synchronous and asynchronous mapping ? 1 x oc ? 192/stm-64 mapping (239,237)  direct map (239,238) into odu ? 2 g.709 odu -...
Description OC-192/48/12/3 DW/FEC/PM and ASYNC mapper Device OC-192/48/12/3仓库/前向纠错/ PM和异步映射器装置

File Size 124.56K  /  4 Page

View it Online

Download Datasheet

For mapper Found Datasheets File :: 337    Search Time::1.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mapper

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.0723829269409