Part Number Hot Search : 
00150 04M050 A1SY80 3HRJ0 EM871 A2C22 B431LAZ 25402
Product Description
Full Text Search
  mains-fed Datasheet PDF File

For mains-fed Found Datasheets File :: 230    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TDA1010 TDA1010A

NXP Semiconductors
Part No. TDA1010 TDA1010A
OCR Text ...s 10 w audio power amplifier in mains-fed applications november 1982 2 philips semiconductors product speci?cation 6 w audio power ampli?er in car applications 10 w audio power ampli?er in mains-fed tda1010a the tda1010a is a monolithic i...
Description 6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications

File Size 592.60K  /  22 Page

View it Online

Download Datasheet





    Triton
Part No. AS2000T
OCR Text ... connect the shower unit to the mains cold water supply as it would damage the unit and also, the installation would be in breach of the gui...fed at nominally equal pressures). Minimum static inlet pressure 0.0075 bar or 75mm (required to pri...
Description Thermostatic and Manual Power Shower

File Size 1,049.82K  /  28 Page

View it Online

Download Datasheet

    TDA4605-2 Q67000-A5020 TDA46052

SIEMENS[Siemens Semiconductor Group]
Infineon
Part No. TDA4605-2 Q67000-A5020 TDA46052
OCR Text ... the winding inductance and the mains voltage. The network consisting of R 4-C5 is used to create a model of the sawtooth shaped rise of the collector current. The resulting control voltage is fed into pin 2 of the IC. The RC-time constant ...
Description Power Control ICs - Off-line quasi-resonant PWM controller
Control IC for Switched-Mode Power Supplies using MOS-Transistors
From old datasheet system

File Size 559.39K  /  20 Page

View it Online

Download Datasheet

    SIEMENS AG
Part No. DI300
OCR Text ...be supplied at 12v ac, the 230v mains supply must first be stepped down to 12v by means of a suitable intermediate transformer. these step-d...fed via fuse si1 to the bridge rectifier comprising diodes d1 to d4. relative to the rectifiers gr o...
Description Phase Switch-off Dimmer(相位转换调光

File Size 466.20K  /  5 Page

View it Online

Download Datasheet

    TDA7053

NXP Semiconductors N.V.
Philips Semiconductors
Part No. TDA7053
OCR Text mains-fed stereo power amplifier Product specification File under Integrated Circuits, IC01 February 1994 Philips Semiconductors Product specification 2 x 1 W portable/mains-fed stereo power amplifier GENERAL DESCRIPTION TDA70...
Description 2 x 1 W portable/mains-fed stereo power amplifier(2 x 1 W便携干线馈送的立体声功率放大器) 1.2 W, 2 CHANNEL, AUDIO AMPLIFIER, PDIP16

File Size 97.54K  /  12 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. AN510
OCR Text MAINS FILTERING by J. M. Bourgeois 1. INTRODUCTION The new European Norms EN 60555 and the international standard IEC555 will impose a l...fed back to the mains. The addition of the PFC represents another switching stage in the system, mea...
Description CIRCUITS FOR POWER FACTOR CORRECTION WITH REGARDS TO MAINS FILTERING

File Size 152.43K  /  9 Page

View it Online

Download Datasheet

    SIEMENS AG
Part No. TDA4605-3
OCR Text ... the winding inductance and the mains voltage. the network consisting of r 4 - c 5 is used to create a model of the sawtooth shaped rise of the collector current. the resulting control voltage is fed into pin 2 of the ic. the rc-time const...
Description Control IC for Switched-Mode Power Supplies using MOS-transistors(开关模式电源控制IC) 控制芯片的开关模式电源使用马鞍山晶体管(开关模式电源控制集成电路)

File Size 559.62K  /  20 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. AN527
OCR Text ...he lamp is first turned on, the mains voltage across it is not sufficient to cause the initial ionisation of the vapour. a starting element ...fed half-bridge resonant circuits (figure 5), and push-pull resonant circuits (figure 8). 3.1 voltag...
Description ELECTRONIC FLOURESCENT LAMP BALLAST

File Size 66.34K  /  10 Page

View it Online

Download Datasheet

    INTEGRAL
Part No. ILA7053N
OCR Text mains-fed stereo power amplifier the ila7053n is an integrated class-b stereo power amplifier in a 16-lead dual-in-line (dil) plastic package. the device, consisting of two btl amplifiers, is primarily developed for portable audio applicati...
Description 2 x 1 W portable/mains-fed stereo power amplifier

File Size 133.60K  /  6 Page

View it Online

Download Datasheet

    KKA7053N

KODENSHI CORP.
KODENSHI KOREA CORP.
Part No. KKA7053N
OCR Text mains-fed stereo power amplifier The KKA7053N is an integrated class-B stereo power amplifier in a 16-lead dual-in-line (DIL) plastic package. The device, consisting of two BTL amplifiers, is primarily developed for portable audio applicat...
Description 2 x 1 W portable/mains-fed stereo power amplifier

File Size 271.21K  /  6 Page

View it Online

Download Datasheet

For mains-fed Found Datasheets File :: 230    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mains-fed

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2701940536499