Part Number Hot Search : 
BA80JC5T PZTA14 ES18C28 RPH4NSC IDT7226 980NB AD7710 ST8024T
Product Description
Full Text Search
  m50 Datasheet PDF File

For m50 Found Datasheets File :: 121    Search Time::2.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 |   

    HARWIN INC
Part No. m50-482845
OCR Text m50 connectors polarised male connectors p c t ail male connectors suitable for use with female connector m50-430 (page 79). single polarisation to prevent mis-mating. s hrouded for additional pin protection. finish 45 ...
Description 56 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER

File Size 462.23K  /  1 Page

View it Online

Download Datasheet





    HARWIN INC
Part No. m50-078050F0645 m50-078050S2045 m50-078050W0245
OCR Text m50 connectors materials mouldings: high temperature plastic ul94v-0 contacts: copper alloy finish: m50-3xx: gold on contact area, tin on tails m50-4xx: gold e lectrical current rating: 1a per contact voltage r...
Description 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 4,399.37K  /  9 Page

View it Online

Download Datasheet

    MITSUMI ELECTRIC CO LTD
Part No. m50-06-30-131S-1
OCR Text m50 series connectors features csk-m50 series mini-circular connectors are miniature version of standard circular din connectors and are used for interface connector of various oa equipment (p.c., word processor etc.), game machines and av ...
Description 6 CONTACT(S), BOARD MOUNT, MINI DIN CONNECTOR, SOCKET

File Size 88.63K  /  4 Page

View it Online

Download Datasheet

    HARWIN INC
Part No. m50-3000922
OCR Text m50 connectors male & female pc tail connectors 1.27 mm (.050") pitch without posts mating connectors, also suitable for use with other un-shrouded m50 connectors. how to order vertical horizontal recommended pc board pattern recommend...
Description 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET

File Size 212.13K  /  1 Page

View it Online

Download Datasheet

    M50-3150542

Harwin Plc
Part No. m50-3150542
OCR Text m50 suitable for use with male connectors on pages 108 to 109. locating pegs (posts) available to ensure correct positioning on the board. dual entry connector can be used as either top or bottom entry. female vertical surface moun...
Description Archer Connectors - m50

File Size 2,721.29K  /  1 Page

View it Online

Download Datasheet

    M50

M/A-COM Technology Solutions, Inc.
Part No. m50
OCR Text m50 / m50C Triple-Balanced Mixer Rev. V2 Features * * * * * * LO 2.0 TO 26.0 GHz RF 2.0 TO 26.0 GHz IF 1.0 TO 15.0 GHz LO DRIVE +10 dBm (nominal) HIGH COMPRESSION POINT VERY WIDE BANDWIDTH Product Image Description The m50 is a...
Description Triple-Balanced Mixer

File Size 1,099.99K  /  3 Page

View it Online

Download Datasheet

    M50-3904042 M50-3903542

Harwin PLC
Part No. m50-3904042 m50-3903542
OCR Text m50 connectors male vertical & horizontal suitable for use with female connectors on pages 92 to 94. also available with variable dimensions, see page 96. additional number of ways available on request. how to order m50 C 3 x 0 ...
Description 1.27mm Pitch DIL Horizontal PC Tail Pin Header, selective gold tin, 40 40-way 80 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
1.27mm Pitch DIL Horizontal PC Tail Pin Header, selective gold tin, 35 35-way 70 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER

File Size 593.43K  /  1 Page

View it Online

Download Datasheet

    M50-4302445 M50-4903845 M50-4903045 M50-4302845 M50-4302745 M50-4300545

Harwin PLC
Part No. m50-4302445 m50-4903845 m50-4903045 m50-4302845 m50-4302745 m50-4300545
OCR Text m50 c onnectors vertical surface mount, single polarised mating connectors in surface mount format. female connector is also suitable for use with male connectors on page 98. single polarisation to prevent mis-mating. female con...
Description 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET

File Size 758.30K  /  1 Page

View it Online

Download Datasheet

    M50-3002345 M50-3200945 M50-3201145 M50-3202545 M50-3203045 M50-3001945 M50-3000445 M50-3001845 M50-3001745 M50-3001445

Harwin PLC
HARWIN INC
Part No. m50-3002345 m50-3200945 m50-3201145 m50-3202545 m50-3203045 m50-3001945 m50-3000445 m50-3001845 m50-3001745 m50-3001445
OCR Text m50 c onnectors female p c t ail a range of 1.27mm pitch female connectors, for vertical and horizontal board-to-board applications. suitable for use with male connectors on pages 95 to 96. horizontal connector has two point solde...
Description 46 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET LEAD FREE
1.27mm Pitch DIL Horizontal PC Tail Socket Assembly, gold, 9 9-way 18 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
1.27mm Pitch DIL Horizontal PC Tail Socket Assembly, gold, 11 11-way 22 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
1.27mm Pitch DIL Horizontal PC Tail Socket Assembly, gold, 25 25-way 50 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
1.27mm Pitch DIL Horizontal PC Tail Socket Assembly, gold, 30 30-way 60 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
36 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET

File Size 752.70K  /  1 Page

View it Online

Download Datasheet

For m50 Found Datasheets File :: 121    Search Time::2.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of m50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.63607597351074