|
|
|
|
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
Part No. |
M37210M4-562SP M37211M2-011SP M37211M2-534SP M37211M2-535SP M37211M2-526SP M37211M2-529SP M37210M3-623SP M37211M2-609SP M37211M2-704SP M37210E4-801FP M37210M4-807SP M37210M4-657SP M37210M3-708SP M37210M4-787SP
|
Description |
RESIS,4.7K,5%,1-8W,SMT1206 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RES 4.7K-OHM 5% 0.125W 200PPM THK-FILM SMD-1206 BULK DIODE SWITCHING SINGLE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER 单芯位CMOS微机电压合成与屏幕显示控制器
|
File Size |
771.90K /
59 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|
JITONG
TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor |
Part: M37211M2 |
Maker: |
Pack: |
Stock: |
Unit price
for : |
50: $4.62 |
100: $4.38 |
1000:
$4.15 |
Email: oulindz@gmail.com |
Contact us |
|
|