Part Number Hot Search : 
C4780 MA5J002E SMBJ22A C4741G BYT16P GCM155R7 5B050 97M00
Product Description
Full Text Search
  M28W320EBB85N1T Datasheet PDF File

For M28W320EBB85N1T Found Datasheets File :: 2+       Page :: | <1> |   

    意法半导
STMicroelectronics N.V.
Part No. M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M28W320EBT85ZB1T M28W320EBB85ZB6T M28W320EBB85N6T M28W320EBB90N6T M28W320EBB90N1 M28W320EBB90N1T M28W320EB-ZBT M28W320EBB10ZB1 M28W320EBB10ZB6T M28W320EBT10N1 M28W320EBB10N6T -M28W320EBB85N1T
Description Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V
surface mount silicon Zener diodes
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆

File Size 305.77K  /  45 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    M28W320EB-ZB M28W320EB-ZBT M28W320EBB M28W320EBB10N1 M28W320EBB10N1T M28W320EBB10N6 M28W320EBB10N6T M28W320EBB10ZB1 M28W

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. M28W320EB-ZB M28W320EB-ZBT M28W320EBB M28W320EBB10N1 M28W320EBB10N1T M28W320EBB10N6 M28W320EBB10N6T M28W320EBB10ZB1 M28W320EBB10ZB1T M28W320EBB10ZB6 M28W320EBB10ZB6T M28W320EBB70N1 M28W320EBB70N1T M28W320EBB70N6 M28W320EBB70N6T M28W320EBB70ZB1 M28W320EBB70ZB1T M28W320EBB70ZB6 M28W320EBB70ZB6T M28W320EBB85N1 M28W320EBB85N6 M28W320EBB85N6T M28W320EBB85ZB1 M28W320EBB85ZB6 M28W320EBB85ZB6T M28W320EBB90N1 M28W320EBB90N1T M28W320EBB90N6 M28W320EBT90ZB6T M28W320EBB85N1T M28W320EBB85ZB1T M28W320EBB90N6T M28W320EBB90ZB1 M28W320EBB90ZB1T M28W320EBB90ZB6 M28W320EBB90ZB6T M28W320EBT M28W320EBT10N1 M28W320EBT10N1T M28W320EBT10N6 M28W320EBT10N6T M28W320EBT10ZB1 M28W320EBT10ZB1T M28W320EBT10ZB6 M28W320EBT10ZB6T M28W320EBT70N1 M28W320EBT70N1T M28W320EBT70N6 M28W320EBT70N6T M28W320EBT70ZB1 M28W320EBT70ZB1T M28W320EBT70ZB6 M28W320EBT70ZB6T M28W320EBT85N1 M28W320EBT85N1T M28W320EBT85N6 M28W320EBT85N6T M28W320EBT85ZB1 M28W320EBT85ZB1T M28W320EBT85ZB6 M28W320EBT85ZB6T M28W320EBT90N1 M28W320EBT90N1T M28W320EBT90N6 M28W320EBT90N6T M28W320EBT90ZB1 M28W320EBT90ZB1T M28W320EBT90ZB6 8175
Description 32MBIT (2MB X 16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
From old datasheet system

File Size 296.93K  /  45 Page

View it Online

Download Datasheet

For M28W320EBB85N1T Found Datasheets File :: 2+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of M28W320EBB85N1T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0422229766846