|
|
|
ST Microelectronics
|
Part No. |
M28W231-120N1TR M28W231-120N6TR M28W231-180N5TR M28W231-150N1TR M28W231-100N1TR M28W231-120N5TR M28W231-150N5TR M28W231-150N6TR M28W231-180N6TR
|
Description |
256K X 8 FLASH 12V PROM, 120 ns, PDSO40 10 X 20 MM, TSOP-40 256K X 8 FLASH 12V PROM, 180 ns, PDSO40 10 X 20 MM, TSOP-40 256K X 8 FLASH 12V PROM, 150 ns, PDSO40 10 X 20 MM, TSOP-40 256K X 8 FLASH 12V PROM, 100 ns, PDSO40 10 X 20 MM, TSOP-40
|
File Size |
46.29K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
Part No. |
M29W004T-100N5TR M29W004B-90N5TR M29W004B-120N5TR M29W004T-150N5TR M29W004B-150N5TR M29W004T-120N5TR M29W004B-100N6TR M29W004B-100N1TR M29W004T-90N5TR M29W004B-150N6TR -M29W004T-120N5TR -M29W004T-150N1TR STMICROELECTRONICS-M29W004T-90N6TR STMICROELECTRONICS-M29W004B-100N6TR -M29W004T-150N5TR M29W004T-100N1
|
Description |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Excalibur High-Speed JFET-Input Dual Operational Amplifier 8-SOIC PT02A SERIES (MS3112) GENERAL DUTY BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 16 SHELL SIZE, 16-8 INSERT ARRANGEMENT, RECEPTACLE GENDER, 8 CONTACTS Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:30W; Output Current:2.5A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Peak Reflow Compatible (260 C):No 4 Mbit 512Kb x8 / Boot Block Low Voltage Single Supply Flash Memory 4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory 4兆位512KB的8,启动块低压单电源闪 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 512K X 8 FLASH 2.7V PROM, 100 ns, PDSO40
|
File Size |
226.78K /
30 Page |
View
it Online |
Download Datasheet |
|
Bom2Buy.com
Price and Availability
|