Part Number Hot Search : 
FN2319 BA6287F1 P4SMA36A CBC3225T BFX48 HCT05 KAV99 X25057
Product Description
Full Text Search
  M24C08B Datasheet PDF File

For M24C08B Found Datasheets File :: 2+       Page :: | <1> |   

    M24C08-W M24C08-R M24C08-WMN6 M24C08-WMN6TP M24C04WMN1T M24C04WMN3T M24C04WMN6T M24C02-WMN3_S M24C02-WMN3G_S M24C02-WMN3

意法半导
EEPROM
STMicroelectronics N.V.
Part No. M24C08-W M24C08-R M24C08-WMN6 M24C08-WMN6TP M24C04WMN1T M24C04WMN3T M24C04WMN6T M24C02-WMN3_S M24C02-WMN3G_S M24C02-WMN3P M24C02-WMN3P_S M24C02-WMN3T_S M24C02-WMN3TG_S M24C02-WMN6_W M24C04-WMN6 M24C04-LBN6T M24C04-LBN3T M24C02 M24C01 M24C08 M24C04-LMN3T M24C04-LMN6T M24C08-RBN6 M24C08-RBN3/W M24C08-RBN6/W M24C08-RBN6T M24C08-RBN3P M24C08-RBN3T M24C08-RBN6G M24C08-RBN6/S M24C08-RBN3/S M24C08-RBN3G M24C08-RBN6P M24C16-DW6T M24C16-DW3T M24C16-SDW6T M24C16-SDW3T M24C16-SDS3T M24C16-SDS6T M24C04-WBN6TP/W M24C08-MN6T M24C08-MN3T M24C02-WBN6T/W M24C04-RMN3T/W M24C04-RBN6TP/W M24C04-WBN6TP/S M24C08-WDS3 M24C08-WDS3G M24C08-WDS6 M24C08-WMN6TP/W M24C08-WDW6P M24C04-RMN6TP/S M24C08-WDS6G M24C08-WDS6P M24C08-WDW6G M24C08-WDW3 M24C08-RBN6T/W M24C08-WDW3P M24C08-WDS3/W M24C04-RMN3TP/S M24C08-WDW3G M24C08-WDS3/S M24C01-RBN6TP/W M24C08-WDS3P M24C01-WMN3TP/S M24C01-WDW6TP/S M24C01-WMN6TP/S M24C01-RBN3TP/S M24C04-RBN6T/W M24C04-RDS3G M24C04-WBN6T/W M24C04-RDS6P M24C04-RDW3 M24C04-RDW6 M24C04-WMN6TP/W M24C04-RDS6T M24C04-RDS3T M24C04-RDS6G M24C02-WMN3/S M24C02-WMN6/W M24C08-WBN3G/S M24C16-WBN3G/S M24C16-RBN3G/S M24C01-RBN3G/S M24C01-WBN3G/S M24C02-RBN3G/S M24C02-WBN3G/S M24C04-RBN3G/S M24C04-WBN3G/S
Description 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
Microprocessor Crystal; Frequency:22.1184MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:40ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Oscillator Type:TCXO RoHS Compliant: Yes
Microprocessor Crystal; Frequency:48MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
CRYSTAL 9.84375MHZ 10PF SMD
UHF power transistor
NPN 2 GHz RF power transistor - @ f: 1900 MHz; @ f1: 1900 ; GUM: 7 dB; GUM @ f1: 7 dB; IC: 250 mA; Ptot: 250 mW; Polarity: NPN ; VCEO max: 8 V
CRYSTALS 20/0.035 -40 85 12.5P 32.768KHZ 3.2X1.5X0.8MM 2 PAD
MMIC variable gain amplifier
AB 3C 3#12 SKT RECP
Microprocessor Crystal; Frequency:8.192MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:35ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
Microprocessor Crystal; Frequency:8MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:35ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Schottky barrier double diodes - Cd max.: 100@VR=4V pF; Configuration: dual c.a. ; IF: 1 A; IFSM max: 10 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V
XTL, OSC, 50.000 MHZ, 100PPM
Microprocessor Crystal; Frequency:27MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:40ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Oscillator Type:TCXO RoHS Compliant: Yes
Schottky barrier diode - Cd max.: 10@VR=1V pF; Configuration: single ; IF max: 200 mA; IFSM max: 300 A; IR max: 2.3@VR=25VA; VFmax: 400@IF=10mA mV; VR max: 30 V
CONNECTOR ACCESSORY
PNP/PNP matched double transistors
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,SIP
AB 17C 17#16 PIN RECP
45 V, 100 mA NPN general-purpose transistors
NPN/PNP general purpose transistor - Description: Matched Pair
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015
CRYSTAL 4.897MHZ 20PF SMD
Thyristors - IGT: 32 mA; IT (RMS): 20 A; VDRM: 650 V
Thyristors - IGT: 32 mA; IT (RMS): 20 A; VDRM: 800 V
POT 200 OHM 3/4 RECT CERM MT
Thyristors logic level for RCD/GFI/LCCB applications - IGT: 0.2 (min 0.02) mA; IT (RMS): 0.8 A; VDRM: 500 V
Thyristors logic level for RCD/GFI/LCCB applications - IGT: 0.2 (min 0.02) mA; IT (RMS): 0.8 A; VDRM: 600 V
Microprocessor Crystal; Frequency:50MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
Microprocessor Crystal; Frequency:6MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:40ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
Microprocessor Crystal; Frequency:5MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:50ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes
PowerMOS transistor Logic level TOPFET - @ VIS: 5 V; ID: 15 A; Number of pins: 3 ; RDS(on): 0.125 mOhm; VDSmax: 50 V
Solder Masking Agent; Dispensing Method:Jar; Features:For Lead-Free Applications; Used w/Tin/Lead Solders; Provides Short-Term High-Temp. Protection; Leaded Process Compatible:Yes; Volume:1gallon (US) RoHS Compliant: Yes
CRYSTAL 6.7458MHZ 20PF SMD
Microprocessor Crystal; Frequency:3.579545MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:180ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Oscillator Type:TCXO RoHS Compliant: Yes
RES ARRAY 24 OHM 8TRM 4RES SMD
SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 15kV/us; Package: SOIC-W; No of Pins: 8; Container: Box
NPN 5 GHz wideband transistor - @ f: 1000 MHz; @ f1: 1000 ; @ f2: 2000 ; @ IC: 14 mA; fT: 5 GHz; Frequency: 3 MHz; GUM @ f1: 14 dB; GUM @ f2: 8 dB; Gain @ 900 Mhz: 14 dB; IC: 25 mA; Noise figure: 3@f22.1@f1 dB; Ptot: 300
High-speed switching diodes - Cd max.: 1.5 pF; Configuration: quad c.c./c.c. ; IF max: 250 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 450 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 100 V
Thyristors logic level for RCD/GFI/LCCB applications - IGT: 0.2 (min 0.02) mA; IT (RMS): 0.8 A; VDRM: 500 V
Low-leakage diode - Cd max.: 2 pF; Configuration: single ; IF max: 200 mA; IFSM max: 4 A; IR max: 5@VR=75V nA; IFRM: 500 mA; trr max: 3000 ns; VFmax: 1@IF=10mA mV; VR max: 75 V
Low-leakage diode - Cd max.: 4 pF; Configuration: single ; IF max: 250 mA; IFSM max: 4 A; IR max: 1@VR=125V nA; IFRM: 625 mA; trr max: 1500 ns; VFmax: 1@IF=100mA mV; VR max: 125 V
NPN 7GHz wideband transistor - @ f: 500 MHz; @ f1: 500 ; @ f2: 800 ; @ IC: 100 mA; fT: 7 GHz; GUM: 16 dB; GUM @ f1: 16 dB; GUM @ f2: 12 dB; IC: 150 mA; Ptot: 1000 mW; Polarity: NPN ; VCE: 10 V; VThyristors - IGT: 32 mA; IT (RMS): 20 A; VDRM: 650 V
NPN 2 GHz RF power transistor - @ f: 1900 MHz; @ f1: 1900 ; GUM: 7 dB; GUM @ f1: 7 dB; IC: 250 mA; Ptot: 250 mW; Polarity: NPN ; VCEO max: 8 V
Schottky barrier double diodes - Cd max.: 100@VR=4V pF; Configuration: dual series ; IF: 1 A; IFSM max: 10 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V
Schottky barrier diode - Cd max.: 10@VR=1V pF; Configuration: single ; IF max: 200 mA; IFSM max: 300 A; IR max: 2.3@VR=25VA; VFmax: 400@IF=10mA mV; VR max: 30 V
Thyristors logic level - IGT: 0.2 mA; IT (RMS): 8 A; VDRM: 500 V
Thyristors - IGT: 32 mA; IT (RMS): 20 A; VDRM: 800 V
Schottky barrier double diodes - Cd max.: 100@VR=4V pF; Configuration: dual c.a. ; IF: 1 A; IFSM max: 10 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V
Schottky barrier diode - Cd max.: 90@VR=0V pF; Configuration: single ; IF: 0.5 A; IFSM max: 2 A; IR max: 0.1@VR=35V mA; VFmax: 550@IF=0.5A mV; VR: 40 V
AB 4C 4#12 PIN PLUG
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Silicon PIN diode
NPN 14 GHz wideband transistor
PowerMOS transistor Logic level TOPFET - @ VIS: 5 V; ID: 15 A; Number of pins: 3 ; RDS(on): 0.125 mOhm; VDSmax: 50 V
HDWR PLATE SER 3 FRNT MNT BLK
OSCILLATORS 50PPM 0 70 3.3V 4 33.000MHZ TS 5X7MM 4PAD SMD
Thyristors; logic level for RCD/GFI/LCCB applications - IGT: 0.2 (min 0.02) mA; IT (RMS): 1.0 A; VDRM: 600 V
Thyristor logic level - IGT: 0.05 mA; IT (RMS): 0.8 A; VDRM: 400 V; VRRM: 400 V
Thyristors logic level - IGT: 0.2 mA; IT (RMS): 0.8 A; VDRM: 200 V
Thyristors logic level - IGT: 0.2 mA; IT (RMS): 0.8 A; VDRM: 400 V
16KbitKbitKbitKbit1Kbit串行I2C总线的EEPROM
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM
8-Pin SOIC High Speed - 10 MBit/s Logic Gate Output Optocoupler 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS
HDWR SPACER REAR MNT SER 3 BLK 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
AB 7C 7#12 PIN PLUG 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM
RECTIFIER SBR DUAL 40A 40V 280A-ifsm 530mV-vf 0.5mA-ir ITO-220AB 50/TUBE 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM

File Size 144.80K  /  25 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    M24C08WBN1T M24C08WBN3T M24C08WBN6T M24C08WDW1T M24C08WDW3T M24C08WDW6T M24C08WEA1T M24C08WEA3T M24C08WEA6T M24C08WMN1T

STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. M24C08WBN1T M24C08WBN3T M24C08WBN6T M24C08WDW1T M24C08WDW3T M24C08WDW6T M24C08WEA1T M24C08WEA3T M24C08WEA6T M24C08WMN1T M24C08WMN3T M24C08WMN6T M24C04 M24C04BN1T M24C04BN3T M24C04-BN3T M24C04BN6T M24C04-BN6T M24C04-DS3T M24C04-DS6T M24C04DW1T M24C04DW3T M24C04-DW3T M24C04DW6T M24C04-DW6T M24C04EA1T M24C04EA3T M24C04EA6T M24C04-LBN3T M24C04-LBN6T M24C16 M24C16BN1T M24C16BN3T M24C16-BN3T M24C16BN6T M24C16-BN6T M24C16-DS3T M24C16-DS6T M24C16DW1T M24C16DW3T M24C16-DW3T M24C16DW6T M24C16-DW6T M24C16EA1T M24C16EA3T M24C16EA6T M24C16WBN1T M24C16WBN3T M24C16WBN6T M24C16WDW1T M24C16WDW3T M24C16WDW6T M24C16WEA1T M24C16WEA3T M24C16WEA6T M24C16WMN1T M24C16WMN3T M24C16WMN6T M24C02 M24C02BN1T M24C02BN3T M24C02-BN3T M24C02BN6T M24C02-BN6T M24C02-DS3T M24C02-DS6T M24C02DW1T M24C02DW3T M24C02-DW3T M24C02DW6T M24C02-DW6T M24C02EA1T M24C02EA3T M24C02EA6T M24C02-LBN3T M24C02-LBN6T M24C02-LDS3T M24C02-LDS6T M24C02-LDW3T M24C02-LDW6T M24C02-LMN3T M24C02-LMN6T M24C02MN1T M24C02MN3T M24C02-MN3T M24C02MN6T M24C02-MN6T M24C02RBN1T M24C02RBN3T M24C02-RBN3T M24C02RBN6T M24C02-RBN6T M24C02-RDS3T M24C02-RDS6T M24C02RDW1T M24C02RDW3T M24C02-RDW3T M24C02RDW6T M24C02-RDW6T M24C02REA1T M24C02REA3T M24C02REA6T M24C0
Description 16/8/4/2/1 Kbit Serial IC Bus EEPROM
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM

File Size 154.97K  /  20 Page

View it Online

Download Datasheet

For M24C08B Found Datasheets File :: 2+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: M24C08
Maker: ST
Pack: SO-8
Stock: Reserved
Unit price for :
    50: $0.12
  100: $0.11
1000: $0.11

Email: oulindz@gmail.com

Contact us

 
Price & Availability of M24C08B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.21281886100769